Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1004 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI1004
Description  Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
Download  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1004 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI1004 Datasheet HTML 5Page - Silicon Laboratories SI1004 Datasheet HTML 6Page - Silicon Laboratories SI1004 Datasheet HTML 7Page - Silicon Laboratories SI1004 Datasheet HTML 8Page - Silicon Laboratories SI1004 Datasheet HTML 9Page - Silicon Laboratories SI1004 Datasheet HTML 10Page - Silicon Laboratories SI1004 Datasheet HTML 11Page - Silicon Laboratories SI1004 Datasheet HTML 12Page - Silicon Laboratories SI1004 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 376 page
background image
Rev. 1.0
9
Si1000/1/2/3/4/5
SFR Definition 22.1. SPI1CFG: SPI Configuration ..................................................... 234
SFR Definition 22.2. SPI1CN: SPI Control ................................................................. 235
SFR Definition 22.3. SPI1CKR: SPI Clock Rate ......................................................... 236
SFR Definition 22.4. SPI1DAT: SPI Data ................................................................... 237
SFR Definition 24.1. SMB0CF: SMBus Clock/Configuration ...................................... 293
SFR Definition 24.2. SMB0CN: SMBus Control .......................................................... 295
SFR Definition 24.3. SMB0ADR: SMBus Slave Address ............................................ 298
SFR Definition 24.4. SMB0ADM: SMBus Slave Address Mask .................................. 298
SFR Definition 24.5. SMB0DAT: SMBus Data ............................................................ 301
SFR Definition 25.1. SCON0: Serial Port 0 Control .................................................... 314
SFR Definition 25.2. SBUF0: Serial (UART0) Port Data Buffer .................................. 315
SFR Definition 26.7. SPI0CFG: SPI0 Configuration ................................................... 324
SFR Definition 26.8. SPI0CN: SPI0 Control ............................................................... 325
SFR Definition 26.9. SPI0CKR: SPI0 Clock Rate ....................................................... 326
SFR Definition 26.10. SPI0DAT: SPI0 Data ............................................................... 326
SFR Definition 27.1. CKCON: Clock Control .............................................................. 331
SFR Definition 27.2. TCON: Timer Control ................................................................. 336
SFR Definition 27.3. TMOD: Timer Mode ................................................................... 337
SFR Definition 27.4. TL0: Timer 0 Low Byte ............................................................... 338
SFR Definition 27.5. TL1: Timer 1 Low Byte ............................................................... 338
SFR Definition 27.6. TH0: Timer 0 High Byte ............................................................. 339
SFR Definition 27.7. TH1: Timer 1 High Byte ............................................................. 339
SFR Definition 27.8. TMR2CN: Timer 2 Control ......................................................... 343
SFR Definition 27.9. TMR2RLL: Timer 2 Reload Register Low Byte .......................... 344
SFR Definition 27.10. TMR2RLH: Timer 2 Reload Register High Byte ...................... 344
SFR Definition 27.11. TMR2L: Timer 2 Low Byte ....................................................... 345
SFR Definition 27.12. TMR2H Timer 2 High Byte ....................................................... 345
SFR Definition 27.13. TMR3CN: Timer 3 Control ....................................................... 349
SFR Definition 27.14. TMR3RLL: Timer 3 Reload Register Low Byte ........................ 350
SFR Definition 27.15. TMR3RLH: Timer 3 Reload Register High Byte ...................... 350
SFR Definition 27.16. TMR3L: Timer 3 Low Byte ....................................................... 351
SFR Definition 27.17. TMR3H Timer 3 High Byte ....................................................... 351
SFR Definition 28.1. PCA0CN: PCA Control .............................................................. 365
SFR Definition 28.2. PCA0MD: PCA Mode ................................................................ 366
SFR Definition 28.3. PCA0PWM: PCA PWM Configuration ....................................... 367
SFR Definition 28.4. PCA0CPMn: PCA Capture/Compare Mode .............................. 368
SFR Definition 28.5. PCA0L: PCA Counter/Timer Low Byte ...................................... 369
SFR Definition 28.6. PCA0H: PCA Counter/Timer High Byte ..................................... 369
SFR Definition 28.7. PCA0CPLn: PCA Capture Module Low Byte ............................. 370
SFR Definition 28.8. PCA0CPHn: PCA Capture Module High Byte ........................... 370
C2 Register Definition 29.1. C2ADD: C2 Address ...................................................... 371
C2 Register Definition 29.2. DEVICEID: C2 Device ID ............................................... 372
C2 Register Definition 29.3. REVID: C2 Revision ID .................................................. 372
C2 Register Definition 29.4. FPCTL: C2 Flash Programming Control ........................ 373
C2 Register Definition 29.5. FPDAT: C2 Flash Programming Data ............................ 373


Similar Part No. - SI1004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI1004 ETC2-SI1004 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI1004-E-GM ETC2-SI1004-E-GM Datasheet
925Kb / 16P
   Si1000/Si1010 WIRELESS MCU QUICK-START GUIDE
logo
Silicon Laboratories
Si1004-E-GM SILABS-Si1004-E-GM Datasheet
99Kb / 2P
   Silicon Labs is pleased to announce Revision 1.2 of the Si100x datasheet
Si1004-E-GM2 SILABS-Si1004-E-GM2 Datasheet
2Mb / 382P
   MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
More results

Similar Description - SI1004

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1010 SILABS-SI1010 Datasheet
2Mb / 384P
   Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
C8051F015 SILABS-C8051F015 Datasheet
416Kb / 2P
   25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F047 SILABS-C8051F047 Datasheet
410Kb / 2P
   25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F010 SILABS-C8051F010 Datasheet
171Kb / 2P
   20 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F930-G-GM SILABS-C8051F930-G-GM Datasheet
4Mb / 351P
   Single/Dual Battery, 0.9??.6 V, 64/32 kB, SmaRTClock, 10-Bit ADC MCU
C8051F045 SILABS-C8051F045 Datasheet
410Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F133 SILABS-C8051F133 Datasheet
178Kb / 2P
   100 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F023 SILABS-C8051F023 Datasheet
194Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F043 SILABS-C8051F043 Datasheet
418Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
logo
STMicroelectronics
STM32L051X6 STMICROELECTRONICS-STM32L051X6_V01 Datasheet
1Mb / 133P
   Access line ultra-low-power 32-bit MCU Arm짰-based Cortex짰-M0, up to 64 KB Flash, 8 KB SRAM, 2 KB EEPROM, ADC
October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com