Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2706-A10-GQ Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI2706-A10-GQ
Description  EMI MITIGATING 2.1X 5 W CLASS D AUDIO AMPLIFIER
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2706-A10-GQ Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI2706-A10-GQ Datasheet HTML 4Page - Silicon Laboratories SI2706-A10-GQ Datasheet HTML 5Page - Silicon Laboratories SI2706-A10-GQ Datasheet HTML 6Page - Silicon Laboratories SI2706-A10-GQ Datasheet HTML 7Page - Silicon Laboratories SI2706-A10-GQ Datasheet HTML 8Page - Silicon Laboratories SI2706-A10-GQ Datasheet HTML 9Page - Silicon Laboratories SI2706-A10-GQ Datasheet HTML 10Page - Silicon Laboratories SI2706-A10-GQ Datasheet HTML 11Page - Silicon Laboratories SI2706-A10-GQ Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Si2704/05/06/07-A10
8
Rev. 0.6
Power Supply Rejection Ratio
PSRR
PO = –3 dBFS, f = 1 kHz;
200 mVPP, fr = 400 Hz
supply ripple
—50
dB
Crosstalk
f = 1 kHz
–92
dB
Efficiency4
η
f = 1 kHz, half rate PWM and
10 ns slew rate
—88
%
Output Pulse Repetition Frequency
PRF
Half Rate PWM
480
kHz
Full Rate PWM
960
kHz
Table 6. AC Characteristics—PWM Digital to Analog Converter
(VDD = 2.7 to 3.6 V, VIO = 1.62 to 3.6 V, VOL = 0 dBFS, TA = -20 to +85 °C, unless otherwise noted).
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Total Harmonic Distortion + Noise
THD+N
f = 1 kHz
0.02
%
Signal to Noise Ratio/Dynamic Range
SNR
f = 1 kHz, A-weighted
88
dB
f = 1 kHz, Unweighted
85
dB
Output Voltage Swing
Vout
1
VP-P
Output Voltage Common Mode Bias
Voutcm
0.8
V
Output Load— Resistance
Rload
AC coupled
5
50
k
Output Load— Capacitance
Cload
AC coupling capacitor
0.1
1
µF
Table 7. I2S Digital Audio Interface Characteristics
(VIO = 1.62 to 3.6 V, TA = –20 to +85 °C, unless otherwise noted).
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
DCLK Input Cycle Time
tCYC:DCLK
70
ns
DCLK Input Pulse Width High
tHI:DCLK
0.4 x
tCYC:DCLK
—0.6 x
tCYC:DCLK
ns
DCLK Input Pulse Width Low
tLO:DCLK
0.4 x
tCYC:DCLK
—0.6 x
tCYC:DCLK
ns
DFS Setup Time to DCLK
tSU:DCLK
10
ns
DFS Hold Time after DCLK
tHD:DCLK
5—
ns
DOUT Output Delay
TPD:DCLK
0—
35
ns
Capacitive Loading
CB
15
pF
Table 5. AC Characteristics—Class D Amplifier (Continued)
(VDD = 2.7 to 3.6 V, VIO = 1.62 to 3.6 V, VPP = 6.6 V, RL = 8 Ω, VOL = 0 dBFS, TA = –20 to +85 °C, unless otherwise noted.)
Notes:
1. Measured at filter output. Power measured at the chip output is greater.
2. Guaranteed by characterization.
3. Measured relative to the integrated noise floor in Spread mode. Guaranteed by characterization.
4. Does not include filter efficiency losses.


Similar Part No. - SI2706-A10-GQ

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
SI2700M100 NTE-SI2700M100 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI2700M16 NTE-SI2700M16 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI2700M160 NTE-SI2700M160 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI2700M200 NTE-SI2700M200 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
SI2700M25 NTE-SI2700M25 Datasheet
21Kb / 2P
   SNAP-IN MOUNT ALUMINUM ELECTROLYTIC
More results

Similar Description - SI2706-A10-GQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CCA029V1 STMICROELECTRONICS-CCA029V1 Datasheet
334Kb / 4P
   5 W 5 W class-D audio amplifier demonstration board based on the TDA7491LP
logo
NXP Semiconductors
SA58672 PHILIPS-SA58672 Datasheet
184Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 02-23 February 2009
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
logo
Analog Devices
SSM4321 AD-SSM4321 Datasheet
459Kb / 24P
   Mono 2.9 W Class-D Audio Amplifier
logo
Texas Instruments
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
logo
Texas Instruments
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com