Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1521P Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TEA1521P
Description  SMPS ICs for low-power systems
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1521P Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TEA1521P Datasheet HTML 5Page - NXP Semiconductors TEA1521P Datasheet HTML 6Page - NXP Semiconductors TEA1521P Datasheet HTML 7Page - NXP Semiconductors TEA1521P Datasheet HTML 8Page - NXP Semiconductors TEA1521P Datasheet HTML 9Page - NXP Semiconductors TEA1521P Datasheet HTML 10Page - NXP Semiconductors TEA1521P Datasheet HTML 11Page - NXP Semiconductors TEA1521P Datasheet HTML 12Page - NXP Semiconductors TEA1521P Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TEA152X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 14 September 2010
9 of 20
NXP Semiconductors
TEA152x
SMPS ICs for low-power systems
9.
Limiting values
[1]
Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor. All pins
are 2500 V maximum, except pin DRAIN, which is 1000 V maximum.
[2]
Machine model: equivalent to discharging a 200 pF capacitor through a 0.75
μH coil and a 10 Ω series
resistor.
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). All voltages are measured
with respect to ground; positive currents flow into the device; pins VCC and RC are not allowed to be
current driven and pins REG and AUX are not allowed to be voltage driven.
Symbol
Parameter
Conditions
Min
Max
Unit
Voltages
VCC
supply voltage
continuous
−0.4
+40
V
VRC
voltage on pin RC
−0.4
+3
V
Vsource
voltage on pin SOURCE
DMOS power
transistor
−0.4
+5
V
Vdrain
voltage on pin DRAIN
Tj >0 °C
−0.4
+650
V
Currents
IREG
current on pin REG
-
6
mA
IAUX
current on pin AUX
−10
+5
mA
Isource
source current
TEA1520x
−0.25
+0.25
A
TEA1521x
−0.5
+0.5
A
TEA1522x
−1+1
A
TEA1523P
−2+2
A
Idrain
drain current
TEA1520x
−0.25
+0.25
A
TEA1521x
−0.5
+0.5
A
TEA1522x
−1+1
A
TEA1523P
−2+2
A
General
Ptot
total power dissipation
DIP8 package
Tamb <45 °C-
1.0
W
SO14 package
Tamb <50 °C-
1.0
W
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−40
+145
°C
Vesd
electrostatic discharge voltage
human body model
[1] -
±2500 V
machine model
[2] -
±200
V


Similar Part No. - TEA1521P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1521P NXP-TEA1521P Datasheet
103Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA1521P PHILIPS-TEA1521P Datasheet
462Kb / 20P
   SMPS ICs for low-power systems Rev. 04 ??14 September 2010
Rev. 04-14 September 2010
TEA1521P PHILIPS-TEA1521P Datasheet
149Kb / 20P
   STARplugTM
2000 Sep 08
TEA1521P/N2 NXP-TEA1521P/N2 Datasheet
614Kb / 2P
   Cut costs and size for effi cient low-power supplies
2007
More results

Similar Description - TEA1521P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA152X NXP-TEA152X Datasheet
103Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA152X PHILIPS-TEA152X Datasheet
95Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA1523P-N2112 PHILIPS-TEA1523P-N2112 Datasheet
462Kb / 20P
   SMPS ICs for low-power systems Rev. 04 ??14 September 2010
Rev. 04-14 September 2010
SSL1623PH NXP-SSL1623PH Datasheet
85Kb / 15P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
SSL152X NXP-SSL152X_09 Datasheet
103Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 02-10 March 2009
SSL152X NXP-SSL152X Datasheet
94Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
logo
Texas Instruments
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI-TPS650240_08 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI1-TPS650240_16 Datasheet
1Mb / 38P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com