Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEF6902AH Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TEF6902AH
Description  Integrated car radio
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEF6902AH Datasheet(HTML) 3 Page - NXP Semiconductors

  TEF6902AH Datasheet HTML 1Page - NXP Semiconductors TEF6902AH Datasheet HTML 2Page - NXP Semiconductors TEF6902AH Datasheet HTML 3Page - NXP Semiconductors TEF6902AH Datasheet HTML 4Page - NXP Semiconductors TEF6902AH Datasheet HTML 5Page - NXP Semiconductors TEF6902AH Datasheet HTML 6Page - NXP Semiconductors TEF6902AH Datasheet HTML 7Page - NXP Semiconductors TEF6902AH Datasheet HTML 8Page - NXP Semiconductors TEF6902AH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 106 page
background image
TEF6902A_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 19 March 2008
3 of 106
NXP Semiconductors
TEF6902A
Integrated car radio
[1]
The input gain setting ING and the volume setting VOL define the overall volume. The overall range is limited to
−83 dB to +28 dB. For
values > +28 dB the actual value is +28 dB. For overall values <
−83 dB the actual value is mute.
4.
Ordering information
Stereo decoder path
αcs
channel separation
fFMMPX = 1 kHz
40
-
-
dB
S/N
signal-to-noise ratio
fMPXAMIN = 20 Hz to 15 kHz;
referenced to 1 kHz at 91 % FM
modulation; DEMP = 1
70
-
-
dB
THD
total harmonic distortion
FM mode; DEMP = 1; measured
with 15 kHz brick-wall low-pass
filter; fMPXAMIN = 200 Hz to 15 kHz
-
-
0.3
%
Tone/volume control
Vi(max)
maximum input voltage
THD = 0.2 %; Gvol = −6 dB;
pins INAL, INAR, INAC, INBL,
INBR, INC and IND
2-
-
V
THD
total harmonic distortion
configured as non-inverting,
single-ended inputs;
faudio = 20 Hz to 10 kHz;
Vi = 1 V (RMS)
-
0.02
0.1
%
Gvol
volume/balance gain control
see Table 83
maximum setting
[1] -20
-
dB
minimum setting
[1] -
−75
-
dB
Gstep(vol)
step resolution
-
1
-
dB
Gtreble
treble gain control
TRE[2:0] = 111; TREM = 1
-
14
-
dB
TRE[2:0] = 111; TREM = 0
-
−14
-
dB
Gstep(treble) step resolution gain
-
2
-
dB
Gbass
bass gain control
BAS[3:0] = 0111; BASM = 1
-
14
-
dB
BAS[3:0] = 0111; BASM = 0
-
−14
-
dB
Gstep(bass)
step resolution gain
-
2
-
dB
Table 1.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TEF6902AH
QFP64
plastic quad flat package; 64 leads (lead length 1.6 mm); body 14
× 14 × 2.7 mm SOT393-1


Similar Part No. - TEF6902AH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEF6902A PHILIPS-TEF6902A_15 Datasheet
504Kb / 106P
   Integrated car radio
Rev. 03-19 March 2008
More results

Similar Description - TEF6902AH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEF6903A NXP-TEF6903A Datasheet
521Kb / 110P
   Integrated car radio
Rev. 03-3 April 2008
TEF6902A PHILIPS-TEF6902A_15 Datasheet
504Kb / 106P
   Integrated car radio
Rev. 03-19 March 2008
TEF6904A NXP-TEF6904A Datasheet
512Kb / 108P
   Integrated car radio
Rev. 03-20 March 2008
TEF6901A NXP-TEF6901A Datasheet
511Kb / 107P
   Integrated car radio
Rev. 03-20 March 2008
TEF6892H PHILIPS-TEF6892H Datasheet
325Kb / 59P
   Car radio integrated signal processor
2003 Oct 21
TEF6894H PHILIPS-TEF6894H Datasheet
319Kb / 55P
   Car radio integrated signal processor
2003 Oct 21
TEF6890H PHILIPS-TEF6890H Datasheet
312Kb / 55P
   Car radio integrated signal processor
2003 Oct 21
logo
NTE Electronics
NTE1290 NTE-NTE1290 Datasheet
21Kb / 2P
   Integrated Circuit AM Tuner for Car Radio
NTE1533 NTE-NTE1533 Datasheet
81Kb / 4P
   Integrated Circuit AM Tuner for Car Radio
NTE1170 NTE-NTE1170 Datasheet
20Kb / 2P
   Integrated Circuit Dual Preamp for Car Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com