Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T492A156K035BC4251 Datasheet(PDF) 8 Page - Kemet Corporation

Part # T492A156K035BC4251
Description  Established reliability options Symmetrical, compliant terminations
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T492A156K035BC4251 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button T492A156K035BC4251 Datasheet HTML 4Page - Kemet Corporation T492A156K035BC4251 Datasheet HTML 5Page - Kemet Corporation T492A156K035BC4251 Datasheet HTML 6Page - Kemet Corporation T492A156K035BC4251 Datasheet HTML 7Page - Kemet Corporation T492A156K035BC4251 Datasheet HTML 8Page - Kemet Corporation T492A156K035BC4251 Datasheet HTML 9Page - Kemet Corporation T492A156K035BC4251 Datasheet HTML 10Page - Kemet Corporation T492A156K035BC4251 Datasheet HTML 11Page - Kemet Corporation T492A156K035BC4251 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2006-1 • 10/11/2010
88
MIL-PRF (CWR Style) Established Reliability – T492 CWR11 Style Mil-PRF-55365/8
Reverse Voltage
Solid tantalum capacitors are polar devices and may be permanently damaged or destroyed if connected with the wrong polarity. The
positive terminal is identified on the capacitor body by a stripe plus in some cases a beveled edge. A small degree of transient reverse
voltage is permissible for short periods per the table. The capacitors should not be operated continuously in reverse mode, even within
these limits.
Table 2 – Land Dimensions/Courtyard
KEMET
Metric
Size
Code
Density Level A:
Maximum (Most) Land
Protrusion (mm)
Density Level B:
Median (Nominal) Land
Protrusion (mm)
Density Level C:
Minimum (Least) Land
Protrusion (mm)
Case
EIA
X
Y
C
V1
V2
X
Y
C
V1
V2
X
Y
C
V1
V2
A
3216-18
1.35
2.15
1.45
6.10
2.80
1.25
1.75
1.35
5.00
2.30
1.15
1.35
1.25
4.10
2.00
B
3258-19
2.35
2.15
1.45
6.10
4.00
2.25
1.75
1.35
5.00
3.50
2.15
1.35
1.25
4.10
3.20
C
6032-25
2.35
2.65
2.60
8.90
4.40
2.25
2.25
2.50
7.80
3.90
2.15
1.85
2.40
6.90
3.60
D
7343-31
2.55
3.75
2.70
10.20
5.50
2.45
3.35
2.60
9.10
5.00
2.35
2.95
2.50
8.20
4.70
Density Level A: For low-density product applications. Recommended for wave solder applications and provides a wider process window for reflow solder
processes.
Density Level B: For products with a moderate level of component density. Provides a robust solder attachment condition for reflow solder processes.
Density Level C: For high component desity product applications. Before adapting the minimum land pattern variations the user should perform qualification
testing based on the conditions outlined in IPC standard 7351 (IPC-7351).
¹ Height of these chips may create problems in wave soldering.
² Land pattern geometry is too small for silkscreen outline.
Temperature
Permissible Transient Reverse Voltage
25° C
15% of Rated Voltage
85° C
5% of Rated Voltage
125° C
1% of Rated Voltage


Similar Part No. - T492A156K035BC4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T492A105J035BB4250 KEMET-T492A105J035BB4250 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492A105J035BB4251 KEMET-T492A105J035BB4251 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492A105J035BB4252 KEMET-T492A105J035BB4252 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492A105J035BC4250 KEMET-T492A105J035BC4250 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492A105J035BC4251 KEMET-T492A105J035BC4251 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
More results

Similar Description - T492A156K035BC4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491D686K006AT KEMET-T491D686K006AT Datasheet
2Mb / 24P
   Symmetrical, compliant terminations
logo
API Delevan
MIL-PRF-39010 API-MIL-PRF-39010 Datasheet
4Mb / 4P
   Established Reliability Inductors
logo
Teledyne Technologies I...
J114D-26M TELEDYNE-J114D-26M Datasheet
146Kb / 6P
   CENTIGRID ESTABLISHED RELIABILITY RELAYS
J134D-5M TELEDYNE-J134D-5M Datasheet
142Kb / 6P
   CENTIGRID ESTABLISHED RELIABILITY RELAYS
J412D-12M TELEDYNE-J412D-12M Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
M390169-074L TELEDYNE-M390169-074L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-26WL TELEDYNE-J412D-26WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
432 WILLOW-432 Datasheet
152Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
J411-12PM TELEDYNE-J411-12PM Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J411-5L TELEDYNE-J411-5L Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com