Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLD5095EL Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLD5095EL
Description  DC/DC Boost, Buck-Boost, SEPIC controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD5095EL Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLD5095EL Datasheet HTML 6Page - Infineon Technologies AG TLD5095EL Datasheet HTML 7Page - Infineon Technologies AG TLD5095EL Datasheet HTML 8Page - Infineon Technologies AG TLD5095EL Datasheet HTML 9Page - Infineon Technologies AG TLD5095EL Datasheet HTML 10Page - Infineon Technologies AG TLD5095EL Datasheet HTML 11Page - Infineon Technologies AG TLD5095EL Datasheet HTML 12Page - Infineon Technologies AG TLD5095EL Datasheet HTML 13Page - Infineon Technologies AG TLD5095EL Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Datasheet
10
Rev. 1.1, 2009-12-16
TLD5095EL
Boost Regulator
5.2
Electrical Characteristics
1)
V
IN = 6V to 40V; 4.5V ≤ VFBH ≤ 40V, 4.5V ≤ VFBL ≤ 40V, Tj = -40 °C to +150 °C, all voltages with respect to ground,
positive current flowing into pin; (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Boost Regulator:
5.2.1
Feedback Reference Voltage
V
REF
0.28
0.30
0.32
V
V
IN = 19 V;
V
REF= VFBH -VFBL
5.2.2
Voltage Line Regulation
V
REF
/
V
IN
0.15
%/V
V
IN = 6 to 19 V;
V
BO= 30 V;
I
BO = 500 mA
Figure 21
5.2.3
Voltage Load Regulation
V
REF
/
I
BO
––5%/A
V
IN = 6 V;
V
BO = 30V;
I
BO = 100 to 500 mA
Figure 21
5.2.4
Switch Peak Over Current
Threshold
V
SWCS
130
150
170
mV
V
IN = 6 V
V
FBH = VFBL = 5 V
V
COMP = 3.5V
5.2.5
Maximum Duty Cycle
D
MAX,fixed
90
93
95
%
Fixed frequency mode
5.2.6
Maximum Duty Cycle
D
MAX,sync
88
%
Synchronization mode
5.2.7
Soft Start Ramp
t
SS
350
1000
1500
µs
V
FB rising from 5% to
95% of
V
FB, typ.
5.2.8
Feedback Input Current
I
FBx
-10
-50
-100
µA
V
FBH - VFBL = 0.3 V
5.2.9
Switch Current Sense Input
Current
I
SWCS
10
50
100
µA
V
SWCS = 150 mV
5.2.10
Input Undervoltage Shutdown
V
IN,off
3.75
V
V
IN decreasing
5.2.11
Input Voltage Startup
V
IN,on
––4.75
V
V
IN increasing
Gate Driver for Boost Switch
5.2.12
Gate Driver Peak Sourcing
Current1)
I
SWO,SRC
–380
–mA
V
SWO = 3.5V
5.2.13
Gate Driver Peak Sinking
Current1)
I
SWO,SNK
–550
–mA
V
SWO = 1.5V
5.2.14
Gate Driver Output Rise Time
t
R,SWO
3060ns
C
L,SWO = 3.3nF;
V
SWO = 1V to 4V
5.2.15
Gate Driver Output Fall Time
t
F,SWO
2040ns
C
L,SWO = 3.3nF;
V
SWO = 1V to 4V
5.2.16
Gate Driver Output Voltage1)
V
SWO
4.5
5.5
V
C
L,SWO = 3.3nF;
1) Not subject to production test, specified by design


Similar Part No. - TLD5095EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD5095EL INFINEON-TLD5095EL Datasheet
947Kb / 35P
   Multitopology LITIX Power DC/DC Controller IC
Revision 1.4 2015-03-11
TLD5095EL INFINEON-TLD5095EL_15 Datasheet
947Kb / 35P
   Multitopology LITIX Power DC/DC Controller IC
Revision 1.4 2015-03-11
More results

Similar Description - TLD5095EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
logo
Shenzhen Huazhimei Semi...
HM3443 HMSEMI-HM3443 Datasheet
563Kb / 5P
   Boost/buck-boost DC-DC controller
logo
Linear Technology
LTC3873 LINER-LTC3873_15 Datasheet
183Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
   Boost, Buck and Buck-Boost DC/DC LED Driver
logo
Linear Technology
LTC3805-5 LINER-LTC3805-5_15 Datasheet
264Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5 Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
   Buck-boost DC-DC converter
February 2009 Rev 1
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
   Buck-Boost DC-DC converter
logo
STMicroelectronics
STBB1-AXX STMICROELECTRONICS-STBB1-AXX Datasheet
1Mb / 24P
   Buck-boost DC-DC converter
October 2014 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com