Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T492B156M010CC4251 Datasheet(PDF) 3 Page - Kemet Corporation

Part # T492B156M010CC4251
Description  Established reliability options Symmetrical, compliant terminations
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T492B156M010CC4251 Datasheet(HTML) 3 Page - Kemet Corporation

  T492B156M010CC4251 Datasheet HTML 1Page - Kemet Corporation T492B156M010CC4251 Datasheet HTML 2Page - Kemet Corporation T492B156M010CC4251 Datasheet HTML 3Page - Kemet Corporation T492B156M010CC4251 Datasheet HTML 4Page - Kemet Corporation T492B156M010CC4251 Datasheet HTML 5Page - Kemet Corporation T492B156M010CC4251 Datasheet HTML 6Page - Kemet Corporation T492B156M010CC4251 Datasheet HTML 7Page - Kemet Corporation T492B156M010CC4251 Datasheet HTML 8Page - Kemet Corporation T492B156M010CC4251 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2006-1 • 10/11/2010
33
MIL-PRF (CWR Style) Established Reliability – T492 CWR11 Style Mil-PRF-55365/8
Qualification
Test
Condition
Characteristics
Endurance
85°C @ Rated Voltage, 2000 Hrs.
125°C @ 2/3 Rated Voltage, 2000 Hrs.
ΔC/C
Within ± 10% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within initial limits
Storage Life
125°C @ 0 Volts, 2000 Hrs.
ΔC/C
Within ± 10% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within initial limits
Thermal Shock
Mil-Std-202, Method 107, Condition B, mounted, -55C° to
125°C, 1000 cycles
ΔC/C
Within ± 5% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within initial limits
Temperature Stability
Extreme temperature exposure at a
succession of continuous steps at +25ºC,
-55ºC, +25ºC, +85ºC, +125ºC, +25ºC.
+25°C
-55°C
+85°C
+125°C
ΔC/C
IL*
± 10%
± 10%
± 20%
DF
IL
IL
1.5 x IL
1.5 x IL
DCL
IL
n/a
10 x IL
12 x IL
Surge Voltage
25°C and 85° C, 1.32 x Rated Voltage 1000 cycles
(125°C, 1.2 x Rated Voltage)
ΔC/C
Within ± 5% of initial value
DF
Within initial limits
DCL
Within initial limits
ESR
Within initial limits
Mechanical Shock/Vibration
Mil-Std-202, Meth. 213, Cond. I, 100G Peak
Mil-Std-202, Meth. 204, Cond. D, 10Hz to 2000Hz, 20G
Peak
ΔC/C
Within ±10 of initial value
DF
Within initial limits
DCL
Within initial limits
Additional qualification tests
per MIL-PRF-55365/8
*IL = Initial Limit
Certification
Mil-PRF-55365/8


Similar Part No. - T492B156M010CC4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T492B105J035BB4250 KEMET-T492B105J035BB4250 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492B105J035BB4251 KEMET-T492B105J035BB4251 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492B105J035BB4252 KEMET-T492B105J035BB4252 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492B105J035BC4250 KEMET-T492B105J035BC4250 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492B105J035BC4251 KEMET-T492B105J035BC4251 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
More results

Similar Description - T492B156M010CC4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491D686K006AT KEMET-T491D686K006AT Datasheet
2Mb / 24P
   Symmetrical, compliant terminations
logo
API Delevan
MIL-PRF-39010 API-MIL-PRF-39010 Datasheet
4Mb / 4P
   Established Reliability Inductors
logo
Teledyne Technologies I...
J114D-26M TELEDYNE-J114D-26M Datasheet
146Kb / 6P
   CENTIGRID ESTABLISHED RELIABILITY RELAYS
J134D-5M TELEDYNE-J134D-5M Datasheet
142Kb / 6P
   CENTIGRID ESTABLISHED RELIABILITY RELAYS
J412D-12M TELEDYNE-J412D-12M Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
M390169-074L TELEDYNE-M390169-074L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-26WL TELEDYNE-J412D-26WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
432 WILLOW-432 Datasheet
152Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
J411-12PM TELEDYNE-J411-12PM Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J411-5L TELEDYNE-J411-5L Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com