Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSR21B554JD Datasheet(PDF) 3 Page - Kemet Corporation

Part # CSR21B554JD
Description  TANTALUM HERMETICALLY SEALED
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR21B554JD Datasheet(HTML) 3 Page - Kemet Corporation

  CSR21B554JD Datasheet HTML 1Page - Kemet Corporation CSR21B554JD Datasheet HTML 2Page - Kemet Corporation CSR21B554JD Datasheet HTML 3Page - Kemet Corporation CSR21B554JD Datasheet HTML 4Page - Kemet Corporation CSR21B554JD Datasheet HTML 5Page - Kemet Corporation CSR21B554JD Datasheet HTML 6Page - Kemet Corporation CSR21B554JD Datasheet HTML 7Page - Kemet Corporation CSR21B554JD Datasheet HTML 8Page - Kemet Corporation CSR21B554JD Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-PRF-39003
T110 SERIES — POLAR TYPE, T212 (CSR13)
6
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
KEMET standard hermetic sealed T110 Series are desirable for use in high humidi-
ty environments. They are ruggedly built, designed for miniaturized circuitry, and are
especially suited for coupling, bypass, filtering and R-C timing circuits. They exhibit
excellent stability, extremely low DC leakage current, dissipation factor, and
ESR/impedance over a wide temperature and frequency range.
Available in standard EIA capacitance values from .0047-330 µF in ±20%, ±10%, and ±5%
tolerances and working voltages from 6-125 VDC.
Higher CV values in comparable case sizes are available in KEMET T140 Series.
Refer to page 27.
Included in the following Series table is a complete listing of CSR13 qualified MIL-
PRF-39003 capacitors. KEMET is approved to manufacture the S (0.001%/k hrs.)
Exponential & D (0.001%/k hrs.) Graded failure rate levels.
KEMET is now offering low ESR limits in the T110 Series. See ESR chart on page
19. You may order the lower ESR by using Customer Specification 2864 as the last
four digits of the part number.
CAPACITOR OUTLINE DRAWINGS
D
B
1.50
±.250
(38.10
±6.35)
1.50
±.250
(38.10
±6.35)
L
C
+
DIMENSIONS — INCHES & (MILLIMETERS)
UNINSULATED
INSULATED
DLD
L
B
C
CASE
±0.005
±0.031
±0.010
±0.031
±0.002
SIZE
±(.13)
±(.79)
±(.25)
±(.79)
±(.05)
MAX.
A
0.125
0.250
0.135
0.286
0.020
0.422
(3.18)
(6.35)
(3.43)
(7.26)
(.51)
(10.72)
B
0.175
0.438
0.185
0.474
0.020
0.610
(4.45)
(11.13)
(4.70)
(12.04)
(.51)
(15.49)
C
0.279
0.650
0.289
0.686
0.025
0.822
(7.09)
(16.51)
(7.34)
(17.42)
(.64)
(20.88)
D
0.341
0.750
0.351
0.786
0.025
0.922
(8.66)
(19.05)
(8.92)
(19.96)
(.64)
(23.42)
ORDERING INFORMATION*
TXXXA105K050ASC
TANTALUM
SERIES
T110, T212 (CSR13)
T111, T213 (CSR91)
T140, T242 (CSR23)
CASE SIZE
A / B / C / D
PICOFARAD CODE
First two digits represent significant figures.
Third digit specifies number of zeros to follow.
CAPACITANCE TOLERANCE
M — ±20%
K — ±10%
J — ±5%
VOLTAGE
At 85°C
**Part Number Example: T110A105K050AS (14 digits - no spaces)
*For Military Ordering Information, see page 4.
SPECIFICATION
All capacitors are sleeved
unless specified.
LEAD MATERIAL
S — Standard
FAILURE RATE**
GRADED
EXPONENTIAL
A — Not Applicable
M — 1%/k hrs.
B — 0.1%/k hrs.
P — 0.1%/k hrs.
C — 0.01%/k hrs.
R — 0.01%/k hrs.
D — 0.001%/k hrs.
S — 0.001%/k hrs.
**Failure Rates apply only to military products.
MARKING INFORMATION
+K 10%
R56 µF
100V
0312
Polarity, Manufacturer’s Identification and Capacitance Tol.
Nominal Capacitance — (µF) (“R” indicates decimal)
Voltage
Date Code (e.g.: 0312)
A, B, C & D CASES
Marking: Unless otherwise specified by special order, standard marking of T110 Series capacitor consists of the following:
* For Military Marking, see page 4.
Effective September 30, 2005, the KEMET T110 Series is RoHS Compliant.
T – 100% Tin (T110, T140 Series only)


Similar Part No. - CSR21B554JD

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CSR21B563JA KEMET-CSR21B563JA Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
CSR21B563JB KEMET-CSR21B563JB Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
CSR21B563JC KEMET-CSR21B563JC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
CSR21B563JD KEMET-CSR21B563JD Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
CSR21B563JM KEMET-CSR21B563JM Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
More results

Similar Description - CSR21B554JD

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T352F227 KEMET-T352F227 Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
logo
DB Lectro Inc
CA33M032 DBLECTRO-CA33M032 Datasheet
232Kb / 2P
   CA Hermetically Sealed Axial Tantalum Capacitor
logo
Kemet Corporation
M550B108M060AA KEMET-M550B108M060AA Datasheet
526Kb / 10P
   Tantalum Through-Hole Capacitors ??Hermetically Sealed
logo
Vishay Siliconix
XTH VISHAY-XTH Datasheet
147Kb / 11P
   Wet Tantalum Capacitors Cylindrical Body, Hermetically Sealed
Revision: 25-Jul-11
logo
Kemet Corporation
T110A474K035AT KEMET-T110A474K035AT Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED / AXIAL ??MIL-PRF-39003
logo
Cornell Dubilier Electr...
THF CDE-THF Datasheet
204Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
   Hermetically Sealed Axial Lead Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com