Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4471 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4471
Description  Triple Voltage Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4471 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4471_09 Datasheet HTML 2Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 3Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 4Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 5Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 6Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 7Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 8Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 9Page - Infineon Technologies AG TLE4471_09 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Data Sheet
6
Rev. 1.6, 2009-02-03
TLE 4471
Note: Stresses above those listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Reference Output REF3
Output voltage
V
REF3
-0.3
4.5
V
Output current
I
REF3
––mA
Reset Adjust Input RADJ
Input Voltage
V
RADJ
-0.3
7
V
Input Current
I
RADJ
mA
internally limited
Reset Delay DR
Voltage
V
DR
-
0.3
7
V
Reset Output R
Voltage
V
R
-0.3
7
V
Watchdog Delay DW
Voltage
V
DW
-0.3
7
V
Watchdog Input W
Input voltage
V
W
-0.3
7
V
Input current
I
W
––mA
Temperature
Junction temperature
T
j
-
50
150
°C–
Storage temperature
T
Stg
-
65
150
°C–
Thermal Data
Junction-ambient
R
thja
––K/W
R
thjp
–4K/W
ESD
Human Body Model
-2
2
kV
Table 2
Absolute Maximum Ratings (cont’d)
T
j = -40 to 150 °C
Parameter
Symbol
Limit Values
Unit
Notes
Min.
Max.


Similar Part No. - TLE4471_09

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4471G INFINEON-TLE4471G Datasheet
217Kb / 26P
   Triple Voltage Regulator
Rev. 1.1 2001-09-06
More results

Similar Description - TLE4471_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3L01K7R STMICROELECTRONICS-ST3L01K7R Datasheet
571Kb / 12P
   TRIPLE VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4471 INFINEON-TLE4471 Datasheet
217Kb / 26P
   Triple Voltage Regulator
Rev. 1.1 2001-09-06
TLE4418G INFINEON-TLE4418G Datasheet
85Kb / 10P
   Triple Voltage Regulator
Rev. 0.1 2001-12-10
logo
STMicroelectronics
ST3L01 STMICROELECTRONICS-ST3L01 Datasheet
542Kb / 12P
   TRIPLE VOLTAGE REGULATOR
March 2002
ST3M01 STMICROELECTRONICS-ST3M01 Datasheet
287Kb / 11P
   TRIPLE VOLTAGE REGULATOR
November 2000
logo
Interpion semiconductor
IP1532 INTERPION-IP1532 Datasheet
422Kb / 16P
   TRIPLE OUTPUT VOLTAGE SERIES REGULATOR
IP1531 INTERPION-IP1531 Datasheet
244Kb / 13P
   TRIPLE OUTPUT VOLTAGE LDO REGULATOR
logo
Linear Technology
LTM4615 LINER-LTM4615_15 Datasheet
524Kb / 24P
   Triple Output, Low Voltage DC/DC Module Regulator
logo
KEC(Korea Electronics)
KTC4520F KEC-KTC4520F Datasheet
375Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE, HIGH VOLTAGE SWITCHING)
logo
Linear Technology
LTM4615 LINER-LTM4615 Datasheet
413Kb / 24P
   Triple Output, Low Voltage DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com