Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T492B156J025CC4251 Datasheet(PDF) 6 Page - Kemet Corporation

Part # T492B156J025CC4251
Description  Established reliability options Symmetrical, compliant terminations
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T492B156J025CC4251 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button T492B156J025CC4251 Datasheet HTML 2Page - Kemet Corporation T492B156J025CC4251 Datasheet HTML 3Page - Kemet Corporation T492B156J025CC4251 Datasheet HTML 4Page - Kemet Corporation T492B156J025CC4251 Datasheet HTML 5Page - Kemet Corporation T492B156J025CC4251 Datasheet HTML 6Page - Kemet Corporation T492B156J025CC4251 Datasheet HTML 7Page - Kemet Corporation T492B156J025CC4251 Datasheet HTML 8Page - Kemet Corporation T492B156J025CC4251 Datasheet HTML 9Page - Kemet Corporation T492B156J025CC4251 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2006-1 • 10/11/2010
66
MIL-PRF (CWR Style) Established Reliability – T492 CWR11 Style Mil-PRF-55365/8
Other part number options:
Where the 10th character equal to K (10% tolerance) is also available in M (20% tolerance).
Where the 10th character equal to M (20% tolerance) is only available in M (20% tolerance).
Standard with tin terminations (14th character = T). Tin/lead terminations is also available (14th character = H)
Also available on large (13 inch) reels. Add 7280 to the end of the part number.
Table 1 – Ratings & Part Number Reference con't
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
Mil-C-55365/4F
Part Number
DC
Leakage
DF
ESR
Moisture
Sensitivity
105ºC
120Hz
KEMET/EIA
(See below for
part options)
(See below for
part options)
+20ºC
+20ºC 120Hz +20ºC 100kHz
Temp≤260ºC
VDC
µF
µAmps
% Max
mOhms
J-STD-020D
25
0.47
A/3216-18
T492A474(1)025(2)(3)(4)
CWR11K(6)474(1)(2)(5)
0.1
4.0
14.0
1.0
25
0.68
B/3528-20
T492B684(1)025(2)(3)(4)
CWR11K(6)684(1)(2)(5)
0.2
4.0
7.5
1.0
25
1
B/3528-20
T492B105(1)025(2)(3)(4)
CWR11K(6)105(1)(2)(5)
0.3
4.0
6.5
1.0
25
1.5
B/3528-20
T492B155(1)025(2)(3)(4)
CWR11K(6)155(1)(2)(5)
0.4
6.0
6.5
1.0
25
2.2
C/6032-28
T492C225(1)025(2)(3)(4)
CWR11K(6)225(1)(2)(5)
0.6
6.0
3.5
1.0
25
3.3
C/6032-28
T492C335(1)025(2)(3)(4)
CWR11K(6)335(1)(2)(5)
0.8
6.0
3.5
1.0
25
4.7
C/6032-28
T492C475(1)025(2)(3)(4)
CWR11K(6)475(1)(2)(5)
1.2
6.0
2.5
1.0
25
6.8
D/7343-31
T492D685(1)025(2)(3)(4)
CWR11K(6)685(1)(2)(5)
1.7
6.0
1.4
1.0
25
10
D/7343-31
T492D106(1)025(2)(3)(4)
CWR11K(6)106(1)(2)(5)
2.5
6.0
1.2
1.0
25
15
D/7343-31
T492D156(1)025(2)(3)(4)
CWR11K(6)156(1)(2)(5)
3.8
6.0
1.0
1.0
35
0.1
A/3216-18
T492A104(1)035(2)(3)(4)
CWR11M(6)104(1)(2)(5)
0.0
4.0
24.0
1.0
35
0.15
A/3216-18
T492A154(1)035(2)(3)(4)
CWR11M(6)154(1)(2)(5)
0.1
4.0
21.0
1.0
35
0.22
A/3216-18
T492A224(1)035(2)(3)(4)
CWR11M(6)224(1)(2)(5)
0.1
4.0
18.0
1.0
35
0.33
A/3216-18
T492A334(1)035(2)(3)(4)
CWR11M(6)334(1)(2)(5)
0.1
4.0
15.0
1.0
35
0.47
B/3528-20
T492B474(1)035(2)(3)(4)
CWR11M(6)474(1)(2)(5)
0.2
4.0
10.0
1.0
35
0.68
B/3528-20
T492B684(1)035(2)(3)(4)
CWR11M(6)684(1)(2)(5)
0.2
4.0
8.0
1.0
35
1
B/3528-20
T492B105(1)035(2)(3)(4)
CWR11M(6)105(1)(2)(5)
0.4
4.0
6.5
1.0
35
1.5
C/6032-28
T492C155(1)035(2)(3)(4)
CWR11M(6)155(1)(2)(5)
0.5
6.0
4.5
1.0
35
2.2
C/6032-28
T492C225(1)035(2)(3)(4)
CWR11M(6)225(1)(2)(5)
0.8
6.0
3.5
1.0
35
3.3
C/6032-28
T492C335(1)035(2)(3)(4)
CWR11M(6)335(1)(2)(5)
1.2
6.0
2.5
1.0
35
4.7
D/7343-31
T492D475(1)035(2)(3)(4)
CWR11M(6)475(1)(2)(5)
1.6
6.0
1.5
1.0
35
6.8
D/7343-31
T492D685(1)035(2)(3)(4)
CWR11M(6)685(1)(2)(5)
2.4
6.0
1.3
1.0
50
0.1
A/3216-18
T492A104(1)050(2)(3)(4)
CWR11N(6)104(1)(2)(5)
0.1
6.0
22.0
1.0
50
0.15
B/3528-20
T492B154(1)050(2)(3)(4)
CWR11N(6)154(1)(2)(5)
0.1
4.0
17.0
1.0
50
0.22
B/3528-20
T492B224(1)050(2)(3)(4)
CWR11N(6)224(1)(2)(5)
0.1
4.0
14.0
1.0
50
0.33
B/3528-20
T492B334(1)050(2)(3)(4)
CWR11N(6)334(1)(2)(5)
0.2
4.0
12.0
1.0
50
0.47
C/6032-28
T492C474(1)050(2)(3)(4)
CWR11N(6)474(1)(2)(5)
0.2
4.0
8.0
1.0
50
0.68
C/6032-28
T492C684(1)050(2)(3)(4)
CWR11N(6)684(1)(2)(5)
0.3
4.0
7.0
1.0
50
1
C/6032-28
T492C105(1)050(2)(3)(4)
CWR11N(6)105(1)(2)(5)
0.5
4.0
6.0
1.0
50
1.5
D/7343-31
T492D155(1)050(2)(3)(4)
CWR11N(6)155(1)(2)(5)
0.8
6.0
4.0
1.0
50
2.2
D/7343-31
T492D225(1)050(2)(3)(4)
CWR11N(6)225(1)(2)(5)
1.1
6.0
2.5
1.0
50
3.3
D/7343-31
T492D335(1)050(2)(3)(4)
CWR11N(6)335(1)(2)(5)
1.7
6.0
2.0
1.0
50
4.7
D/7343-31
T492D475(1)050(2)(3)(4)
CWR11N(6)475(1)(2)(5)
2.4
6.0
1.5
1.0
VDC
µF
KEMET/EIA
(see below for
part options)
(see below for
part options)
µAmps
% Max
mOhms
J-STD-020A
105ºC
120Hz
+20ºC
+20ºC
+20ºC 100kHz
Temp≤260ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part Number
Mil-C-55365/4F Part
Number
DC
Leakage
DF
ESR
Moisture
Sensitivity
Roll Over for
Order Info.
T
492
D
156
K
020
A
C
4251
Capacitor
Class
Series
Case Size
Capacitance
Code (pF)
Capacitance
Tolerance
Voltage
Failure Rate/Design
Lead Material
Surge (C-Spec)
T =
Tantalum
CWR 11
Established
Reliability
A = 3216-18
B = 3258-19
C = 6032-25
D = 7343-31
First two digits
represent significant
figures. Third digit
specifies number of
zeros.
J = ±5%
K = ±10%
M = ±20%
006 = 6.3V
010 = 10V
015 = 15V
020 = 20V
025 = 25V
035 = 35V
050 = 50V
A = N/A
B = 0.1%/1000 hrs
C = .01%/1000 hrs
D = .001%/1000 hrs
C = Hot Solder Dipped
H = Standard Solder
Coated (SnPb 5% Pb
minimum)
B = Gold Plated
K = Solder Fused
4250= 25C after
Weibull
4251 = -55C and
85C after Weibull
4252 = -55C and
85C before Weibull


Similar Part No. - T492B156J025CC4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T492B105J035BB4250 KEMET-T492B105J035BB4250 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492B105J035BB4251 KEMET-T492B105J035BB4251 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492B105J035BB4252 KEMET-T492B105J035BB4252 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492B105J035BC4250 KEMET-T492B105J035BC4250 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492B105J035BC4251 KEMET-T492B105J035BC4251 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
More results

Similar Description - T492B156J025CC4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491D686K006AT KEMET-T491D686K006AT Datasheet
2Mb / 24P
   Symmetrical, compliant terminations
logo
API Delevan
MIL-PRF-39010 API-MIL-PRF-39010 Datasheet
4Mb / 4P
   Established Reliability Inductors
logo
Teledyne Technologies I...
J114D-26M TELEDYNE-J114D-26M Datasheet
146Kb / 6P
   CENTIGRID ESTABLISHED RELIABILITY RELAYS
J134D-5M TELEDYNE-J134D-5M Datasheet
142Kb / 6P
   CENTIGRID ESTABLISHED RELIABILITY RELAYS
J412D-12M TELEDYNE-J412D-12M Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
M390169-074L TELEDYNE-M390169-074L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-26WL TELEDYNE-J412D-26WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
432 WILLOW-432 Datasheet
152Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
J411-12PM TELEDYNE-J411-12PM Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J411-5L TELEDYNE-J411-5L Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com