Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYM-15881BXX-1 Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYM-15881BXX-1
Description  DOTMATRIX DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYM-15881BXX-1 Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYM-15881BXX-1 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-15881BXX-1 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-15881BXX-1 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-15881BXX-1 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-15881BXX-1 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NINGBO FORYARD OPTO
ELECTRONICS CO.,LTD.
DOT MATRIX DISPLAY
PartNO.:FYM-15881A/BXX-XX
ADD: NO.115 QiXin
Road
NingBo
Zhejiang
China
ZIP.: 315051
TEL: 0086-574-87927870
87933652
FAX:0086-574-87927917
Http://www.foryard.com
E-mail:sales@foryard.com
■ Description:
·Color Code & Chip characteristics: (Test Condition: IF=20mA)
Forward
Voltage(VF)
Unit:V
Emitting Color
Dice
Material
Peak Wave
Length(P)
Spectral
Line
halfwidth(
1/2)
Typ
Max
Luminous
Intensity
(Iv)
Unit:mcd
H
Red
GaP
700nm
90nm
2.20
2.50
5.0
S,
SR
Hi Red
AlGaAs,SH
660nm
20nm
1.80
2.20
15-20
D
Super Red
AlGaAs,DH
660nm
20nm
1.80
2.20
20-30
LR
Ultra Red
AlGaAs,DDH
660nm
20nm
1.90
2.40
26-38
HR
HE Red
GaAsP
640nm
45nm
1.90
2.40
50-80
E
Orange
GaAsP
630nm
35nm
2.10
2.50
10-20
A
Amber
GaAsP
610nm
35nm
2.10
2.50
15-20
Y
Yellow
GaAsP
590nm
35nm
2.10
2.50
15-20
G
Green
GaP
570nm
30nm
2.20
2.50
14-18
Ultra brightness
UH
R
Ultra Hi
Red
AlGaInP
645nm
20nm
2.10
2.50
80-150
UE
Ultra
Orange
AlGaInP
630nm
20nm
2.10
2.50
180-210
UA
Ultra
Amber
AlGaInP
610nm
20nm
2.10
2.50
90-120
UY
Ultra
Yellow
AlGaInP
590nm
20nm
2.10
2.50
150-200
UG
Ultra
Green
AlGaInP
570nm
30nm
2.20
2.50
60-100
PG
Ultra Pure
Green
InGaN
520nm
36nm
2.80
3.80
260-310
BG
Ultra Blue
Green
InGaN
505nm
36nm
2.80
3.80
260-310
B
Blue
InGaN
430nm
30nm
2.80
3.80
10-20
470nm
30nm
2.80
3.80
80-90
UB
Ultra Blue
InGaN
460nm
30nm
2.80
3.80
80-90
V
UV
InGaN
405nm
2.80
3.80
5-8
W
White
InGaN
X=0.29,y=0.30
2.80
3.80
180-200
U
W
Ultra
White
InGaN
X=0.29,y=0.30
2.80
3.80
180-200
Segment-to-Segment Luminous Intensity ratio(Iv-M)
1.5:1


Similar Part No. - FYM-15881BXX-1

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-15881BX FORYARD-FYM-15881BX Datasheet
451Kb / 5P
   DOTMATRIX DISPLAY
FYM-15881BX-0 FORYARD-FYM-15881BX-0 Datasheet
451Kb / 5P
   DOTMATRIX DISPLAY
FYM-15881BX-1 FORYARD-FYM-15881BX-1 Datasheet
451Kb / 5P
   DOTMATRIX DISPLAY
FYM-15881BX-2 FORYARD-FYM-15881BX-2 Datasheet
451Kb / 5P
   DOTMATRIX DISPLAY
FYM-15881BX-3 FORYARD-FYM-15881BX-3 Datasheet
451Kb / 5P
   DOTMATRIX DISPLAY
More results

Similar Description - FYM-15881BXX-1

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYML-23881AXXX FORYARD-FYML-23881AXXX Datasheet
389Kb / 5P
   DOTMATRIX DISPLAY
FYM-34581AX FORYARD-FYM-34581AX Datasheet
441Kb / 5P
   DOTMATRIX DISPLAY
FYM-46581AXX FORYARD-FYM-46581AXX Datasheet
460Kb / 5P
   DOTMATRIX DISPLAY
FYM-19881AXX FORYARD-FYM-19881AXX Datasheet
508Kb / 5P
   DOTMATRIX DISPLAY
FYM-20881CX FORYARD-FYM-20881CX Datasheet
414Kb / 5P
   DOTMATRIX DISPLAY
FYM-23881CXX FORYARD-FYM-23881CXX Datasheet
557Kb / 5P
   DOTMATRIX DISPLAY
FYM-12882CXX FORYARD-FYM-12882CXX Datasheet
500Kb / 5P
   DOTMATRIX DISPLAY
FYM-23882CX FORYARD-FYM-23882CX Datasheet
418Kb / 5P
   DOTMATRIX DISPLAY
FYM-19881CXX FORYARD-FYM-19881CXX Datasheet
554Kb / 5P
   DOTMATRIX DISPLAY
YM-23581CX FORYARD-YM-23581CX Datasheet
425Kb / 5P
   DOTMATRIX DISPLAY
YM-23581CXX FORYARD-YM-23581CXX Datasheet
470Kb / 5P
   DOTMATRIX DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com