Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54228IRTZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL54228IRTZ-T
Description  High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54228IRTZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL54228IRTZ-T Datasheet HTML 1Page - Intersil Corporation ISL54228IRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL54228IRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL54228IRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL54228IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL54228IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54228IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54228IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54228IRTZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
High-Speed USB 2.0 (480Mbps) DPST Switch with
Overvoltage Protection (OVP)
ISL54228
The Intersil ISL54228 is a single supply, dual SPST
(Single Pole/Single Throw) switch that is configured as a
DPST. It can operate from a single 2.7V to 5.25V supply.
The part was designed for switching or isolating a USB
high-speed source or a USB high-speed and full-speed
source in portable battery powered products.
The 3.5Ω SPST switches were specifically designed to
pass USB full speed and USB high speed data signals.
They have high bandwidth and low capacitance to pass
USB high speed data signals with minimal distortion.
The device has two logic control pins (OE and LP) to
control the SPST switches.
The ISL54228 has OVP detection circuitry on the COM
pins to open the SPST switches when the voltage at
these pins exceeds 3.8V or goes negative by -0.45V. It
isolates fault voltages up to +5.25V or down to -5V from
getting passed to the other-side of the switch, thereby
protecting the USB down-stream transceiver.
The ISL54228 is available in 8 Ld 1.2mmx1.4mm
µTQFN and 8 Ld 2mmx2mm TDFN packages. It operates
over a temperature range of -40°C to +85°C.
Features
• High-Speed (480Mbps) and Full-Speed (12Mbps)
Signaling Capability per USB 2.0
• 1.8V Logic Compatible (2.7V to +3.6V Supply)
•Low Power State
• Power OFF Protection
• COM Pins Overvoltage Detection and Protection for
+5.25V and -5V Fault Voltages
• -3dB Frequency . . . . . . . . . . . . . . . . . . 790MHz
• Low ON Capacitance @ 240MHz . . . . . . . . . . 2pF
• Low ON-Resistance . . . . . . . . . . . . . . . . . . 3.5Ω
• Single Supply Operation (VDD) . . . . 2.7V to 5.25V
• Available in µTQFN and TDFN Packages
• Pb-Free (RoHS Compliant)
• Compliant with USB 2.0 Short Circuit and
Overvoltage Requirements Without Additional
External Components
Applications*(see page 15)
• MP3 and other Personal Media Players
• Cellular/Mobile Phones, PDA’s
• Digital Cameras and Camcorders
• USB Switching
Typical Application
USB 2.0 HS Eye Pattern with
Switches in the Signal Path
ISL54228
USB
TRANSCEIVER
HIGH-SPEED
COM -
COM +
GND
D+
D-
VDD
OE
µP
VBUS
D-
D+
GND
OVP
DET
500Ω
LP
LOGIC
CONTROL
3.3V
TIME SCALE (0.2ns/DIV)
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
July 29, 2010
FN7628.0


Similar Part No. - ISL54228IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54228IRTZ-T RENESAS-ISL54228IRTZ-T Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
ISL54228IRTZ-T7A RENESAS-ISL54228IRTZ-T7A Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
More results

Similar Description - ISL54228IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
ISL54227 RENESAS-ISL54227 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54225 RENESAS-ISL54225 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
logo
Intersil Corporation
ISL54226 INTERSIL-ISL54226_10 Datasheet
784Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54227 INTERSIL-ISL54227_10 Datasheet
785Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Renesas Technology Corp
ISL54226 RENESAS-ISL54226 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Intersil Corporation
ISL54225 INTERSIL-ISL54225_10 Datasheet
758Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
logo
Renesas Technology Corp
ISL54224 RENESAS-ISL54224 Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
logo
Intersil Corporation
ISL54224 INTERSIL-ISL54224 Datasheet
807Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213_14 Datasheet
264Kb / 9P
   High-Speed USB 2.0 DPST Switch
November, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com