Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8022IRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL8022IRZ
Description  Dual 2A/1.7A Low Quiescent Current 2.25MHz High Efficiency Synchronous
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8022IRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL8022IRZ Datasheet HTML 4Page - Intersil Corporation ISL8022IRZ Datasheet HTML 5Page - Intersil Corporation ISL8022IRZ Datasheet HTML 6Page - Intersil Corporation ISL8022IRZ Datasheet HTML 7Page - Intersil Corporation ISL8022IRZ Datasheet HTML 8Page - Intersil Corporation ISL8022IRZ Datasheet HTML 9Page - Intersil Corporation ISL8022IRZ Datasheet HTML 10Page - Intersil Corporation ISL8022IRZ Datasheet HTML 11Page - Intersil Corporation ISL8022IRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ISL8022
8
FN7650.1
August 25, 2010
FIGURE 8. VOUT REGULATION vs LOAD, 2.25MHz, 1.5V
CHANNEL2
FIGURE 9. VOUT REGULATION vs LOAD, 2.25MHz, 2.5V
CHANNEL1
FIGURE 10. VOUT REGULATION vs LOAD, 2.25MHz,
1.8V, CHANNEL 2
FIGURE 11. OUTPUT VOLTAGE REGULATION vs VIN
2.5V CHANNEL 1
FIGURE 12. OUTPUT VOLTAGE REGULATION vs VIN 1.8V CHANNEL 2
Typical Operating Performance (Unless otherwise noted) operating conditions are:
TA =+25°C, VVIN = 2.8V to 5.5V, EN = VIN, L1 = L2 = 1.2µH, C1 = 10µF, C2 = C4 = 22µF, IOUT1 = 0A to 2A,
IOUT2 = 0A to 1.7A. (Continued)
1.48
1.49
1.50
1.51
1.52
1.53
1.54
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
OUTPUT LOAD (A)
5VIN PFM
3.3V VIN PWM
5VIN PWM
3.3V VIN PFM
2.47
2.48
2.49
2.50
2.51
2.52
2.53
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
OUTPUT LOAD (A)
5VIN PFM
3.3V VIN PWM
5VIN PWM
3.3V VIN PFM
1.77
1.78
1.79
1.80
1.81
1.82
1.83
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
OUTPUT LOAD (A)
5 VIN PFM
5VIN PWM
3.3V VIN PFM
3.3V VIN PWM
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.5 2.8 3.1 3.4 3.7 4.0 4.3 4.6 4.9 5.2 5.5
INPUT VOLTAGE (V)
1A LOAD
2A LOAD
0A LOAD PWM
0A LOAD PFM
1.77
1.78
1.79
1.80
1.81
1.82
1.83
2.5 2.8 3.1 3.4 3.7 4.0 4.3 4.6 4.9 5.2 5.5
INPUT VOLTAGE (V)
0.8A LOAD
1.7A LOAD
0A LOAD PWM
0A LOAD PFM


Similar Part No. - ISL8022IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8022IRZ RENESAS-ISL8022IRZ Datasheet
1Mb / 18P
   Dual 2A/1.7A Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL8022IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8022 RENESAS-ISL8022 Datasheet
1Mb / 18P
   Dual 2A/1.7A Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78322ARZ INTERSIL-ISL78322ARZ Datasheet
1Mb / 18P
   Dual 2A/1.7A Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
August 26, 2014
logo
Renesas Technology Corp
ISL78322 RENESAS-ISL78322 Datasheet
1Mb / 17P
   Dual 2A/1.7A, 2.25MHz High-Efficiency, Synchronous Buck Regulator
logo
Intersil Corporation
ISL78228 INTERSIL-ISL78228 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78228 RENESAS-ISL78228 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78228ARZ INTERSIL-ISL78228ARZ Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
April 13, 2015
ISL78228ARZ-T INTERSIL-ISL78228ARZ-T Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
December 4, 2013
ISL8088 INTERSIL-ISL8088_10 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
ISL8088 INTERSIL-ISL8088 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8088 RENESAS-ISL8088 Datasheet
1Mb / 18P
   Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com