Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8110EE Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE8110EE
Description  Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8110EE Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE8110EE Datasheet HTML 1Page - Infineon Technologies AG TLE8110EE Datasheet HTML 2Page - Infineon Technologies AG TLE8110EE Datasheet HTML 3Page - Infineon Technologies AG TLE8110EE Datasheet HTML 4Page - Infineon Technologies AG TLE8110EE Datasheet HTML 5Page - Infineon Technologies AG TLE8110EE Datasheet HTML 6Page - Infineon Technologies AG TLE8110EE Datasheet HTML 7Page - Infineon Technologies AG TLE8110EE Datasheet HTML 8Page - Infineon Technologies AG TLE8110EE Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
PG-DSO-36-41
Type
Package
Marking
TLE8110EE
PG-DSO-36-41
TLE8110EE
Data Sheet
4
Rev. 1.0, 2009-06-15
Smart Multichannel Low Side Switch with Parallel
Control and SPI Interface
coreFLEX
TLE8110EE
1Overview
Features
Overvoltage, Overtemperature, ESD -Protection
Direct Parallel PWM Control of all Channels
•safeCOMMUNICATION (SPI and Parallel)
Efficient Communication Mode: compactCONTROL
Compatible with 3.3V- and 5V- Micro Controllers I/O ports
•clampSAFE for highly efficient parallel use of the channels
Green Product (RoHS compliant)
AEC Qualified
Application
Power Switch Automotive and Industrial Systems switching Solenoids, Relays and Resistive Loads
Description
10 - channel Low-Side Switch in Smart Power Technology [SPT] with Serial Peripheral Interface [SPI] and 10 open
drain DMOS output stages. The TLE8110EE is protected by embedded protection functions and designed for
automotive and industrial applications. The output stages are controlled via Parallel Input Pins for PWM use or SPI
Interface . The TLE8110EE is particularly suitable for Engine Management and Powertrain Systems.


Similar Part No. - TLE8110EE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8110EE INFINEON-TLE8110EE Datasheet
2Mb / 74P
   Overvoltage, Overtemperature, ESD -Protection
TLE8110EE INFINEON-TLE8110EE_13 Datasheet
2Mb / 74P
   Overvoltage, Overtemperature, ESD -Protection
More results

Similar Description - TLE8110EE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8110ED INFINEON-TLE8110ED Datasheet
2Mb / 74P
   Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0 2018-03-07
logo
Freescale Semiconductor...
33882 FREESCALE-33882 Datasheet
688Kb / 27P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Freescale Semiconductor...
33882 FREESCALE-33882_11 Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
   Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
logo
Freescale Semiconductor...
MC33397DW FREESCALE-MC33397DW Datasheet
575Kb / 20P
   Dual/Hex Low-Side Switch with Both SPI and Parallel Input Control
MC33397D FREESCALE-MC33397D Datasheet
563Kb / 20P
   Dual/Hex Low-Side Switch with Both SPI and Parallel Input Control
logo
Infineon Technologies A...
TLE8108EM INFINEON-TLE8108EM Datasheet
1Mb / 30P
   Smart 8-Channel Low Side Relay Driver with SPI Interface
Rev. 1.0, 2011-03-23
logo
Texas Instruments
TPS274C65 TI-TPS274C65 Datasheet
2Mb / 82P
[Old version datasheet]   TPS274C65xS 65-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
APRIL 2023
TPS274C65 TI-TPS274C65_V01 Datasheet
2Mb / 87P
[Old version datasheet]   TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
REVISED OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com