Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAD5510P-17Q48 Datasheet(PDF) 3 Page - Intersil Corporation

Part # KAD5510P-17Q48
Description  Low Power 10-Bit, 250/210/170/125MSPS ADC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KAD5510P-17Q48 Datasheet(HTML) 3 Page - Intersil Corporation

  KAD5510P-17Q48 Datasheet HTML 1Page - Intersil Corporation KAD5510P-17Q48 Datasheet HTML 2Page - Intersil Corporation KAD5510P-17Q48 Datasheet HTML 3Page - Intersil Corporation KAD5510P-17Q48 Datasheet HTML 4Page - Intersil Corporation KAD5510P-17Q48 Datasheet HTML 5Page - Intersil Corporation KAD5510P-17Q48 Datasheet HTML 6Page - Intersil Corporation KAD5510P-17Q48 Datasheet HTML 7Page - Intersil Corporation KAD5510P-17Q48 Datasheet HTML 8Page - Intersil Corporation KAD5510P-17Q48 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
KAD5510P
3
FN7693.1
January 3, 2011
Pin Descriptions - 48 Ld QFN
PIN NUMBER
LVDS [LVCMOS] NAME
LVDS [LVCMOS] FUNCTION
1, 9, 13, 17, 47
AVDD
1.8V Analog Supply
2, 3, 4, 11, 21, 22,
23, 24
DNC
Do Not Connect
5, 8, 12, 48
AVSS
Analog Ground
6, 7
VINN, VINP
Analog Input Negative, Positive
10
VCM
Common Mode Output
14, 15
CLKP, CLKN
Clock Input True, Complement
16
NAPSLP
Tri-Level Power Control (Nap, Sleep modes)
18
RESETN
Power On Reset (Active Low, see page 16)
19, 29, 42
OVSS
Output Ground
20, 37
OVDD
1.8V Output Supply
25
D0N
[NC]
LVDS DDR Logical Bits 1, 0 Output Complement
[NC in LVCMOS]
26
D0P
[D0]
LVDS DDR Logical Bits 1, 0 Output True
[CMOS DDR Logical Bits 1, 0 in LVCMOS]
27
D1N
[NC]
LVDS DDR Logical Bits 3, 2 Output Complement
[NC in LVCMOS]
28
D1P
[D1]
LVDS DDR Logical Bits 3, 2 Output True
[CMOS DDR Logical Bits 3, 2 in LVCMOS]
30
RLVDS
LVDS Bias Resistor (Connect to OVSS with a 10k
Ω, 1% resistor)
31
CLKOUTN
[NC]
LVDS Clock Output Complement
[NC in LVCMOS]
32
CLKOUTP
[CLKOUT]
LVDS Clock Output True
[LVCMOS CLKOUT]
33
D2N
[NC]
LVDS DDR Logical Bits 5, 4 Output Complement
[NC in LVCMOS]
34
D2P
[D2]
LVDS DDR Logical Bits 5, 4 Output True
[CMOS DDR Logical Bits 5, 4 in LVCMOS]
35
D3N
[NC]
LVDS DDR Logical Bits 7, 6 Output Complement
[NC in LVCMOS]
36
D3P
[D3]
LVDS DDR Logical Bits 7, 6 Output True
[CMOS DDR Logical Bits 7, 6 in LVCMOS]
38
D4N
[NC]
LVDS DDR Logical Bits 9, 8 Output Complement
[NC in LVCMOS]
39
D4P
[D4]
LVDS DDR Logical Bits 9, 8 Output True
[CMOS DDR Logical Bits 9, 8 in LVCMOS]
40
ORN
[NC]
LVDS Over Range Complement
[NC in LVCMOS]
41
ORP
[OR]
LVDS Over Range True
[LVCMOS Over Range]
43
SDO
SPI Serial Data Output (4.7kΩ pull-up to OVDD is required)
44
CSB
SPI Chip Select (active low)
45
SCLK
SPI Clock
46
SDIO
SPI Serial Data Input/Output
PAD
(Exposed Paddle)
AVSS
Analog Ground (Connect to a low thermal impedance analog ground plane with
multiple vias)
NOTE: LVCMOS Output Mode Functionality is shown in brackets (NC = No Connection).


Similar Part No. - KAD5510P-17Q48

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5510P-17Q48 INTERSIL-KAD5510P-17Q48 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
KAD5510P-17Q48 INTERSIL-KAD5510P-17Q48 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
May 2, 2011
logo
Renesas Technology Corp
KAD5510P-17Q48 RENESAS-KAD5510P-17Q48 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
More results

Similar Description - KAD5510P-17Q48

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5510P_1105 INTERSIL-KAD5510P_1105 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5510P RENESAS-KAD5510P Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5510P-25Q48 INTERSIL-KAD5510P-25Q48 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
May 2, 2011
logo
List of Unclassifed Man...
KAD5512P ETC2-KAD5512P Datasheet
746Kb / 31P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5512P RENESAS-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P_09 Datasheet
642Kb / 32P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com