Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM185R60J105KE26D Datasheet(PDF) 11 Page - Intersil Corporation

Part # GRM185R60J105KE26D
Description  3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

GRM185R60J105KE26D Datasheet(HTML) 11 Page - Intersil Corporation

Back Button GRM185R60J105KE26D Datasheet HTML 7Page - Intersil Corporation GRM185R60J105KE26D Datasheet HTML 8Page - Intersil Corporation GRM185R60J105KE26D Datasheet HTML 9Page - Intersil Corporation GRM185R60J105KE26D Datasheet HTML 10Page - Intersil Corporation GRM185R60J105KE26D Datasheet HTML 11Page - Intersil Corporation GRM185R60J105KE26D Datasheet HTML 12Page - Intersil Corporation GRM185R60J105KE26D Datasheet HTML 13Page - Intersil Corporation GRM185R60J105KE26D Datasheet HTML 14Page - Intersil Corporation GRM185R60J105KE26D Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ISL9305H
11
FN7724.0
November 8, 2010
LDO1 AND LDO2 OUTPUT VOLTAGE CONTROL
REGISTERS
LDO1OUT, address 0x02h and LDO2OUT, address 0x03h.
TABLE 4. LDOX OUTPUT VOLTAGE CONTROL REGISTERS
BIT
NAME
ACCESS
RESET
DESCRIPTION
B7
Reserve
-
0
Refer to Table 5 for
output voltage
settings
B6
Reserve
-
0
B5
LDOxOUT-5
R/W
0
B4
LDOxOUT-4
R/W
0
B3
LDOxOUT-3
R/W
1
B2
LDOxOUT-2
R/W
1
B1
LDOxOUT-1
R/W
0
B0
LDOxOUT-0
R/W
0
TABLE 5. LDOX OUTPUT VOLTAGE SETTINGS
LDOOUT
<7:0>
LDO OUTPUT
VOLTAGE (V)
LDOOUT
<7:0>
LDO OUTPUT
VOLTAGE (V)
LDOOUT
<7:0>
LDO OUTPUT
VOLTAGE (V)
LDOOUT
<7:0>
LDO OUTPUT
VOLTAGE (V)
00
0.9
10
1.70
20
2.50
30
3.30
01
0.95
11
1.75
21
2.55
31
3.35
02
1.00
12
1.80
22
2.60
32
3.40
03
1.05
13
1.85
23
2.65
33
3.45
04
1.1
14
1.90
24
2.70
34
3.50
05
1.15
15
1.95
25
2.75
35
3.55
06
1.20
16
2.00
26
2.80
36
3.60
07
1.25
17
2.05
27
2.85
08
1.30
18
2.10
28
2.90
09
1.35
19
2.15
29
2.95
0A
1.40
1A
2.20
2A
3.00
0B
1.45
1B
2.25
2B
3.05
0C
1.50
1C
2.30
2C
3.10
0D
1.55
1D
2.35
2D
3.15
0E
1.60
1E
2.40
2E
3.20
0F
1.65
1F
2.45
2F
3.25


Similar Part No. - GRM185R60J105KE26D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
GRM185R60J105KE26D INTERSIL-GRM185R60J105KE26D Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
logo
Murata Manufacturing Co...
GRM185R60J105KE26D MURATA1-GRM185R60J105KE26D Datasheet
778Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Similar Description - GRM185R60J105KE26D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9305IRTHAANLZ-T INTERSIL-ISL9305IRTHAANLZ-T Datasheet
664Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
October 5, 2011
ISL9305H INTERSIL-ISL9305H_11 Datasheet
666Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Renesas Technology Corp
ISL9305H RENESAS-ISL9305H Datasheet
808Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305IRTAANLZ-T INTERSIL-ISL9305IRTAANLZ-T Datasheet
568Kb / 16P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
February 9, 2015
logo
Renesas Technology Corp
ISL9305 RENESAS-ISL9305 Datasheet
924Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9307IRTAAJBZ-T INTERSIL-ISL9307IRTAAJBZ-T Datasheet
378Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
logo
Renesas Technology Corp
ISL9307 RENESAS-ISL9307 Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 16P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com