Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL23315TFRUZ-T7A Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL23315TFRUZ-T7A
Description  Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23315TFRUZ-T7A Datasheet(HTML) 4 Page - Intersil Corporation

  ISL23315TFRUZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL23315TFRUZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL23315TFRUZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL23315TFRUZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL23315TFRUZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL23315TFRUZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL23315TFRUZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL23315TFRUZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL23315TFRUZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ISL23315
4
FN7778.0
December 15, 2010
Absolute Maximum Ratings
Thermal Information
Supply Voltage Range
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
VLOGIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
Voltage on Any DCP Terminal Pin. . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
Voltage on Any Digital Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.0V
Wiper current IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
ESD Rating
Human Body Model (Tested per JESD22-A114E) . . . . . . . . . . . . . . .6.5kV
CDM Model (Tested per JESD22-A114E) . . . . . . . . . . . . . . . . . . . . . . . 1kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . 200V
Latch Up
(Tested per JESD-78B; Class 2, Level A) . . . . . . . . . . 100mA @ +125°C
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
10 Ld MSOP Package (Notes 6, 7). . . . . . .
170
70
10 Ld µTQFN Package (Notes 6, 7) . . . . . .
145
90
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . .+150°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
VCC Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.7V to 5.5V
VLOGIC Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.2V to 5.5V
DCP Terminal Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0 to VCC
Max Wiper Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±3mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
6.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
7. For
θJC, the “case temp” location is the center top of the package.
Analog Specifications
VCC = 2.7V to 5.5V, VLOGIC = 1.2V to 5.5V over recommended operating conditions unless otherwise
stated. Boldface limits apply over the operating temperature range, -40°C to +125°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20)
TYP
(Note 8)
MAX
(Note 20)
UNITS
RTOTAL
RH to RL resistance
W option
10
k
Ω
U option
50
k
Ω
T option
100
k
Ω
RH to RL resistance tolerance
-20
±2
+20
%
End-to-End Temperature Coefficient
W option
175
ppm/°C
U option
85
ppm/°C
T option
70
ppm/°C
VRH, VRL
DCP terminal voltage
VRH or VRL to GND
0VCC
V
RW
Wiper resistance
RH - floating, VRL = 0V, force IW current
to the wiper,
IW = (VCC - VRL)/RTOTAL,
VCC = 2.7V to 5.5V
70
200
Ω
VCC = 1.7V
580
Ω
CH/CL/CW
Terminal capacitance
See “DCP Macro Model” on page 8
22/22/32
pF
ILkgDCP
Leakage on DCP pins
Voltage at pin from GND to VCC
-0.4
< 0.1
0.4
µA
Noise
Resistor noise density
Wiper at middle point, W option
120
Wiper at middle point, U option
190
Wiper at middle point, T option
220
Feed Thru Digital feed-through from bus to wiper
Wiper at middle point
-65
dB
PSRR
Power Supply Reject Ratio
Wiper output change if VCC change
±10%; wiper at middle point
-75
dB
nV Hz
nV Hz
nV Hz


Similar Part No. - ISL23315TFRUZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23315TFRUZ-T7A INTERSIL-ISL23315TFRUZ-T7A Datasheet
980Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
ISL23315TFRUZ-T7A INTERSIL-ISL23315TFRUZ-T7A Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315TFRUZ-T7A RENESAS-ISL23315TFRUZ-T7A Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - ISL23315TFRUZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23415 INTERSIL-ISL23415_11 Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415 Datasheet
941Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315TFUZ INTERSIL-ISL23315TFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 RENESAS-ISL23415 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com