Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL23415UFRUZ-T7A Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL23415UFRUZ-T7A
Description  Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23415UFRUZ-T7A Datasheet(HTML) 5 Page - Intersil Corporation

  ISL23415UFRUZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL23415UFRUZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL23415UFRUZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL23415UFRUZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL23415UFRUZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL23415UFRUZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL23415UFRUZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL23415UFRUZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL23415UFRUZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ISL23415
5
FN7780.0
December 15, 2010
VOLTAGE DIVIDER MODE (0V @ RL; VCC @ RH; measured at RW, unloaded)
INL
(Note 13)
Integral non-linearity, Guaranteed
monotonic
W option
-1.0
±0.5
+1.0
LSB
(Note 9)
U, T option
-0.5
±0.15
+0.5
LSB
(Note 9)
DNL
(Note 12)
Differential non-linearity, Guaranteed
monotonic
W option
-1
±0.4
+1
LSB
(Note 9)
U, T option
-0.4
±0.1
+0.4
LSB
(Note 9)
FSerror
(Note 11)
Full-scale error
W option
-3.5
-2
0
LSB
(Note 9)
U, T option
-2
-0.5
0
LSB
(Note 9)
ZSerror
(Note 10)
Zero-scale error
W option
0
2
3.5
LSB
(Note 9)
U, T option
0
0.4
2
LSB
(Note 9)
TCV
(Note 14)
Ratiometric temperature coefficient
W option, Wiper Register set to 80 hex
8
ppm/°C
U option, Wiper Register set to 80 hex
4
ppm/°C
T option, Wiper Register set to 80 hex
2.3
ppm/°C
Large signal wiper settling time
From code 0 to FF hex
300
ns
fcutoff
-3dB cutoff frequency
Wiper at middle point W option
1200
kHz
Wiper at middle point U option
250
kHz
Wiper at middle point T option
120
kHz
RHEOSTAT MODE (Measurements between RW and RL pins with RH not connected, or between RW and RH with RL not connected)
RINL
(Note 18)
Integral non-linearity, Guaranteed
monotonic
W option; VCC = 2.7V to 5.5V
-2.0
±1
+2.0
MI
(Note 15)
W option; VCC = 1.7V
10.5
MI
(Note 15)
U, T option; VCC = 2.7V to 5.5V
-1.0
±0.3
+1.0
MI
(Note 15)
U, T option; VCC = 1.7V
2.1
MI
(Note 15)
RDNL
(Note 17)
Differential non-linearity, Guaranteed
monotonic
W option; VCC = 2.7V to 5.5V
-1
±0.4
+1
MI
(Note 15)
W option; VCC = 1.7V
±0.6
MI
(Note 15)
U, T option; VCC = 2.7V to 5.5V
-0.5
±0.15
+0.5
MI
(Note 15)
U, T option; VCC = 1.7V
±0.35
MI
(Note 15)
Analog Specifications VCC = 2.7V to 5.5V, VLOGIC = 1.2V to 5.5V over recommended operating conditions unless otherwise stated.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
(Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20)
TYP
(Note 8)
MAX
(Note 20)
UNITS


Similar Part No. - ISL23415UFRUZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23415UFRUZ-T7A INTERSIL-ISL23415UFRUZ-T7A Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415UFRUZ-T7A INTERSIL-ISL23415UFRUZ-T7A Datasheet
731Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
September 14, 2015
logo
Renesas Technology Corp
ISL23415UFRUZ-T7A RENESAS-ISL23415UFRUZ-T7A Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - ISL23415UFRUZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415_11 Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315TFUZ INTERSIL-ISL23315TFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 RENESAS-ISL23415 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com