Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6364IRZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6364IRZ
Description  Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6364IRZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6364IRZ Datasheet HTML 1Page - Intersil Corporation ISL6364IRZ Datasheet HTML 2Page - Intersil Corporation ISL6364IRZ Datasheet HTML 3Page - Intersil Corporation ISL6364IRZ Datasheet HTML 4Page - Intersil Corporation ISL6364IRZ Datasheet HTML 5Page - Intersil Corporation ISL6364IRZ Datasheet HTML 6Page - Intersil Corporation ISL6364IRZ Datasheet HTML 7Page - Intersil Corporation ISL6364IRZ Datasheet HTML 8Page - Intersil Corporation ISL6364IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
ISL6364
4
FN6861.0
December 22, 2010
ISL6364 Internal Block Diagram
REF
FB
VR_HOT#
TEMPERATURE
COMPENSATION
ISEN1+
ISEN1-
ISEN2+
ISEN2-
ISEN3+
ISEN3-
ISEN4+
ISEN4-
Σ
CHANNEL
CURRENT
BALANCE
AND PEAK
CURRENT LIMIT
0.85V
-
+
POWER-ON
RESET (POR)
0.85V
-
+
EN_VTT
N
N
GND
PWM2
PWM1
PWM3
PWM4
TEMPERATURE
COMPENSATION
GAIN ADJUST
EAPP
MODULATOR
EAPP
MODULATOR
EAPP
MODULATOR
EAPP
MODULATOR
RAMP_ADJ
RGND
SVCLK
SVALERT#
SVDATA
BTS_DES_TCOMPS
BT_FDVID_TCOMP
NPSI_DE_IMAX
ADDR_IMAXS_TMAX
-
+
E/A
TMAX
VSEN
COMP
HFCOMP
HIGH FREQUENCY
COMPENSATION
PSICOMP
PSI#
1
N
I_TRIP
RGNDS
FBS
-
+
E/A
VSENS
VR_RDY
HFCOMPS/DVCS
HIGH FREQUENCY
COMPENSATION
COMPS
EAPP
MODULATOR
VR_RDYS
IMON
1.11V
1.15V
IMONS
1.11V
-
+
OCP
ISENS+
ISENS-
E/A
IDROOPS
IDROOPS
TCOMP
TM
TEMPERATURE
COMPENSATION
TCOMPS
TCOMP
TCOMPS
AVERAGE & PEAK
CURRENT LIMIT
PWMS
VR0 REGs
VR1 REGs
-
+
OVP
FS_DRP
VR0: CLOCK AND
RAMP GENERATOR
SOFT-START
AND
FAULT LOGIC
PSI#
VCC
THG
THGS
IDROOP
-
+
OCP
RSET
AUTO PHASE
SHEDDING
SICI
SHED
SHED
RESET
LATCH
THERMAL
MONITOR
TMAX
+
+
+
+
SVID BUS
INTERFACE
DAC &
OFFSET
DAC &
OFFSET
+
-
175mV
+
-
175mV
VR1: CLOCK AND
RAMP GENERATOR
FSS_DRPS
SOFT-START
AND
FAULT LOGIC
CHANNEL
DETECT
CHANNEL
CURRENT
SENSE
TMS
THGS
THERMAL
MONITOR
EN_PWR_OVP
“SICI” FOR
ISL6364:
“IAUTO” FOR
ISL6364A
OVP FOR
ISL6364A
1.15V


Similar Part No. - ISL6364IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6364IRZ-TR5561 INTERSIL-ISL6364IRZ-TR5561 Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
ISL6364IRZR5561 INTERSIL-ISL6364IRZR5561 Datasheet
259Kb / 6P
   PCN13024 ??ASECL Reliability Qualification Summary
More results

Similar Description - ISL6364IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6366 INTERSIL-ISL6366 Datasheet
1Mb / 44P
   Dual 6-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
logo
Renesas Technology Corp
ISL6364A RENESAS-ISL6364A Datasheet
153Kb / 2P
   Green Dual 41 PWM Controller for VR12/IMVP7 Applications with AUTO Phase Shedding
April 10, 2012
ISL6364C RENESAS-ISL6364C Datasheet
192Kb / 2P
   Dual 4-Phase 1-Phase PWM Controller for VR12 Desktop Applications
Aug 7, 2013
logo
Intersil Corporation
ISL6364CCRZ INTERSIL-ISL6364CCRZ Datasheet
92Kb / 3P
   Dual 4-Phase 1-Phase PWM Controller for VR12 Desktop Applications
11/9/2011
logo
Maxim Integrated Produc...
MAX17411 MAXIM-MAX17411 Datasheet
3Mb / 72P
   Dual-Output, 3-/2-/1-Phase 2-/1-Phase Quick-PWM Controllers for VR12/IMVP7
19-5742; Rev 1; 7/11
logo
Renesas Technology Corp
ISL6367 RENESAS-ISL6367 Datasheet
165Kb / 2P
   Green Hybrid Digital Dual 61 Phase PWM Controller for VR12/IMVP7 Applications With SMBus/PMBus/I2C and AUTO Phase
logo
Maxim Integrated Produc...
MAX17039 MAXIM-MAX17039 Datasheet
62Kb / 1P
   Dual-Output, 3-Phase 1 Phase Quick-PWM Controller for VR12/IMVP-7
XX-XXXX; Rev 0; 7/09
logo
ON Semiconductor
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
   VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
logo
Monolithic Power System...
MP2935 MPS-MP2935 Datasheet
1Mb / 42P
   4-Phase PWM Controller for VR12.5 Applications
logo
ON Semiconductor
NCP6131NS52MNR2G ONSEMI-NCP6131NS52MNR2G Datasheet
14Kb / 1P
   NCP6131: IMVP7 1-, 2-, 3-Phase CPU Controller 1-Phase GPU Controller
5/4/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com