Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL21009DFB812Z Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL21009DFB812Z
Description  High Voltage Input Precision, Low Noise FGA??Voltage References
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21009DFB812Z Datasheet(HTML) 4 Page - Intersil Corporation

  ISL21009DFB812Z Datasheet HTML 1Page - Intersil Corporation ISL21009DFB812Z Datasheet HTML 2Page - Intersil Corporation ISL21009DFB812Z Datasheet HTML 3Page - Intersil Corporation ISL21009DFB812Z Datasheet HTML 4Page - Intersil Corporation ISL21009DFB812Z Datasheet HTML 5Page - Intersil Corporation ISL21009DFB812Z Datasheet HTML 6Page - Intersil Corporation ISL21009DFB812Z Datasheet HTML 7Page - Intersil Corporation ISL21009DFB812Z Datasheet HTML 8Page - Intersil Corporation ISL21009DFB812Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
FN6327.7
September 16, 2009
Absolute Voltage Ratings
Thermal Information
Max Voltage VIN to GND . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +18V
Max Voltage VOUT to GND (10s) . . . . . . . . . . . . . -0.5V to VOUT +1V
Voltage on “DNC” pins . . . . No connections permitted to these pins.
ESD Ratings
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6kV
Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Thermal Resistance (Typical, Note 3)
θ
JA (°C/W)
8 Ld SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
115
Storage Temperature Range . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-free Reflow Profile (Note 4). . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature Range (Industrial) . . . . . . . . . . . . . . . -40°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at
the specified temperature and are pulsed tests, therefore: TJ = TC = TA
NOTES:
3.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
4. Post-reflow drift for the ISL21009 devices will range from 100µV to 1.0mV based on experimental results with devices tested in sockets and also
on FR4 multi-layer PC boards. The design engineer must take this into account when considering the reference voltage after assembly.
Common Electrical Specifications (ISL21009-12, -25, -41, -50) TA = -40°C to +125°C, IOUT = 0, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOA
VOUT Accuracy @ TA = +25°C
ISL21009B
-0.5
+0.5
mV
ISL21009C
-1.0
+1.0
mV
ISL21009D
-2.0
+2.0
mV
TC VOUT
Output Voltage Temperature
Coefficient (Note 5)
ISL21009B
3
ppm/°C
ISL21009C
5
ppm/°C
ISL21009D
10
ppm/°C
IIN
Supply Current
95
180
µA
ΔV
OUT / VOUT
Trim Range
±2.0
±2.5
%
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
10
mA
tR
Turn-on Settling Time
VOUT = ±0.1%
100
µs
Ripple Rejection
f = 10kHz
60
dB
eN
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
4.5
µVP-P
VN
Broadband Voltage Noise
10Hz
≤ f ≤ 1kHz
2.2
µVRMS
Electrical Specifications (ISL21009-12, V
OUT = 1.250V)
VIN = 5.0V, TA = -40°C to +125°C, IOUT = 0, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOUT
Output Voltage
1.250
V
VIN
Input Voltage Range
3.5
16.5
V
ΔV
OUT/ΔVIN
Line Regulation
3.5V < VIN < 5.5V
50
150
µV/V
5.5V < VIN < 16.5V
10
50
µV/V
ΔV
OUT/ΔIOUT
Load Regulation
Sourcing: 0mA
≤ I
OUT ≤ 7mA
10
50
µV/mA
Sinking: -7mA
≤ I
OUT ≤ 0mA
20
100
µV/mA
ΔV
OUT/ΔTA
Thermal Hysteresis (Note 6)
ΔT
A = +165°C
50
ppm
ΔV
OUT/Δt
Long Term Stability (Note 7)
TA = +25°C
50
ppm
ISL21009


Similar Part No. - ISL21009DFB812Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21009DFB812Z INTERSIL-ISL21009DFB812Z Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21009DFB812Z INTERSIL-ISL21009DFB812Z Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21009DFB812Z RENESAS-ISL21009DFB812Z Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
More results

Similar Description - ISL21009DFB812Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21009MEP RENESAS-ISL21009MEP Datasheet
640Kb / 14P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
December 15, 2008
ISL21009 RENESAS-ISL21009 Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com