Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25-D48 Datasheet(PDF) 4 Page - Murata Power Solutions Inc.

Part # 25-D48
Description  Isolated 300-Watt Quarter Brick DC/DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

25-D48 Datasheet(HTML) 4 Page - Murata Power Solutions Inc.

  25-D48 Datasheet HTML 1Page - Murata Power Solutions Inc. 25-D48 Datasheet HTML 2Page - Murata Power Solutions Inc. 25-D48 Datasheet HTML 3Page - Murata Power Solutions Inc. 25-D48 Datasheet HTML 4Page - Murata Power Solutions Inc. 25-D48 Datasheet HTML 5Page - Murata Power Solutions Inc. 25-D48 Datasheet HTML 6Page - Murata Power Solutions Inc. 25-D48 Datasheet HTML 7Page - Murata Power Solutions Inc. 25-D48 Datasheet HTML 8Page - Murata Power Solutions Inc. 25-D48 Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HPQ-12/25-D48 Series
Isolated 300-Watt Quarter Brick DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
09 Nov 2010
MDC_HPQ-12/25-D48 Series.A03 Page 4 of 12
FUNCTIONAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Conditions
Minimum
Typical/Nominal
Maximum
Units
Input Voltage, Continuous
Full power operation
36
75
Vdc
Input Voltage, Transient
Operating or non-operating,
100 mS max. duration
100
Vdc
Isolation Voltage
Input to output tested 100 mS
2250
Vdc
Input Reverse Polarity
None, install external fuse
None
Vdc
On/Off Remote Control
Power on or off, referred to -Vin
0
15
Vdc
Output Power
0
300
W
Output Current
Current-limited, no damage,
short-circuit protected
025
A
Storage Temperature Range
Vin = Zero (no power)
-55
125
°C
Absolute maximums are stress ratings. Exposure of devices to greater than any of these conditions may adversely affect long-term reliability. Proper operation under conditions other than those
listed in the Performance/Functional Specifications Table is not implied or recommended.
INPUT
Conditions
➀ ➂
Operating voltage range
36
48
75
Vdc
Recommended External Fuse
Fast blow
20
A
Start-up threshold
Rising input voltage
33
34
35
Vdc
Undervoltage shutdown
Falling input voltage
31
32
34
Vdc
Overvoltage protection
Rising input voltage
None
Vdc
Reverse Polarity Protection
None, install external fuse
None
Vdc
Internal Filter Type
Pi-type
Input current
Full Load Conditions
Vin = nominal
6.61
6.82
A
Low Line
Vin = minimum
8.82
9.09
A
Inrush Transient
Vin = 48V.
0.3
A2-Sec.
Output in Short Circuit
50
100
mA
No Load
Iout = minimum, unit=ON
150
250
mA
Standby Mode (Off, UV, OT)
510
mA
Reflected (back) ripple current
Measured at input with specified filter
50
70
mA, RMS
Pre-biased startup
External output voltage < Vset
Monotonic
GENERAL and SAFETY
Efficiency
Vin=48V, full load
93.5
94.5
%
Vin=45.6V, full load
93.5
94.5
%
Isolation
Isolation Voltage, input to output
No baseplate
2250
Vdc
Isolation Voltage, input to output
With baseplate
2250
Vdc
Isolation Voltage, input to baseplate
With baseplate
1500
Vdc
Isolation Voltage, output to baseplate
With baseplate
1500
Vdc
Insulation Safety Rating
basic
Isolation Resistance
10
Isolation Capacitance
1000
pF
Safety
Certified to UL-60950-1, CSA-C22.2 No.60950-1,
IEC/EN60950-1, 2nd edition
Yes
Calculated MTBF
Per MIL-HDBK-217F, ground benign,
Tambient=+TBD°C
TBD
Hours x 103
Calculated MTBF
Per Telcordia SR-332, issue 1, class 3, ground
fixed, Tambient=+25°C
1500
Hours x 103
DYNAMIC CHARACTERISTICS
Fixed Switching Frequency
260
KHz
Startup Time
Power On, to Vout regulation band,
100% resistive load
15
mS
Startup Time
Remote ON to Vout Regulated
15
mS
Dynamic Load Response
50-75-50% load step to 1% error band
550
825
μSec
Dynamic Load di/dt
0.1
A / μSec
Dynamic Load Peak Deviation
same as above
±500
±750
mV
FEATURES and OPTIONS
Remote On/Off Control
“N” suffix:
Negative Logic, ON state
ON = pin grounded or external voltage
0
0.8
Vdc
Negative Logic, OFF state
OFF = pin open or external voltage
3.5
13.5
Vdc
Control Current
open collector/drain
1
2
mA
FEATURES and OPTIONS (cont.)
Conditions
Minimum
Typical/Nominal
Maximum
Units


Similar Part No. - 25-D48

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
25-DBFE LINKCOM-25-DBFE Datasheet
566Kb / 6P
   Power Supply
More results

Similar Description - 25-D48

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ-12-25-D48 MURATA-HPQ-12-25-D48 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
RBQ-12 MURATA-RBQ-12 Datasheet
691Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
HPQ MURATA-HPQ Datasheet
1Mb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
HPQ_SERIES MURATA-HPQ_SERIES Datasheet
269Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
UWQ-12-Q48 MURATA-UWQ-12-Q48 Datasheet
1,003Kb / 18P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com