Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25-D48 Datasheet(PDF) 6 Page - Murata Power Solutions Inc.

Part # 25-D48
Description  Isolated 300-Watt Quarter Brick DC/DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

25-D48 Datasheet(HTML) 6 Page - Murata Power Solutions Inc.

Back Button 25-D48 Datasheet HTML 2Page - Murata Power Solutions Inc. 25-D48 Datasheet HTML 3Page - Murata Power Solutions Inc. 25-D48 Datasheet HTML 4Page - Murata Power Solutions Inc. 25-D48 Datasheet HTML 5Page - Murata Power Solutions Inc. 25-D48 Datasheet HTML 6Page - Murata Power Solutions Inc. 25-D48 Datasheet HTML 7Page - Murata Power Solutions Inc. 25-D48 Datasheet HTML 8Page - Murata Power Solutions Inc. 25-D48 Datasheet HTML 9Page - Murata Power Solutions Inc. 25-D48 Datasheet HTML 10Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TYPICAL PERFORMANCE DATA
Efficiency and Power Dissipation @ +25°C
Maximum Current Temperature Derating vs. Airflow (Vin=Vnom., airflow direction is
from -Vin to +Vin, with baseplate, at sea level)
0
5
10
15
20
25
30
30
35
40
45
50
55
60
65
70
75
80
85
100 LFM
200 LFM
300 LFM
400 LFM
Ambient Temperature (°C)
Maximum Current Temperature Derating vs. Airflow (Vin=Vnom., airflow direction is
from Vin to Vout, no baseplate, at sea level)
0
5
10
15
20
25
30
30
35
40
45
50
55
60
65
70
75
80
85
100 LFM
200 LFM
300 LFM
400 LFM
Ambient Temperature (°C)
Power On Startup Delay Output
(Vin = 0 to 48V, Iout = 25A, Cload = 0, Ta = +25°C)
75
65
70
80
85
90
95
100
15
5
10
20
25
30
35
40
3
5
7
9
11
13
15
17
19
21
23
25
VIN = 36 V
VIN = 48 V
Power Dissipation
VIN = 48 V
VIN = 75 V
Iout (Amps)
HPQ-12/25-D48 Series
Isolated 300-Watt Quarter Brick DC/DC Converters
www.murata-ps.com
email: sales@murata-ps.com
09 Nov 2010
MDC_HPQ-12/25-D48 Series.A03 Page 6 of 12
Notes
➀ Unless otherwise noted, all specifications apply over the input voltage range, full temperature
range, nominal output voltage and full output load. General conditions are near sea level altitude,
no base plate installed and natural convection airflow unless otherwise specified. All models are
tested and specified with external parallel 1 μF and 10 μF multi-layer ceramic output capacitors.
No external input capacitor is used (see Application Notes). All capacitors are low-ESR types wired
close to the converter. These capacitors are necessary for our test equipment and may not be
needed in the user’s application.
➁ Input (back) ripple current is tested and specified over 5 Hz to 20 MHz bandwidth. Input filtering is
Cin = 33 μF, Cbus = 220μF and Lbus = 4.7 μH.
➂ All models are stable and regulate to specification under no load.
➃ The Remote On/Off Control is referred to -Vin.
➄ Regulation specifications describe the output voltage changes as the line voltage or load current
is varied from its nominal or midpoint value to either extreme. The load step is ±25% of full load
current.
➅ Output Ripple and Noise is measured with Cout = 1μF MLCC paralleled with 10μF tantalum, 20
MHz oscilloscope bandwidth and full resistive load.
➆ The Sense and Trim pins are removed for the “X” model option.
➇ NOTICE—Please use only this customer data sheet as product documentation when laying out your
printed circuit boards and applying this product into your application. Do NOT use other materials as
official documentation such as advertisements, product announcements, or website graphics.
We strive to have all technical data in this customer data sheet highly accurate and complete. This cus-
tomer data sheet is revision-controlled and dated. The latest customer data sheet revision is normally
on our website (www.murata-ps.com) for products which are fully released to Manufacturing. Please be
especially careful using any data sheets labeled “Preliminary” since data may change without notice.
The pinout (Pxx) and case (Cxx) designations (typically P65 or C59) refer to a generic family of
closely related information. It may not be a single pinout or unique case outline. Please be aware
of small details (such as Sense pins, Power Good pins, etc.) or slightly different dimensions
(baseplates, heat sinks, etc.) which may affect your application and PC board layouts. Study the
Mechanical Outline drawings, Input/Output Connection table and all footnotes very carefully.
Please contact Murata Power Solutions if you have any questions.


Similar Part No. - 25-D48

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
25-DBFE LINKCOM-25-DBFE Datasheet
566Kb / 6P
   Power Supply
More results

Similar Description - 25-D48

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
HPQ-12-25-D48 MURATA-HPQ-12-25-D48 Datasheet
577Kb / 12P
   Isolated 300-Watt Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
RBQ-12 MURATA-RBQ-12 Datasheet
691Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
HPQ-3.3 MURATA-HPQ-3.3 Datasheet
272Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
HPQ MURATA-HPQ Datasheet
1Mb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
HPQ_SERIES MURATA-HPQ_SERIES Datasheet
269Kb / 10P
   Isolated High Power Quarter Brick DC/DC Converters
UWQ-12-Q48 MURATA-UWQ-12-Q48 Datasheet
1,003Kb / 18P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com