Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC813 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC813
Description  SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA) WITH LIMITED RF OUTPUT, 1 - 26 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC813 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC813 Datasheet HTML 1Page - Hittite Microwave Corporation HMC813 Datasheet HTML 2Page - Hittite Microwave Corporation HMC813 Datasheet HTML 3Page - Hittite Microwave Corporation HMC813 Datasheet HTML 4Page - Hittite Microwave Corporation HMC813 Datasheet HTML 5Page - Hittite Microwave Corporation HMC813 Datasheet HTML 6Page - Hittite Microwave Corporation HMC813 Datasheet HTML 7Page - Hittite Microwave Corporation HMC813 Datasheet HTML 8Page - Hittite Microwave Corporation HMC813 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
5
5 - 3
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC813
v00.1210
SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
WITH LIMITED RF OUTPUT, 1 - 26 GHz
VIDEO OUT & Error
vs. Input Power, Fin = 14 GHz [1]
VIDEO OUT & Error
vs. Input Power, Fin = 26 GHz [1]
VIDEO OUT & Error
vs. Input Power, Fin = 18 GHz [1]
VIDEO OUT vs. Error
vs. Input Power, Fin = 20 GHz [1]
VIDEO OUT & Error
vs. Input Power, Fin = 22 GHz [1]
[1] electrical specs and performance plots are given for single-ended operation
0.5
1
1.5
2
-3
-2
-1
0
1
2
3
-60
-50
-40
-30
-20
-10
0
10
ERR +25C
ERR +85C
ERR -55C
Ideal
Video Out +25C
Video Out +85C
Video Out -55C
INPUT POWER (dBm)
0.5
1
1.5
2
-3
-2
-1
0
1
2
3
-60
-50
-40
-30
-20
-10
0
10
ERR +25C
ERR +85C
ERR -55C
Ideal
Video Out +25C
Video Out +85C
Video Out -55C
INPUT POWER (dBm)
0.5
1
1.5
2
-3
-2
-1
0
1
2
3
-60
-50
-40
-30
-20
-10
0
10
ERR +25C
ERR +85C
ERR -55C
Ideal
Video Out +25C
Video Out +85C
Video Out -55C
INPUT POWER (dBm)
0.5
1
1.5
2
-3
-2
-1
0
1
2
3
-60
-50
-40
-30
-20
-10
0
10
ERR +25C
ERR +85C
ERR -55C
Ideal
Video Out +25C
Video Out +85C
Video Out -55C
INPUT POWER (dBm)
0.5
1
1.5
2
-3
-2
-1
0
1
2
3
-60
-50
-40
-30
-20
-10
0
10
ERR +25C
ERR +85C
ERR -55C
Ideal
Video Out +25C
Video Out +85C
Video Out -55C
INPUT POWER (dBm)


Similar Part No. - HMC813

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC813 AD-HMC813 Datasheet
687Kb / 10P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
logo
Hittite Microwave Corpo...
HMC813LC4B HITTITE-HMC813LC4B Datasheet
885Kb / 10P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)LIMITED RF OUTPUT, 1 - 20 GHz
logo
Analog Devices
HMC813LC4B AD-HMC813LC4B Datasheet
886Kb / 10P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
More results

Similar Description - HMC813

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC813LC4B HITTITE-HMC813LC4B Datasheet
885Kb / 10P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)LIMITED RF OUTPUT, 1 - 20 GHz
HMC-C052 HITTITE-HMC-C052 Datasheet
301Kb / 6P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 1 - 20 GHz
logo
Analog Devices
HMC813LC4B AD-HMC813LC4B Datasheet
886Kb / 10P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
HMC813 AD-HMC813 Datasheet
687Kb / 10P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
HMC913LC4B AD-HMC913LC4B Datasheet
645Kb / 10P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
HMC1013LP4E AD-HMC1013LP4E Datasheet
710Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
logo
Hittite Microwave Corpo...
HMC1013LP4E HITTITE-HMC1013LP4E Datasheet
878Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.5 - 18.5 GHz
HMC613LC4B HITTITE-HMC613LC4B Datasheet
790Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.1 - 20 GHz
HMC913LC4B HITTITE-HMC913LC4B Datasheet
425Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.6 - 20 GHz
HMC913 HITTITE-HMC913_10 Datasheet
873Kb / 10P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.6 - 20 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com