Electronic Components Datasheet Search |
|
XRCGB30M000F3M00R0 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
XRCGB30M000F3M00R0 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
1 / 3 page Crystal Resonator XRCGB_F_M Series [For Consumer Equipment] s Features Small package (2.0x1.6mm) Compatible with RoHS directive (phase 3) s Applications PC / Visual Equipment / Small Portable Equipment s Standard Specifications s Dimensions s Part Numbering s Recommendable Land Pattern e wr 30M000 F3M00 R0 XRCGB q Cat. No. P79E-3 qSeries Name wNominal Frequency Frequency is expressed by six-digit alphanumeric. (example: 30.0000MHz — > 30M000) eIndividual Specification With standard products, Individual Specification is " FpM00". p are the alphanumeric characters indicating Frequency Tolerance. rPackaging Part Number Nominal Frequency (MHz) Frequency Tolerance (at 25 ±3°C) Equivalent Series Resistance (ohm) Temparature Stability (Based on +25 °C) Drive Level ( µW) Load Capacitance (pF) 24.0000 25.0000 27.0000 27.1200 30.0000 33.8688 40.0000 48.0000 ±30ppm max. ±30ppm max. ±30ppm max. ±30ppm max. ±30ppm max. ±45ppm max. ±45ppm max. ±45ppm max. 150 max. 150 max. 150 max. 150 max. 100 max. 100 max. 100 max. 100 max. ±40ppm max. (-30 to +85°C) ±40ppm max. (-30 to +85°C) ±40ppm max. (-30 to +85°C) ±40ppm max. (-30 to +85°C) ±40ppm max. (-30 to +85°C) ±40ppm max. (-30 to +85°C) ±40ppm max. (-30 to +85°C) ±40ppm max. (-30 to +85°C) 300 max. 300 max. 300 max. 300 max. 300 max. 300 max. 300 max. 300 max. 6 6 6 6 6 6 6 6 XRCGB24M000F3M00R0 XRCGB25M000F3M00R0 XRCGB27M000F3M00R0 XRCGB27M120F3M00R0 XRCGB30M000F3M00R0 XRCGB33M868F4M00R0 XRCGB40M000F4M00R0 XRCGB48M000F4M00R0 Operating Tempareture Range: -30 to +85 °C (in mm) 2.00 1.30 0.50 0.10 (1) (2) (3) (0.15) (1): Input/Output (2): Float (3): Input/Output (in mm) 0.75 0.75 0.60 • This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. • This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. P79E.pdf 10.7.12 !Note |
Similar Part No. - XRCGB30M000F3M00R0 |
|
Similar Description - XRCGB30M000F3M00R0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |