Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC892LP5E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC892LP5E
Description  FILTER - TUNABLE, BAND PASS SMT 4.0 - 7.7 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC892LP5E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC892LP5E Datasheet HTML 1Page - Hittite Microwave Corporation HMC892LP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC892LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC892LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC892LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC892LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC892LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC892LP5E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3 - 2
3
HMC892LP5E
v00.0910
FILTER - TUNABLE, BAND PASS SMT
4.0 - 7.7 GHz
Broadband Insertion Loss vs.
Control Voltages, Vfctl = Vbwctl
Insertion Loss vs.
Control Voltages, Vfctl = Vbwctl
Insertion Loss vs.
Temperature, Vfctl = Vbwctl = 7V
Broadband Return Loss vs.
Control Voltages, Vfctl = Vbwctl
Return Loss vs.
Control Voltages, Vfctl = Vbwctl
Return Loss vs.
Temperature, Vfctl = Vbwctl = 7V
-70
-60
-50
-40
-30
-20
-10
0
0
5
10
15
20
25
30
0V
7V
14V
FREQUENCY (GHz)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
3
4
5
6
7
8
9
0V
7V
14V
FREQUENCY (GHz)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
3
4
5
6
7
8
9
+25C
+85C
-40C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0
5
10
15
20
25
30
S11
S22
FREQUENCY (GHz)
14V
7V
0V
-30
-25
-20
-15
-10
-5
0
3
4
5
6
7
8
9
S11
S22
FREQUENCY (GHz)
14V
7V
0V
-30
-25
-20
-15
-10
-5
0
3
4
5
6
7
8
9
+25C
+85C
-40C
FREQUENCY (GHz)
S22
S11


Similar Part No. - HMC892LP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC892ALP5E AD-HMC892ALP5E Datasheet
583Kb / 11P
   3.45 GHz to 6.25 GHz, GHz,
HMC892ALP5ETR AD-HMC892ALP5ETR Datasheet
583Kb / 11P
   3.45 GHz to 6.25 GHz, GHz,
More results

Similar Description - HMC892LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC881LP5E HITTITE-HMC881LP5E Datasheet
835Kb / 6P
   FILTER - TUNABLE, LOW PASS SMT 2.2 - 4.0 GHz
HMC881LP5 HITTITE-HMC881LP5_10 Datasheet
469Kb / 6P
   FILTER - TUNABLE, LOW PASS SMT 2.2 - 4.0 GHz
HMC891LP5E HITTITE-HMC891LP5E_09 Datasheet
689Kb / 8P
   FILTER - TUNABLE, BAND PASS SMT 2.0 - 3.9 GHz
HMC890LP5E_1007 HITTITE-HMC890LP5E_1007 Datasheet
1Mb / 8P
   FILTER - TUNABLE, BAND PASS SMT 1 - 2 GHz
HMC897LP4E HITTITE-HMC897LP4E Datasheet
1,013Kb / 8P
   FILTER - TUNABLE, BAND PASS SMT 9 - 19 GHz
HMC895LP4E HITTITE-HMC895LP4E Datasheet
960Kb / 8P
   FILTER - TUNABLE, BAND PASS SMT 6.8 - 12.6 GHz
HMC893LP5E HITTITE-HMC893LP5E Datasheet
1Mb / 10P
   FILTER - TUNABLE, BAND PASS SMT 4.8 - 9.5 GHz
HMC894LP5E HITTITE-HMC894LP5E Datasheet
1Mb / 10P
   FILTER - TUNABLE, BAND PASS SMT 5.9 - 11.2 GHz
HMC891LP5E_1007 HITTITE-HMC891LP5E_1007 Datasheet
1Mb / 8P
   FILTER - TUNABLE, BAND PASS SMT 2.0 - 3.9 GHz
HMC896LP4E HITTITE-HMC896LP4E Datasheet
939Kb / 8P
   FILTER - TUNABLE, BAND PASS SMT 10 - 18 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com