Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP6142 Datasheet(PDF) 11 Page - Exar Corporation

Part # XRP6142
Description  Synchronous Step-Down Controller with DDR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP6142 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRP6142 Datasheet HTML 7Page - Exar Corporation XRP6142 Datasheet HTML 8Page - Exar Corporation XRP6142 Datasheet HTML 9Page - Exar Corporation XRP6142 Datasheet HTML 10Page - Exar Corporation XRP6142 Datasheet HTML 11Page - Exar Corporation XRP6142 Datasheet HTML 12Page - Exar Corporation XRP6142 Datasheet HTML 13Page - Exar Corporation XRP6142 Datasheet HTML 14Page - Exar Corporation XRP6142 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
X
XR
RP
P6
61
14
42
2
S
Sy
yn
ncch
hrro
on
no
ou
us
s S
Stte
ep
p--D
Do
ow
wn
n C
Co
on
nttrro
olllle
err w
wiitth
h D
DD
DR
R
M
Me
em
mo
orry
y T
Te
errm
miin
na
attiio
on
n
© 2010 Exar Corporation
Page 11 of 17
Rev. 1.0.0
()
2
,
02
.
0
IN
IN
OUT
IN
OUT
MAX
OUT
IN
V
V
fs
V
V
V
I
C
×
×
×
×
=
SYNCHRONOUS FET (LOW-SIDE FET)
Select the synchronous FET for voltage rating
BVDSS, on resistance rating RDS(ON) and gate
drive rating VGS. As a rule of thumb, voltage
rating should be at least twice the converter
input voltage. FETs with voltage rating of up to
30V should provide satisfactory performance.
Drive
voltage
of
4.5V
is
sufficient
for
applications with minimum input voltage of
4.5V. For applications with a lower input
voltage a FET with 2.5V gate drive should be
selected. Switching losses of the Synchronous
FET are negligible in comparison to its
conduction losses. RDS(ON) is calculated based
on conduction losses from:
()
2
)
(
1
OUT
Conduction
ON
DS
I
D
P
R
×
It is common practice to allocate 50% of the
total FET losses to the synchronous FET. As an
example, consider a 10W buck converter with
a target efficiency of 90%. Therefore, the
target total power loss is 1.1W. Assume that
the only significant non-FET loss is the
inductor loss estimated at 0.1W. Thus the
maximum conduction loss of the synchronous
FET should not exceed 0.5W. By using this
value in the above equation RDS(ON) can be
calculated and a suitable FET selected.
SWITCHING FET (HIGH-SIDE FET)
Select the switching FET for voltage rating
BVDSS, on-resistance rating RDS(ON), gate drive
rating VGS, rise time tr and fall time tf. BVDSS
and VGS selection guidelines are the same as
Synchronous FET. The switching FET incurs
switching
(i.e.,
transitional)
as
well
as
conduction losses. RDS(ON) is calculated based
on conduction losses from:
2
)
(
OUT
Conduction
ON
DS
I
D
P
R
×
It is common practice to allocate 50% of the
total high-side FET losses to conduction.
Proceeding with the example from previous
section the total target loss is 0.5W, and thus
target conduction loss equals 0.25W. By using
this value in the above equation RDS(ON) can be
calculated.
Rise
and
fall
time
can
be
approximated from:
s
out
IN
Switching
f
r
f
I
V
P
t
t
×
×
=
+
Since the allotted switching loss budget is
0.25W, tr and tf can be calculated from the
above equation.
For a detailed explanation of FET losses and
FET
selection
procedure
refer
to
EXAR
application note ANP-20.
R-C SNUBBER (OPTIONAL)
An R-C snubber placed across the synchronous
FET eliminates the ringing and reduces the
amplitude of overshoot at SW node. Use
surface-mount components and place them
close to the FET drain-source. Calculate the
value of snubber capacitor Csnb from:
Coss
Csnb
×
= 3
Coss is the output capacitance of the
synchronous FET corresponding to VIN.
Calculate the value of the snubber resistor
Rsnb from:
OUT
OUT
I
V
Rsnb
×
=
2
DDR MEMORY POWER APPLICATIONS
XRP6142 can be used to generate the required
VDDQ (VDD) or VTT Reference voltages for DDR I,
II and III memories and provides a 40mA
buffered VTT Reference voltage. When used in
conjunction with Exar’s SP2996 DDR Memory
Termination, the XRP6142 provides a complete
DDR power management solution. A cost-
effective DDR2 solution is shown on page 15.
XRP6142 provides the VDDQ and VTTREF
voltages. SP2996 provides the VTT voltage.
Please note that the current output of VDDQ
can be increased up to 10A by using a larger
QT/QB MOSFET and scaling the L1 and C3
accordingly.


Similar Part No. - XRP6142

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6142EL2-0-F EXAR-XRP6142EL2-0-F Datasheet
732Kb / 17P
   Synchronous Step-Down Controller with DDR Memory Termination
More results

Similar Description - XRP6142

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6142EL2-0-F EXAR-XRP6142EL2-0-F Datasheet
732Kb / 17P
   Synchronous Step-Down Controller with DDR Memory Termination
logo
STMicroelectronics
L6731B STMICROELECTRONICS-L6731B Datasheet
351Kb / 24P
   Adjustable step-down controller with synchronous rectification Dedicated to DDR Memory
L6731D STMICROELECTRONICS-L6731D Datasheet
388Kb / 23P
   Adjustable step-down controller with synchronous rectification dedicated to DDR memory
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
   Adjustable step-down controller with synchronous rectification
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730C STMICROELECTRONICS-L6730C Datasheet
1Mb / 50P
   Adjustable step-down controller with synchronous rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com