Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1200A Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # F1200A
Description  FAST RECOVERY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

F1200A Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  F1200A Datasheet HTML 1Page - EIC discrete Semiconductors F1200A Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F1200A, F1200D
FAST RECOVERY
RECTIFIER DIODES
PRV : 50 - 200 Volts
Io : 12 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
* Pb / RoHS Free
MECHANICAL DATA :
* Case : Void-free molded plastic body
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 2.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
F1200A
F1200D
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
200
V
Maximum Surge Peak Reverse Voltage
VRSM
50
200
V
Maximum Average Forward Current, R-load, Ta = 50 °C
(1)
IF(AV)
A
Maximum Repetitive Peak Forward Current (f > 15 Hz)
(1)
IFRM
A
Peak Forward Surge Current, 60 Hz half sine-wave
IFSM
A
Maximum Peak Forward Voltage at IF = 5 A , Tj = 25 °C
VF
0.85
V
Maximum Reverse Current at VR = VRRM, Tj = 25 °C
IR
25
μA
Maximum Reverse Recovery Time
(2)
Trr
200
ns
Thermal Resistance Junction to Ambient Air
(1)
RthA
10
K/W
Thermal Resistance Junction to Lead
RthL
2.0
K/W
Operating Junction Temperature Range,
at Reduced Reverse Voltage ,
VR ≤ 80% VRRM
TJ
- 50 to + 150
°C
VR ≤ 20% VRRM
TJ
- 50 to + 200
°C
in DC Forward Mode
TJ
- 50 to + 200
°C
Storage Temperature Range
TSTG
- 50 to + 175
°C
Notes
:
(1) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case.
(2) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
Page 1 of 2
Rev. 03 : November 9, 2007
RATING
12
390
80
D6
Dimensions in inches and ( millimeters )
0.360 (9.1)
0.340 (8.6)
0.360 (9.1)
0.340 (8.6)
0.052 (1.32)
0.048 (1.22)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - F1200A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
F1200A DIOTEC-F1200A Datasheet
84Kb / 2P
   Fast Silicon Rectifiers
F1200A DIOTEC-F1200A Datasheet
93Kb / 2P
   Superfast Silicon-Rectifiers
logo
Semikron International
F1200A SEMIKRON-F1200A Datasheet
345Kb / 2P
   High efficiency fast silicion rectifier diode
logo
Diotec Semiconductor
F1200A DIOTEC-F1200A Datasheet
97Kb / 2P
   Superfast Silicon Rectifier Diodes
F1200A DIOTEC-F1200A Datasheet
97Kb / 2P
   Superfast Silicon Rectifier Diodes
More results

Similar Description - F1200A

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSEI2X30-0406 POWERSEM-PSEI2X30-0406 Datasheet
152Kb / 2P
   Fast Recovery Fast Recovery
PSEI2X61-10 POWERSEM-PSEI2X61-10 Datasheet
137Kb / 2P
   Fast Recovery Fast Recovery
logo
EIC discrete Semiconduc...
FR201 EIC-FR201_05 Datasheet
55Kb / 2P
   FAST RECOVERY
FR301 EIC-FR301_05 Datasheet
54Kb / 2P
   FAST RECOVERY
FR501 EIC-FR501_05 Datasheet
56Kb / 2P
   FAST RECOVERY
logo
Yea Shin Technology Co....
FG1001FCT YEASHIN-FG1001FCT Datasheet
435Kb / 3P
   FAST RECOVERY
FG2001FCT YEASHIN-FG2001FCT Datasheet
648Kb / 3P
   FAST RECOVERY
FG1207FCT YEASHIN-FG1207FCT Datasheet
438Kb / 3P
   FAST RECOVERY
logo
Toshiba Semiconductor
3TH62 TOSHIBA-3TH62 Datasheet
114Kb / 2P
   Fast Recovery
1997-03-03
logo
Yea Shin Technology Co....
FG1001 YEASHIN-FG1001 Datasheet
388Kb / 3P
   FAST RECOVERY
FG1001CT YEASHIN-FG1001CT Datasheet
628Kb / 3P
   FAST RECOVERY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com