Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74F00N Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC74F00N
Description  QUAD 2-INPUT NAND GATE FAST SCHOTTKY TTL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74F00N Datasheet(HTML) 1 Page - Motorola, Inc

  MC74F00N Datasheet HTML 1Page - Motorola, Inc MC74F00N Datasheet HTML 2Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4-2
FAST AND LS TTL DATA
QUAD 2-INPUT NAND GATE
13
14
12
11
10
9
8
2
1
3
4
5
6
7
GND
VCC
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54, 74
4.5
5.0
5.5
V
TA
Operating Ambient Temperature Range
54
–55
25
125
°C
74
0
25
70
IOH
Output Current — High
54, 74
–1.0
mA
IOL
Output Current — Low
54, 74
20
mA
MC54/74F00
QUAD 2-INPUT NAND GATE
FAST
™ SCHOTTKY TTL
J SUFFIX
CERAMIC
CASE 632-08
N SUFFIX
PLASTIC
CASE 646-06
D SUFFIX
SOIC
CASE 751A-02
14
1
14
1
14
1
MC54FXXJ
Ceramic
MC74FXXN
Plastic
MC74FXXD
SOIC
ORDERING INFORMATION


Similar Part No. - MC74F00N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74F112 MOTOROLA-MC74F112 Datasheet
83Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
MC74F112D MOTOROLA-MC74F112D Datasheet
83Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
MC74F112J MOTOROLA-MC74F112J Datasheet
83Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
MC74F112N MOTOROLA-MC74F112N Datasheet
83Kb / 3P
   DUAL JK NEGATIVE EDGE-TRIGGERED FLIP-FLOP
MC74F1245 MOTOROLA-MC74F1245 Datasheet
96Kb / 3P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
More results

Similar Description - MC74F00N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC5474F20 MOTOROLA-MC5474F20 Datasheet
44Kb / 2P
   DUAL 4-INPUT NAND GATE FAST SCHOTTKY TTL
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com