Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC943LP5E Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC943LP5E
Description  GaAs pHEMT MMIC 1.5 WATT POWER AMPLIFIER, 24 - 31.5 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC943LP5E Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC943LP5E Datasheet HTML 1Page - Hittite Microwave Corporation HMC943LP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC943LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC943LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC943LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC943LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC943LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC943LP5E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
3
3 - 7
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
9
9 - 7
Application Circuit
HMC943LP5E
v00.0910
GaAs pHEMT MMIC 1.5 WATT
POWER AMPLIFIER, 24 - 31.5 GHz
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1, 3, 5, 8, 9,
16, 17, 20, 22,
24, 25, 32
GND
These pins and package bottom must
be connected to RF/DC ground.
2, 6, 7, 14, 18,
19, 23, 27
N/C
These pins are not connected internally;however, all data
shown herein was measured with these pins connected to
RF/DC ground externally.
4
RFIN
RF signal input. This pad is AC coupled and matched
to 50 Ohms over the operating frequency range.
10, 31
VG1, VG2
Gate control for amplifier. External bypass capacitors
of 100 pF, 0.01 µF, and 4.7 µF are required on each.
11 - 13, 15,
26, 28 - 30
VD2, VD4, VD6,
VD8, VD7, VD5,
VD3, VD1
Drain bias for the amplifier. External bypass capacitors
of 100 pF, 0.01 µF, and 4.7 µF are required on each.
21
RFOUT
RF signal output. This pad is AC coupled and matched to
50 ohms over the operating frequency range.


Similar Part No. - HMC943LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC943LP5E HITTITE-HMC943LP5E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC 1.5 WATT POWER AMPLIFIER, 24 - 31.5 GHz
logo
Analog Devices
HMC943LP5E AD-HMC943LP5E Datasheet
1Mb / 22P
   Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC943LP5E HITTITE-HMC943LP5E_11 Datasheet
1Mb / 8P
   GaAs pHEMT MMIC 1.5 WATT POWER AMPLIFIER, 24 - 31.5 GHz
More results

Similar Description - HMC943LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC943LP5E HITTITE-HMC943LP5E_11 Datasheet
1Mb / 8P
   GaAs pHEMT MMIC 1.5 WATT POWER AMPLIFIER, 24 - 31.5 GHz
logo
Analog Devices
HMC943ALP5DE AD-HMC943ALP5DE Datasheet
994Kb / 11P
   GaAs pHEMT MMIC 1.5 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC757LP4E HITTITE-HMC757LP4E Datasheet
993Kb / 8P
   GaAs pHEMT MMIC WATT POWER AMPLIFIER, 16 - 24 GHz
HMC864_1007 HITTITE-HMC864_1007 Datasheet
722Kb / 8P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 24 - 29.5 GHz
HMC756 HITTITE-HMC756 Datasheet
289Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC756 HITTITE-HMC756_10 Datasheet
289Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC863 HITTITE-HMC863_09 Datasheet
302Kb / 8P
   GaAs pHEMT MMIC 쩍 WATT POWER AMPLIFIER, 24 - 29.5 GHz
HMC864 HITTITE-HMC864_10 Datasheet
313Kb / 8P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 24 - 29.5 GHz
HMC863 HITTITE-HMC863_10 Datasheet
707Kb / 8P
   GaAs pHEMT MMIC 쩍 WATT POWER AMPLIFIER, 24 - 29.5 GHz
HMC757 HITTITE-HMC757 Datasheet
276Kb / 8P
   GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER, 16 - 24 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com