Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC962LC4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC962LC4
Description  GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 7.5 - 26.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC962LC4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC962LC4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC962LC4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC962LC4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC962LC4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC962LC4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC962LC4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 1
GaAs pHEMT MMIC LOW NOISE
AMPLIFIER, 7.5 - 26.5 GHz
v00.1210
General Description
Features
Functional Diagram
low Noise figure: 2.5 dB
Gain: 13 dB
p1dB output power: 13 dBm
single supply Voltage: +3.5V @ 70mA
output ip3: +23 dBm
50 ohm matched input/output
24 lead 4x4 mm smT package: 16mm²
Electrical Specifications
, T
A = +25° C, Vdd1 = Vdd2 = +3.5V, Idd = 70 mA
Typical Applications
This HmC962lC4 is ideal for:
• point-to-point radios
• point-to-multi-point radios
• military & space
• Test instrumentation
The HmC962lC4 is a self-biased GaAs mmiC low
Noise Amplifier housed in a leadless 4x4 mm ceramic
surface mount package. The amplifier operates
between 7.5 and 26.5 GHz, providing 13 dB of small
signal gain, 2.5 dB noise figure, and output ip3 of
+23 dBm, while requiring only 70 mA from a +3.5 V
supply. The p1dB output power of +13 dBm enables
the lNA to function as a lo driver for balanced, i/Q
or image reject mixers. The HmC962lC4 also fe-
atures i/os that are DC blocked and internally mat-
ched to 50 ohms, making it ideal for high capacity
microwave radios and VsAT applications.
HMC962LC4
parameter
min.
Typ.
max.
min.
Typ.
max.
min.
Typ.
max.
Units
frequency range
7.5 - 10
10 - 24
24 - 26.5
GHz
Gain
10
12
10
13
8
10
dB
Gain Variation over Temperature
0.027
0.024
0.024
dB / °C
Noise figure [1]
2.5
3.7
2.5
3
2.7
3.7
dB
input return loss
13
10
7
dB
output return loss
10
12
11
dB
output power for 1 dB Compression
10
12
13
dBm
saturated output power (psat)
14
15
15
dBm
output Third order intercept (ip3)
22
23
25
dBm
supply Current (idd)
(Vdd = 3.5V, Vgg1 = Vgg2 = open)
70
95
70
95
70
95
mA
[1] Board loss subtracted out.


Similar Part No. - HMC962LC4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results

Similar Description - HMC962LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC963LC4 HITTITE-HMC963LC4 Datasheet
1Mb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 26.5 GHz
logo
M/A-COM Technology Solu...
MAAM71200-H1 MA-COM-MAAM71200-H1 Datasheet
80Kb / 3P
   Low Noise GaAs MMIC Amplifier 7.5 - 12.0 GHz
MAAM71200 MA-COM-MAAM71200 Datasheet
180Kb / 4P
   Low Noise GaAs MMIC Amplifier 7.5 - 12.0 GHz
logo
Tyco Electronics
MAAM71200-H1 MACOM-MAAM71200-H1 Datasheet
96Kb / 2P
   Low Noise GaAs MMIC Amplifier 7.5 - 12 GHz
logo
Hittite Microwave Corpo...
HMC863LP4E HITTITE-HMC863LP4E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC WATT POWER AMPLIFIER, 22 - 26.5 GHz
logo
Analog Devices
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
   GaAs pHEMT MMIC Low Noise Amplifier
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC460 AD-HMC460 Datasheet
506Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com