Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC965LP5E Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC965LP5E
Description  GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER SMT WITH POWER DETECTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC965LP5E Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC965LP5E Datasheet HTML 1Page - Hittite Microwave Corporation HMC965LP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC965LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC965LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC965LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC965LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC965LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC965LP5E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
3
3 - 6
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
9
9 - 6
HMC965LP5E
v00.1210
GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER SMT
WITH POWER DETECTOR, 12.5 - 15.5 GHz
Outline Drawing
Pin Descriptions
pin number
function
Description
interface schematic
1 - 3, 6, 7,
10 - 12, 15, 16,
22 - 24, 27, 31
n/C
These pins are not connected internally, however all data
shown herein was measured with these pins connected to
rf/DC ground externally.
4
rfin
This pad is DC coupled and matched to 50 ohms.
5, 8, 14, 17,
20, 25, 31
GnD
These pins and package bottom must be
connected to rf/DC ground.
9
Vgg1
Gate control for amplifier. external bypass capacitors of
100pf, 10nf and 4.7uf are required.
part number
package Body material
lead finish
msl rating
package marking [1]
hmC965lp5e
rohs-compliant low stress injection molded plastic
100% matte sn
msl1
[2]
h965
XXXX
[1] 4-Digit lot number XXXX
[2] max peak reflow temperature of 260 °C
Package Information
noTes:
1. pACKAGe BoDY mATeriAl: AlUminA
2. leAD AnD GroUnD pADDle plATinG: 30-80 miCroinChes GolD oVer
50 miCroinChes minimUm niCKel.
3. Dimensions Are in inChes [millimeTers].
4. leAD spACinG TolerAnCe is non-CUmUlATiVe
5. pACKAGe wArp shAll noT eXCeeD 0.05mm DATUm -C-
6. All GroUnD leADs AnD GroUnD pADDle mUsT Be solDereD
To pCB rf GroUnD.
7. ClAssifieD As moisTUre sensiTiViTY leVel (msl) 1.


Similar Part No. - HMC965LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC965LP5E HITTITE-HMC965LP5E Datasheet
814Kb / 8P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER SMT WITH POWER DETECTOR, 12.5 - 15.5 GHz
logo
Analog Devices
HMC965LP5E AD-HMC965LP5E Datasheet
1Mb / 22P
   Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC965LP5E HITTITE-HMC965LP5E_11 Datasheet
814Kb / 8P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER SMT WITH POWER DETECTOR, 12.5 - 15.5 GHz
More results

Similar Description - HMC965LP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC952ALP5GE AD-HMC952ALP5GE Datasheet
831Kb / 10P
   GaAs pHEMT MMIC 2 Watt POWER AMPLIFIER WITH POWER DETECTOR
logo
Hittite Microwave Corpo...
HMC965LP5E HITTITE-HMC965LP5E_11 Datasheet
814Kb / 8P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER SMT WITH POWER DETECTOR, 12.5 - 15.5 GHz
logo
Analog Devices
HMC591 AD-HMC591 Datasheet
414Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC998APM5E AD-HMC998APM5E Datasheet
1Mb / 14P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC949 HITTITE-HMC949 Datasheet
982Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER WITH POWER DETECTOR, 12 - 16 GHz
HMC952 HITTITE-HMC952 Datasheet
785Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Analog Devices
HMC591LP5 AD-HMC591LP5 Datasheet
408Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER
HMC6981LS6 AD-HMC6981LS6 Datasheet
861Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC1029 HITTITE-HMC1029 Datasheet
1Mb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
logo
Analog Devices
HMC906A AD-HMC906A Datasheet
594Kb / 12P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com