Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC968 Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC968
Description  GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 37 - 40 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC968 Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC968 Datasheet HTML 2Page - Hittite Microwave Corporation HMC968 Datasheet HTML 3Page - Hittite Microwave Corporation HMC968 Datasheet HTML 4Page - Hittite Microwave Corporation HMC968 Datasheet HTML 5Page - Hittite Microwave Corporation HMC968 Datasheet HTML 6Page - Hittite Microwave Corporation HMC968 Datasheet HTML 7Page - Hittite Microwave Corporation HMC968 Datasheet HTML 8Page - Hittite Microwave Corporation HMC968 Datasheet HTML 9Page - Hittite Microwave Corporation HMC968 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
3
3 - 9
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC968
v00.1210
GaAs pHEMT MMIC 1 WATT
POWER AMPLIFIER, 37 - 40 GHz
Assembly Diagram


Similar Part No. - HMC968

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC968 HITTITE-HMC968 Datasheet
814Kb / 10P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 37 - 40 GHz
logo
Analog Devices
HMC968 AD-HMC968 Datasheet
1Mb / 22P
   Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC968_1103 HITTITE-HMC968_1103 Datasheet
814Kb / 10P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 37 - 40 GHz
More results

Similar Description - HMC968

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC968_1103 HITTITE-HMC968_1103 Datasheet
814Kb / 10P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 37 - 40 GHz
HMC7229LS6 HITTITE-HMC7229LS6 Datasheet
552Kb / 10P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER With Power Detector, 37 - 40 GHz
HMC-APH473 HITTITE-HMC-APH473 Datasheet
208Kb / 6P
   GaAs HEMT MMIC 1 WATT POWER AMPLIFIER, 37 - 40 GHz
HMC969 HITTITE-HMC969 Datasheet
859Kb / 10P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 40 - 43.5 GHz
logo
Fairchild Semiconductor
RMPA39100 FAIRCHILD-RMPA39100 Datasheet
473Kb / 10P
   37-40 GHz 1 Watt Power Amplifier MMIC
RMPA39000 FAIRCHILD-RMPA39000 Datasheet
206Kb / 10P
   37-40 GHz GaAs MMIC Power Amplifier
logo
Analog Devices
HMC590LP5E AD-HMC590LP5E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC590 AD-HMC590 Datasheet
402Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER
HMC797APM5E AD-HMC797APM5E Datasheet
1Mb / 14P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC637ALP5E AD-HMC637ALP5E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com