Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC969 Datasheet(PDF) 10 Page - Hittite Microwave Corporation

Part # HMC969
Description  GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 40 - 43.5 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC969 Datasheet(HTML) 10 Page - Hittite Microwave Corporation

Back Button HMC969 Datasheet HTML 2Page - Hittite Microwave Corporation HMC969 Datasheet HTML 3Page - Hittite Microwave Corporation HMC969 Datasheet HTML 4Page - Hittite Microwave Corporation HMC969 Datasheet HTML 5Page - Hittite Microwave Corporation HMC969 Datasheet HTML 6Page - Hittite Microwave Corporation HMC969 Datasheet HTML 7Page - Hittite Microwave Corporation HMC969 Datasheet HTML 8Page - Hittite Microwave Corporation HMC969 Datasheet HTML 9Page - Hittite Microwave Corporation HMC969 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
3
3 - 10
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC969
v00.1210
GaAs pHEMT MMIC 1 WATT
POWER AMPLIFIER, 40 - 43.5 GHz
Mounting & Bonding Techniques for Millimeterwave GaAs MMICs
The die should be attached directly to the ground plane eutectically or with
conductive epoxy (see hmC general handling, mounting, Bonding note).
50 ohm microstrip transmission lines on 0.127mm (5 mil) thick alumina
thin film substrates are recommended for bringing rf to and from the chip
(figure 1). if 0.254mm (10 mil) thick alumina thin film substrates must be
used, the die should be raised 0.150mm (6 mils) so that the surface of
the die is coplanar with the surface of the substrate. one way to accom-
plish this is to attach the 0.102mm (4 mil) thick die to a 0.150mm (6 mil)
thick molybdenum heat spreader (moly-tab) which is then attached to the
ground plane (figure 2).
microstrip substrates should be located as close to the die as possible
in order to minimize bond wire length. Typical die-to-substrate spacing is
0.076mm to 0.152 mm (3 to 6 mils).
Handling Precautions
Follow these precautions to avoid permanent damage.
Storage: All bare die are placed in either waffle or Gel based esD protec-
tive containers, and then sealed in an esD protective bag for shipment.
once the sealed esD protective bag has been opened, all die should be
stored in a dry nitrogen environment.
Cleanliness: handle the chips in a clean environment. Do noT attempt
to clean the chip using liquid cleaning systems.
Static Sensitivity: follow esD precautions to protect against > ± 250V
esD strikes.
Transients: suppress instrument and bias supply transients while bias is
applied. Use shielded signal and bias cables to minimize inductive pick-
up.
General Handling: handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. The
surface of the chip may have fragile air bridges and should not be touched with vacuum collet, tweezers, or fingers.
Mounting
The chip is back-metallized and can be die mounted with Ausn eutectic preforms or with electrically conductive epoxy.
The mounting surface should be clean and flat.
eutectic Die Attach: A 80/20 gold tin preform is recommended with a work surface temperature of 255 °C and a tool
temperature of 265 °C. when hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 °C. Do
noT expose the chip to a temperature greater than 320 °C for more than 20 seconds. no more than 3 seconds of
scrubbing should be required for attachment.
epoxy Die Attach: Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet is observed
around the perimeter of the chip once it is placed into position. Cure epoxy per the manufacturer’s schedule.
Wire Bonding
Ball or wedge bond with 0.025mm (1 mil) diameter pure gold wire. Thermosonic wirebonding with a nominal stage
temperature of 150 °C and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recom-
mended. Use the minimum level of ultrasonic energy to achieve reliable wirebonds. wirebonds should be started on
the chip and terminated on the package or substrate. All bonds should be as short as possible <0.31mm (12 mils).
0.102mm (0.004”) Thick GaAs MMIC
Wire Bond
RF Ground Plane
0.127mm (0.005”) Thick Alumina
Thin Film Substrate
0.076mm
(0.003”)
Figure 1.
0.102mm (0.004”) Thick GaAs MMIC
Wire Bond
RF Ground Plane
0.254mm (0.010”) Thick Alumina
Thin Film Substrate
0.076mm
(0.003”)
Figure 2.
0.150mm (0.005”) Thick
Moly Tab


Similar Part No. - HMC969

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC969 AD-HMC969 Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMC969

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC968 HITTITE-HMC968 Datasheet
860Kb / 10P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 37 - 40 GHz
HMC968_1103 HITTITE-HMC968_1103 Datasheet
814Kb / 10P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 37 - 40 GHz
logo
Analog Devices
HMC590LP5E AD-HMC590LP5E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC590 AD-HMC590 Datasheet
402Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC7229LS6 HITTITE-HMC7229LS6 Datasheet
552Kb / 10P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER With Power Detector, 37 - 40 GHz
logo
Analog Devices
HMC797APM5E AD-HMC797APM5E Datasheet
1Mb / 14P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC637ALP5E AD-HMC637ALP5E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC756 HITTITE-HMC756 Datasheet
289Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC590LP5 HITTITE-HMC590LP5_09 Datasheet
279Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC693 HITTITE-HMC693 Datasheet
675Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 27 - 34 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com