Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC969 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC969
Description  GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 40 - 43.5 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC969 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC969 Datasheet HTML 1Page - Hittite Microwave Corporation HMC969 Datasheet HTML 2Page - Hittite Microwave Corporation HMC969 Datasheet HTML 3Page - Hittite Microwave Corporation HMC969 Datasheet HTML 4Page - Hittite Microwave Corporation HMC969 Datasheet HTML 5Page - Hittite Microwave Corporation HMC969 Datasheet HTML 6Page - Hittite Microwave Corporation HMC969 Datasheet HTML 7Page - Hittite Microwave Corporation HMC969 Datasheet HTML 8Page - Hittite Microwave Corporation HMC969 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
3 - 3
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Output IP3 vs.
Supply Current, Pout/Tone = +18 dBm
Output IP3 vs.
Temperature, Pout/Tone = +18 dBm
Psat vs. Supply Current (Idd)
P1dB vs. Supply Current (Idd)
HMC969
v00.1210
GaAs pHEMT MMIC 1 WATT
POWER AMPLIFIER, 40 - 43.5 GHz
24
26
28
30
32
34
36
40
41
42
43
44
800mA
900mA
1000mA
FREQUENCY (GHz)
25
30
35
40
45
40
41
42
43
44
+25C
+85C
-55C
FREQUENCY (GHz)
24
26
28
30
32
34
36
40
41
42
43
44
800mA
900mA
1000mA
FREQUENCY (GHz)
25
30
35
40
45
40
41
42
43
44
800mA
900mA
1000mA
FREQUENCY (GHz)
Psat vs. Temperature
Psat vs. Supply Voltage
24
26
28
30
32
34
36
40
41
42
43
44
+25C
+85C
-55C
FREQUENCY (GHz)
24
26
28
30
32
34
36
40
41
42
43
44
5.0V
5.5V
6.0V
FREQUENCY (GHz)


Similar Part No. - HMC969

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC969 AD-HMC969 Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMC969

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC968 HITTITE-HMC968 Datasheet
860Kb / 10P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 37 - 40 GHz
HMC968_1103 HITTITE-HMC968_1103 Datasheet
814Kb / 10P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 37 - 40 GHz
logo
Analog Devices
HMC590LP5E AD-HMC590LP5E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC590 AD-HMC590 Datasheet
402Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC7229LS6 HITTITE-HMC7229LS6 Datasheet
552Kb / 10P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER With Power Detector, 37 - 40 GHz
logo
Analog Devices
HMC797APM5E AD-HMC797APM5E Datasheet
1Mb / 14P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC637ALP5E AD-HMC637ALP5E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC756 HITTITE-HMC756 Datasheet
289Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC590LP5 HITTITE-HMC590LP5_09 Datasheet
279Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC693 HITTITE-HMC693 Datasheet
675Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 27 - 34 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com