Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-PC02 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC-PC02
Description  SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 20 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-PC02 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC-PC02 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-PC02 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-PC02 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-PC02 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-PC02 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-PC02 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
9 - 2
20 Alpha Road Chelmsford, MA 01824
Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
Instrumentation Product Support at TE@hittite.com
9
HMC-T2220
SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 20 GHz
v00.1210
the hMC-t2220 is an easy to implement test equipment solution designed to fulfill your signal
generation needs. Built on a foundation of high quality and market leading hittite MMiCs, the
hMC-t2220 provides the highest output power, lowest harmonic levels and broadest frequency
range amongst signal generators of its size and cost.
this compact and lightweight signal generator also features USB, gPiB and ethernet
interfaces ensuring carefree integration within various test environments while improving overall
productivity and equipment utilization.
Applications
ATE
Test & Measurement
R&D Laboratories
Advantages
Versatile: Higher Drive Simplifies Test Set-Ups
Efficient: 300 µs Frequency Switching
Reliable: Incorporates Hittite MMICs
Flexible: Manual or Software Control
Via USB, GPIB or Ethernet
Performance
High Output Power: +28 dBm @ 1 GHz
Wide Frequency Range:
10 MHz to 20 GHz
Excellent Phase Noise Performance:
-98 dBc/Hz @ 10 kHz Offset @ 10 GHz
Spurious Rejection: -75 dBc @ 10 GHz
Power Resolution: 0.1 dB
Frequency Resolution: 1 Hz
Wide Frequency Range, 10 MHz to 20 GHz Signal Generator!


Similar Part No. - HMC-PC02

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-PC02 HITTITE-HMC-PC02 Datasheet
1,020Kb / 6P
   SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 40 GHz
More results

Similar Description - HMC-PC02

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-T2100 HITTITE-HMC-T2100 Datasheet
847Kb / 6P
   SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 20 GHz
HMC-T2100B HITTITE-HMC-T2100B_11 Datasheet
1Mb / 8P
   Portable Synthesized Signal Generator, 10 MHz to 20 GHz
HMC-T2240 HITTITE-HMC-T2240 Datasheet
1,020Kb / 6P
   SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 40 GHz
HMC-T1000A HITTITE-HMC-T1000A_10 Datasheet
402Kb / 4P
   DUAL SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 8 GHz
logo
Mini-Circuits
SSG-6001RC MINI-SSG-6001RC Datasheet
609Kb / 10P
   Synthesized Signal Generator
SSG-15G-RC MINI-SSG-15G-RC Datasheet
731Kb / 9P
   Synthesized Signal Generator
logo
Analog Devices
AD9166 AD-AD9166 Datasheet
2Mb / 138P
   DC to 9 GHz Vector Signal Generator
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430 Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
logo
Marki Microwave
BT-0026 MARKIMICROWAVE-BT-0026 Datasheet
586Kb / 4P
   Broadband: 10 MHz to 26 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com