Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-T2240 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC-T2240
Description  SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 40 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-T2240 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC-T2240 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-T2240 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-T2240 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-T2240 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-T2240 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-T2240 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
9 - 6
20 Alpha Road Chelmsford, MA 01824
Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
Instrumentation Product Support at TE@hittite.com
9
HMC-T2240
SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 40 GHz
v01.0710
Ordering Information
HMC-T2240
Power Cord
All pricing is in U.S. Dollars and is subject to change without notice.
Model Number
Description
Price
HMC-T2240
Synthesized Signal Generator
10 MHz to 40 GHz
$19,498.00
Includes 100 - 240V AC Power Supply and one Power Cord at no cost.
Please specify your preferred power cord part number at time of
ordering. (see “Optional Power Cord” table)
Part Number
Region
HMC-PC01
Continental Europe
HMC-PC02
United Kingdom
HMC-PC03
China
HMC-PC04
Australia, New Zealand
HMC-PC05
North America
HMC-PC06
South Africa / India
HMC-PC07
Switzerland
HMC-PC08
Denmark
HMC-PC09
Israel
HMC-PC10
Italy
HMC-PC11
Japan
Part Number
Description
Price
HMC-RM02
Dual Rack Mounting Plate
19” 2u Chassis
$385.00
Test Rack Mount Kit


Similar Part No. - HMC-T2240

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-T2220 HITTITE-HMC-T2220 Datasheet
3Mb / 6P
   SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 20 GHz
More results

Similar Description - HMC-T2240

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-T2100 HITTITE-HMC-T2100 Datasheet
847Kb / 6P
   SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 20 GHz
HMC-T2220 HITTITE-HMC-T2220 Datasheet
3Mb / 6P
   SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 20 GHz
HMC-T2100B HITTITE-HMC-T2100B_11 Datasheet
1Mb / 8P
   Portable Synthesized Signal Generator, 10 MHz to 20 GHz
HMC-T1000A HITTITE-HMC-T1000A_10 Datasheet
402Kb / 4P
   DUAL SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 8 GHz
logo
Mini-Circuits
SSG-6001RC MINI-SSG-6001RC Datasheet
609Kb / 10P
   Synthesized Signal Generator
SSG-15G-RC MINI-SSG-15G-RC Datasheet
731Kb / 9P
   Synthesized Signal Generator
logo
M/A-COM Technology Solu...
MAAM-011109 MA-COM-MAAM-011109 Datasheet
281Kb / 8P
   Wideband Amplifier 10 MHz - 40 GHz
logo
Analog Devices
AD9166 AD-AD9166 Datasheet
2Mb / 138P
   DC to 9 GHz Vector Signal Generator
AD8319 AD-AD8319_07 Datasheet
1Mb / 20P
   1 MHz to 10 GHz, 40 dB Log Detector/Controller
REV. A
AD8319 AD-AD8319 Datasheet
1Mb / 20P
   1 MHz to 10 GHz, 40 dB Log Detector/Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com