Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-PC11 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC-PC11
Description  SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 40 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-PC11 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC-PC11 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-PC11 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-PC11 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-PC11 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-PC11 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-PC11 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
9 - 4
20 Alpha Road Chelmsford, MA 01824
Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
Instrumentation Product Support at TE@hittite.com
9
HMC-T2240
SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 40 GHz
v01.0710
Two Tone Third Order Intercept Test Set-up
Efficient Mixer Conversion Loss, Isolation & MxN Spurious Test Set-up
Spectrum Analyzer
DUT
LO
IF
RF
RFIN
I/O
CONTROL
Device Under Test
• Amplifiers
• Mixers & Converters
• Modulators
• RFICs & Subsystems
HMC-T2240
HMC-T2240
HMC-T2240
LO
RF
IF
Spectrum Analyzer
DUT
RFIN
I/O
CONTROL
Device Under Test
• Single or Double-Balanced Mixers
• Up/Down Converters
• I/Q Mixers
HMC-T2240
HMC-T2240
Power - AC:
100 to 240 VAC @ 50 to 60 Hz
Calibration: 1 Year
Environment (for indoor use only): 0 to 35 °C
Cooling: 2 Internal Fans
Input / Output:
10 MHz REFOUT [1]
10 MHz REFIN [2]
TRIGGER IN [3]: TTL
TRIGGER OUT [3]: TTL
RS-232 (used for field upgrades)
Ethernet
GPIB
USB 1.1/2.0
RF Output 2.92mm Female
Mechanical Vibration & Shock:
MIL-STD 810 Table 415.5 C-VII
MIL-STD 202 MTD 214 1.5G
Compliance [4]:
CSA & CE
General Mechanical Characteristics
H: 76.2 mm (3 in)
W: 203 mm (8 in)
D: 305 mm (12 in)
Weight 3.2 kg (7 lbs)
Warranty: 1 Year Parts and Labor
General Specifications
[1] +10 dBm typ. into 50 Ohms; BNC Connector
[2] -5 dBm min. 50 Ohms; BNC Connector
[3] The trigger input can be driven from either 3.3V or 5V sources for direct interface with TTL signal levels; BNC Connector
[4] Testing in Process


Similar Part No. - HMC-PC11

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-PC11 HITTITE-HMC-PC11 Datasheet
3Mb / 6P
   SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 20 GHz
More results

Similar Description - HMC-PC11

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-T2100 HITTITE-HMC-T2100 Datasheet
847Kb / 6P
   SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 20 GHz
HMC-T2220 HITTITE-HMC-T2220 Datasheet
3Mb / 6P
   SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 20 GHz
HMC-T2100B HITTITE-HMC-T2100B_11 Datasheet
1Mb / 8P
   Portable Synthesized Signal Generator, 10 MHz to 20 GHz
HMC-T1000A HITTITE-HMC-T1000A_10 Datasheet
402Kb / 4P
   DUAL SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 8 GHz
logo
Mini-Circuits
SSG-6001RC MINI-SSG-6001RC Datasheet
609Kb / 10P
   Synthesized Signal Generator
SSG-15G-RC MINI-SSG-15G-RC Datasheet
731Kb / 9P
   Synthesized Signal Generator
logo
M/A-COM Technology Solu...
MAAM-011109 MA-COM-MAAM-011109 Datasheet
281Kb / 8P
   Wideband Amplifier 10 MHz - 40 GHz
logo
Analog Devices
AD9166 AD-AD9166 Datasheet
2Mb / 138P
   DC to 9 GHz Vector Signal Generator
AD8319 AD-AD8319_07 Datasheet
1Mb / 20P
   1 MHz to 10 GHz, 40 dB Log Detector/Controller
REV. A
AD8319 AD-AD8319 Datasheet
1Mb / 20P
   1 MHz to 10 GHz, 40 dB Log Detector/Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com