Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FKBL402 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # FKBL402
Description  FAST RECOVERY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

FKBL402 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  FKBL402 Datasheet HTML 1Page - EIC discrete Semiconductors FKBL402 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FKBL400 - FKBL410
FAST RECOVERY
BRIDGE RECTIFIERS
PRV : 50 - 1000 Volts
Io : 2.0 Amperes
FEATURES :
* High case dielectric strength of 2000 VDC
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
* Ideal for printed circuit board
MECHANICAL DATA :
* Case : Reliable low cost construction
utilizing molded plastic technique
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per
MIL - STD 202 , Method 208 guaranteed
* Polarity : Polarity symbols marked on case
* Mounting position : Any
* Weight : 5.15 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
FKBL
400
FKBL
401
FKBL
402
FKBL
404
FKBL
406
FKBL
408
FKBL
410
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Current
Tc = 50
°C
IF(AV)
4.0
A
Peak Forward Surge Current Single half sine wave
Superimposed on rated load (JEDEC Method)
Rating for fusing
( t < 8.3 ms. )
I
2t
166
A
2S
Maximum Forward Voltage drop per Diode at IF = 4.0 A
VF
1.4
V
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
1.0
mA
Maximum Reverse Recovery Time (Note 1)
Trr
150
250
500
ns
Typical Thermal Resistance per Diode (Note 2)
R
θJC
3.3
°C/W
Operating Junction Temperature Range
TJ
- 50 to + 150
°C
Storage Temperature Range
TSTG
- 50 to + 150
°C
Notes :
1 ) Measured with IF = 0.5 Amp., IR = 1 Amp., Irr = 0.25 Amp.
2 ) Thermal resistance from Junction to case with mounted on a 2.0" X 1.6"x 0.3" ( 5 cm. x 4 cm. x 0.8cm ) Al. Plate.
Page 1 of 2
Rev. 02 : March 24, 2005
RATING
IFSM
150
A
0.085 (2.16)
0.065 (1.65)
KBL
0.77 (19.56)
0.73 (18.54)
0.265 (6.73 )
0.235 (5.97)
0.200 (5.08)
0.190 (4.82)
0.052 (1.32)
0.048 (1.22)
Dimensions in inches and ( millimeter )
+ AC AC
0.825 (20.95)
0.605 (15.36)
1.00 (25.4)
MIN.
* Pb / RoHS Free


Similar Part No. - FKBL402

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FKBL402 EIC-FKBL402 Datasheet
21Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
FKBL402 EIC-FKBL402 Datasheet
93Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
Rev. 03 : August 20, 2012
More results

Similar Description - FKBL402

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSEI2X30-0406 POWERSEM-PSEI2X30-0406 Datasheet
152Kb / 2P
   Fast Recovery Fast Recovery
PSEI2X61-10 POWERSEM-PSEI2X61-10 Datasheet
137Kb / 2P
   Fast Recovery Fast Recovery
logo
EIC discrete Semiconduc...
FR201 EIC-FR201_05 Datasheet
55Kb / 2P
   FAST RECOVERY
FR301 EIC-FR301_05 Datasheet
54Kb / 2P
   FAST RECOVERY
FR501 EIC-FR501_05 Datasheet
56Kb / 2P
   FAST RECOVERY
logo
Yea Shin Technology Co....
FG1001FCT YEASHIN-FG1001FCT Datasheet
435Kb / 3P
   FAST RECOVERY
FG2001FCT YEASHIN-FG2001FCT Datasheet
648Kb / 3P
   FAST RECOVERY
FG1207FCT YEASHIN-FG1207FCT Datasheet
438Kb / 3P
   FAST RECOVERY
logo
Toshiba Semiconductor
3TH62 TOSHIBA-3TH62 Datasheet
114Kb / 2P
   Fast Recovery
1997-03-03
logo
Yea Shin Technology Co....
FG1001 YEASHIN-FG1001 Datasheet
388Kb / 3P
   FAST RECOVERY
FG1001CT YEASHIN-FG1001CT Datasheet
628Kb / 3P
   FAST RECOVERY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com