Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T322F474J035AT-C Datasheet(PDF) 1 Page - Kemet Corporation

Part # T322F474J035AT-C
Description  TANTALUM MOLDED
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T322F474J035AT-C Datasheet(HTML) 1 Page - Kemet Corporation

  T322F474J035AT-C Datasheet HTML 1Page - Kemet Corporation T322F474J035AT-C Datasheet HTML 2Page - Kemet Corporation T322F474J035AT-C Datasheet HTML 3Page - Kemet Corporation T322F474J035AT-C Datasheet HTML 4Page - Kemet Corporation T322F474J035AT-C Datasheet HTML 5Page - Kemet Corporation T322F474J035AT-C Datasheet HTML 6Page - Kemet Corporation T322F474J035AT-C Datasheet HTML 7Page - Kemet Corporation T322F474J035AT-C Datasheet HTML 8Page - Kemet Corporation T322F474J035AT-C Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TANTALUM MOLDED / AXIAL — MIL-PRF-49137/1&5
T322 & T323 (CX01 & CX05) SERIES
42
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
The KEMET T322 AND T323 (CX01 & CX05) Series offers a com-
plete line of extended range molded solid tantalum capacitors
designed specifically for high speed automatic insertion applications.
These capacitors offer an extremely high capacitance-to-volume
ratio while still maintaining excellent performance characteristics.
Supplied in six axial lead tubular case sizes, these capacitors are
ideally suited for use in printed wiring boards and all applications
requiring a high degree of packaging density and can be supplied in
bulk packaging or lead-taped on reels.
The T322/T323 Series dimensions and tight lead wire-to-body con-
centricity permit installation by the same automatic insertion equip-
ment used for diodes and resistors. Available in working voltages of
2, 4, 6, 10, 15, 20, 25, 35, and 50 volts. Operating temperature range
-55°C to +85°C at full rated voltage and with 23 85°C rated voltage
at 125°C.
The gold color epoxy utilized permits laser marking with outstanding
permanency and legibility.
T323 Series capacitors are qualified under MIL-PRF-49137/1 & 5 as
Military Style CX01 & CX05.
Typical applications include decoupling, blocking, bypassing and fil-
tering in commercial computers, data processing, communications,
and other electronic equipment. The low ESR/impedance at high fre-
quencies offered by this capacitor is especially suitable for decou-
pling required by high speed computers.
• CAPACITANCE/VOLTAGE RANGE:
0.1-330µF, 2-50 Volts.
• CAPACITANCE TOLERANCE: Available in standard
EIA nominal values with ±20%, ±10% and ±5% toler-
ance.
• DISSIPATION FACTOR: Maximum DF limits are shown
in corresponding series part number listings on pages
44-48. See Application Notes Section, page 76 for addi-
tional description.
• DC LEAKAGE CURRENT: Each corresponding part
number table lists maximum leakage current for each
capacitor on pages 44 through 48. See Application
Notes Section, page 76 for additional description.
• RATED VOLTAGE; WORKING VOLTAGE; SURGE
VOLTAGE; REVERSE VOLTAGE: See Application
Notes Section, page 76 & 77 for description.
• AC RIPPLE VOLTAGE: Permissible AC ripple voltage is
related to equivalent series resistance (ESR) and power
dissipation capability. Maximum power dissipation for
each case size is listed in Table below. For additional
description see page 79.
• IMPEDANCE and ESR: See Application Notes Section,
pages 77 & 78 for description. Reference ESR values
are shown in adjoining column, this page.
• ENVIRONMENTAL CONSIDERATIONS:
A. Shock Test: MIL-STD-202, Method 213.
B. Thermal Shock, MIL-STD-202, Method 107.
C. Moisture Resistance: MIL-STD-202, Method 106.
D. Solderability: MIL-STD-202, Method 208.
For additional Environmental Test Information see
pages 80, 81 and 82.
• LEAD MATERIAL: Solder coated steel core with copper
ply per MIL-STD-1276.
• LEAD TAPE and REEL: Reeling per specification
RS-296. See pages 71 and 73 for additional infor-
mation.
PERFORMANCE CHARACTERISTICS
Case
Power Dissipation
Size
(max.) @ 25°C (watts)
A
.060
B
.070
C
.080
D
.090
E
.100
F.110
Maximum Power Dissipation Capability @ 25°C
T322 ESR (OHMS) at 100 kHz @ +25
°C
(The ESR values provided below are for reference
only. No warranty, as stated on page 3 and
reincorporated here, is made as to the accuracy of
these values for any particular T322 Series product.)
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
13.0
13.0
10.0
10.0
8.0
8.0
6.0
6.0
5.0
5.0
3.7
3.7
3.0
3.0
2.0
2.0
1.8
1.8
1.6
1.6
0.9
0.9
0.9
0.9
0.7
13.0
13.0
10.0
10.0
8.0
8.0
6.0
6.0
5.0
5.0
3.7
3.7
2.7
2.7
2.1
2.1
1.7
1.7
1.3
1.3
1.0
1.0
0.8
0.8
0.6
10.0
10.0
8.0
8.0
6.0
6.0
5.0
5.0
4.0
4.0
3.2
3.2
2.5
2.5
2.0
2.0
1.6
1.6
1.3
1.3
1.0
1.0
0.8
0.8
0.6
10.0
10.0
9.0
9.0
7.0
7.0
5.5
5.5
4.5
4.5
3.6
3.6
2.9
2.9
2.3
2.3
1.8
1.8
1.4
1.4
1.2
1.2
0.9
0.9
0.6
16.0
14.0
12.0
12.0
10.0
10.0
8.0
8.0
6.0
6.0
5.0
5.0
4.0
4.0
3.1
3.1
2.5
2.5
2.0
2.0
1.5
1.5
1.2
1.2
1.0
1.0
0.8
26.0
26.0
21.0
21.0
17.0
17.0
15.0
15.0
13.0
13.0
10.0
10.0
8.0
8.0
6.0
6.0
5.0
5.0
4.0
4.0
3.0
3.0
2.5
2.5
2.0
2.0
1.6
1.6
1.3
1.3
1.0
1.0
0.8
26.0
26.0
21.0
21.0
17.0
17.0
15.0
15.0
13.0
13.0
10.0
10.0
8.0
8.0
5.0
5.0
3.5
3.5
3.0
3.0
2.5
2.5
2.0
2.0
1.6
1.6
1.2
1.2
1.0
1.0
Cap.
µF
6
Volt
10
Volt
15
Volt
20
Volt
25
Volt
35
Volt
50
Volt


Similar Part No. - T322F474J035AT-C

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T322F474J035AT KEMET-T322F474J035AT Datasheet
576Kb / 15P
   T322 and T323 Series MIL?밣RF??9137/1 and 5 (CX01 and CX05 Style)
More results

Similar Description - T322F474J035AT-C

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
TIM226006P0X CDE-TIM226006P0X Datasheet
196Kb / 4P
   Molded, Radial Lead, Solid Tantalum Capacitors
TAC CDE-TAC Datasheet
233Kb / 4P
   Molded, Axial Lead, Solid Tantalum Capacitors
logo
Vishay Siliconix
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
M34 VISHAY-M34 Datasheet
75Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 11-Aug-09
M35 VISHAY-M35 Datasheet
75Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 09-Sep-09
M34C476K060BZSS VISHAY-M34C476K060BZSS Datasheet
91Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 28-Jul-11
M34C107K030BZSS VISHAY-M34C107K030BZSS Datasheet
91Kb / 5P
   Wet Tantalum Capacitors Surface Mount, Molded Case
Revision: 28-Jul-11
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
logo
AVX Corporation
F931C226KCC AVX-F931C226KCC Datasheet
86Kb / 2P
   Resin-Molded Chip, Standard Tantalum J-Lead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com