Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM21LD16-60-BGTR Datasheet(PDF) 10 Page - Ramtron International Corporation

Part # FM21LD16-60-BGTR
Description  2Mbit F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM21LD16-60-BGTR Datasheet(HTML) 10 Page - Ramtron International Corporation

Back Button FM21LD16-60-BGTR Datasheet HTML 6Page - Ramtron International Corporation FM21LD16-60-BGTR Datasheet HTML 7Page - Ramtron International Corporation FM21LD16-60-BGTR Datasheet HTML 8Page - Ramtron International Corporation FM21LD16-60-BGTR Datasheet HTML 9Page - Ramtron International Corporation FM21LD16-60-BGTR Datasheet HTML 10Page - Ramtron International Corporation FM21LD16-60-BGTR Datasheet HTML 11Page - Ramtron International Corporation FM21LD16-60-BGTR Datasheet HTML 12Page - Ramtron International Corporation FM21LD16-60-BGTR Datasheet HTML 13Page - Ramtron International Corporation FM21LD16-60-BGTR Datasheet HTML 14Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
FM21LD16 - 128Kx16 FRAM
Rev. 1.0
Dec. 2009
Page 10 of 14
Power Cycle Timing (TA = -40° C to + 85° C, VDD = 2.7V to 3.6V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
tPU
Power-Up (after VDD min. is reached) to First Access Time
450
-
µs
tPD
Last Write (/WE high) to Power Down Time
0
-
µs
tVR
VDD Rise Time
50
-
µs/V
1,2
tVF
VDD Fall Time
100
-
µs/V
1,2
Notes
1
Slope measured at any point on VDD waveform.
2
Ramtron cannot test or characterize all VDD power ramp profiles. The behavior of the internal circuits is difficult to predict
when VDD is below the level of a transistor threshold voltage. Ramtron strongly recommends that VDD power up faster than
100ms through the range of 0.4V to 1.0V.
Data Retention (VDD = 2.7V to 3.6V)
Parameter
Min
Units
Notes
Data Retention
10
Years
AC Test Conditions
Input Pulse Levels
0 to 3V
Input and Output Timing Levels
1.5V
Input Rise and Fall Times
3 ns
Output Load Capacitance
30pF
Read Cycle Timing 1 (/CE low, /OE low)
Read Cycle Timing 2 (/CE-controlled)


Similar Part No. - FM21LD16-60-BGTR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM21LD16-60-BGTR RAMTRON-FM21LD16-60-BGTR Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16-60-BGTR CYPRESS-FM21LD16-60-BGTR Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
More results

Similar Description - FM21LD16-60-BGTR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM28V202 CYPRESS-FM28V202 Datasheet
479Kb / 18P
   2Mbit (128Kx16)F-RAM Memory
logo
Ramtron International C...
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM21L16 RAMTRON-FM21L16 Datasheet
224Kb / 14P
   2Mbit FRAM Memory
FM22LD16 RAMTRON-FM22LD16 Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM23MLD16 CYPRESS-FM23MLD16 Datasheet
220Kb / 13P
   8Mbit F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com