Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX401 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # FX401
Description  DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FX401 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  FX401 Datasheet HTML 1Page - Sanyo Semicon Device FX401 Datasheet HTML 2Page - Sanyo Semicon Device FX401 Datasheet HTML 3Page - Sanyo Semicon Device FX401 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FX401
PS No.5028-4/4
No products described or contained herein are intended for use in surgical implants, life-support systems,
aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and
the like, the failure of which may directly or indirectly cause injury, death or property loss.
Anyone purchasing any products described or contained herein for an above-mentioned use shall:
Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates,
subsidiaries and distributors and all their officers and employees, jointly and severally, against any
and all claims and litigation and all damages, cost and expenses associated with such use:
Not impose any responsibilty for any fault or negligence which may be cited in any such claim or
litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of
their officers and employees jointly or severally.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guarant-
eed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees
are made or implied regarding its use or any infringements of intellectual property rights or other rights of
third parties.
This catalog provides information as of May, 1998. Specifications and information herein are subject to
change without notice.


Similar Part No. - FX401

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX403-Q CMLMICRO-FX403-Q Datasheet
291Kb / 6P
   QTC ADDRESS & DATA
FX403K CMLMICRO-FX403K Datasheet
144Kb / 3P
   SMALL PHYSICAL SIZE
logo
Vishay Siliconix
FX4040G71117B1 VISHAY-FX4040G71117B1 Datasheet
364Kb / 6P
   Universal Constant Current Control 1 Channel and 2 Channels The Smallest and Low Profile Constant Current Control 0 - 2.0A, up to 35V, with 170W/in3
Revision: 22-Sep-04
FX4040G71117B5 VISHAY-FX4040G71117B5 Datasheet
364Kb / 6P
   Universal Constant Current Control 1 Channel and 2 Channels The Smallest and Low Profile Constant Current Control 0 - 2.0A, up to 35V, with 170W/in3
Revision: 22-Sep-04
FX4040G71117T1 VISHAY-FX4040G71117T1 Datasheet
364Kb / 6P
   Universal Constant Current Control 1 Channel and 2 Channels The Smallest and Low Profile Constant Current Control 0 - 2.0A, up to 35V, with 170W/in3
Revision: 22-Sep-04
More results

Similar Description - FX401

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com