Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYE-2000AZX-4 Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYE-2000AZX-4
Description  LED DIGIT DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYE-2000AZX-4 Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYE-2000AZX-4 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYE-2000AZX-4 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYE-2000AZX-4 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYE-2000AZX-4 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYE-2000AZX-4 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NINGBO FORYARD OPTO
ELECTRONICS CO.,LTD.
LED DIGIT DISPLAY
PartNO.: FYE-2000AZX-XX
ADD: NO.115 QiXin
Road
NingBo
Zhejiang
China
ZIP.: 315051
TEL: 0086-574-87927870
87933652
FAX:0086-574-87927917
Http://www.foryard.com
E-mail:sales@foryard.com
:
::
: Absolute maximum ratings (Ta=25
Absolute maximum ratings (Ta=25
Absolute maximum ratings (Ta=25
Absolute maximum ratings (Ta=25℃
℃)
))
)
Value
Value
Value
Value
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Test Condition
Min
Min
Min
Min
Max
Max
Max
Max
Unit
Unit
Unit
Unit
Reverse
Voltage
VR
IR=30
µA
5
-----
V
Forward
Current
IF
-----
------
30
mA
Power Dissipation
Pd
-----
------
100
mW
Pulse Current
Ipeak
Duty=0.1mS,
1KHz
------
150
mA
Operating
Temperature
Topr
-----
-40
+85
°C
Storage
Temperature
Tstr
-----
-40
+85
°C
·-XX: Surface / Lens color:
Number
0
1
2
3
4
5
Ref Surface Color
White
Black
Gray
Red
Green
Epoxy Color
Water
clear
White
diffused
Red
Diffused
Green
Diffused
Yellow
Diffused


Similar Part No. - FYE-2000AZX-4

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYE-2000AZX-40 FORYARD-FYE-2000AZX-40 Datasheet
421Kb / 5P
   20.00 Inch (508.00mm) digit height Single Digit Display
FYE-2000AZX-41 FORYARD-FYE-2000AZX-41 Datasheet
421Kb / 5P
   20.00 Inch (508.00mm) digit height Single Digit Display
FYE-2000AZX-42 FORYARD-FYE-2000AZX-42 Datasheet
421Kb / 5P
   20.00 Inch (508.00mm) digit height Single Digit Display
FYE-2000AZX-43 FORYARD-FYE-2000AZX-43 Datasheet
421Kb / 5P
   20.00 Inch (508.00mm) digit height Single Digit Display
FYE-2000AZX-44 FORYARD-FYE-2000AZX-44 Datasheet
421Kb / 5P
   20.00 Inch (508.00mm) digit height Single Digit Display
More results

Similar Description - FYE-2000AZX-4

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-3612AX FORYARD-FYS-3612AX_1 Datasheet
327Kb / 5P
   LED DIGIT DISPLAY
FYS-4011EX FORYARD-FYS-4011EX_1 Datasheet
330Kb / 5P
   LED DIGIT DISPLAY
FYS-4311AX FORYARD-FYS-4311AX_1 Datasheet
327Kb / 5P
   LED DIGIT DISPLAY
FYS-5011AX FORYARD-FYS-5011AX_1 Datasheet
326Kb / 5P
   LED DIGIT DISPLAY
FYS-15011AXX FORYARD-FYS-15011AXX Datasheet
332Kb / 5P
   LED DIGIT DISPLAY
FYS-5612AX FORYARD-FYS-5612AX Datasheet
329Kb / 5P
   LED DIGIT DISPLAY
FYS-18011FX FORYARD-FYS-18011FX Datasheet
367Kb / 5P
   LED DIGIT DISPLAY
FYS-18011AXX FORYARD-FYS-18011AXX Datasheet
346Kb / 5P
   LED DIGIT DISPLAY
FYS-18011CXX FORYARD-FYS-18011CXX Datasheet
343Kb / 5P
   LED DIGIT DISPLAY
FYS-18011EXX FORYARD-FYS-18011EXX Datasheet
375Kb / 5P
   LED DIGIT DISPLAY
FYS-23011HX FORYARD-FYS-23011HX Datasheet
267Kb / 5P
   LED DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com