Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWL10G Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # FWL10G
Description  FAST RECOVERY GLASS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

FWL10G Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  FWL10G Datasheet HTML 1Page - EIC discrete Semiconductors FWL10G Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( FWL005G - FWL10G )
FIG.1 - REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
+
NOTES : 1. Rise Time = 7 ns max., Input Impedance = 1 megaohm , 22 pF.
2. Rise time = 10 ns max., Source Impedance = 50 ohms.
3. All Resistors = Non-inductive Types.
FIG.2 - DERATING CURVE FOR OUTPUT
FIG.3 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 25, 2005
60 Hz, Resistive or Inductive load.
0.8
0.4
0.2
1.0
10
10
1.0
24
0
30
0
12
6
0.01
1
80
0.01
0.1
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25
°C
Pulse W idth = 300
µs
1 % Duty Cycle
SINGLE HALF SINE WAVE
(JEDEC METHOD)
T J = 55
°C
T J = 100
°C
T J = 25
°C
18
0.6
0.375(9.5mm)
Copper Pads
0.22" x 0.22"
(5.5 x5.5mm)
PC Board
20
SET TIME BASE FOR 50/100 ns/cm
Trr
+ 0.5
0
- 0.25
- 1.0 A
1
OSCILLOSCOPE
( NOTE 1 )
1
50
10
D.U.T.
50 Vdc
(approx)
PULSE
GENERATOR
( NOTE 2 )


Similar Part No. - FWL10G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FWL10G EIC-FWL10G Datasheet
20Kb / 2P
   FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - FWL10G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
F2W005G EIC-F2W005G Datasheet
60Kb / 2P
   FAST RECOVERY GLASS
FB40 EIC-FB40_05 Datasheet
79Kb / 3P
   FAST RECOVERY GLASS
FW005G EIC-FW005G_05 Datasheet
82Kb / 2P
   FAST RECOVERY GLASS
logo
HY ELECTRONIC CORP.
FR201G HY-FR201G Datasheet
38Kb / 2P
   GLASS FAST RECOVERY RECTIFIERS
FR101G HY-FR101G Datasheet
34Kb / 2P
   GLASS FAST RECOVERY RECTIFIERS
FR301G HY-FR301G Datasheet
38Kb / 2P
   GLASS FAST RECOVERY RECTIFIERS
FR151G HY-FR151G Datasheet
38Kb / 2P
   GLASS FAST RECOVERY RECTIFIERS
FR601G HY-FR601G Datasheet
35Kb / 2P
   GLASS FAST RECOVERY RECTIFIERS
logo
Shanghai Sunrise Electr...
FR301G SSE-FR301G Datasheet
15Kb / 1P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
1N4933G CHENYI-1N4933G Datasheet
136Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com