Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU804 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # GBU804
Description  Glass Passivated
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

GBU804 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  GBU804 Datasheet HTML 1Page - EIC discrete Semiconductors GBU804 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GBU8005 ~ GBU810
Glass Passivated
Single-Phase Bridge Rectifiers
PRV : 50 - 1000 Volts
Io : 8.0 Amperes
FEATURES :
* Surge overload rating - 200 Amperes peak
* Ideal for printed circuit boards
* Reliable low cost construction utilizing
molded plastic technique
* Plastic material has Underwriters Laboratory
Flammability Classification 94V-0
* Mounting Position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
GBU
8005
GBU
801
GBU
802
GBU
804
GBU
806
GBU
808
GBU
810
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
(with heatsink note2)
8.0
Output Current Tc=100
°C
(without heatsink )
3.2
Peak Forward Surge Current, 8.3ms Single half sine-
wave Superimposed on rated load (JEDEC Method)
Rating for fusing
( t < 8.3 ms. )
I
2t
166
A
2S
Maximum Instantaneous Forward Voltage at IF = 4 A
VF
1.0
V
Maximum DC Reverse Current
TJ = 25 °C
IR
5.0
at Rated DC Blocking Voltage
TJ = 100 °C
IR(H)
500
Typical Junction capacitance per element (Note1)
CJ
60
pF
Typical Thermal Resistance (Note 2)
RθJC
2.2
°C/W
Operating Junction Temperature Range
TJ
- 50 to + 150
°C
Storage Temperature Range
TSTG
- 50 to + 150
°C
Notes :
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC
(2) Device mounted on 100mm x 100mm x 1.6mm Cu. Plate heatsink.
Page 1 of 2
Rev. 02 : March 25, 2005
µA
RATING
IFSM
200
A
IF(AV)
A
Dimensions in inches and ( millimeter )
0.310 (7.9)
0.290 (7.4)
0.085 (2.16)
0.065 (1.65)
0.080 (2.03)
0.065 (1.65)
0.100 (2.54)
0.850 (2.16)
0.88 (22.3)
0.86 (21.8)
~
+
~
0.187 (4.7)
0.148 (3.8)
0.060 (1.52)
0.045 (1.14)
9
o Typ.
0.210
0.190
(5.33)
(4.83)
0.210
0.190
(5.33)
(4.83)
0.210
0.190
(5.33)
(4.83)
* Pb / RoHS Free


Similar Part No. - GBU804

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBU804 DIODES-GBU804 Datasheet
67Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. D-2
logo
Bytesonic Electronics C...
GBU804 BYTESONIC-GBU804 Datasheet
356Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
GBU804 LUGUANG-GBU804 Datasheet
76Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
GBU804 TSC-GBU804 Datasheet
213Kb / 4P
   8A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU804 TSC-GBU804 Datasheet
49Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
More results

Similar Description - GBU804

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
GBU10005 HY-GBU10005 Datasheet
91Kb / 2P
   GLASS PASSIVATED GLASS PASSIVATED
KBP2005G HY-KBP2005G_17 Datasheet
143Kb / 3P
   GLASS PASSIVATED GLASS PASSIVATED
logo
Shenzhen Taychipst Elec...
EGP15A TAYCHIPST-EGP15A Datasheet
2Mb / 2P
   INTERED GLASS PASSIVATED INTERED GLASS PASSIVATED
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
EIC discrete Semiconduc...
GBU8A EIC-GBU8A Datasheet
168Kb / 2P
   Glass Passivated
HFR180 EIC-HFR180 Datasheet
93Kb / 2P
   GLASS PASSIVATED
KBL400G EIC-KBL400G Datasheet
58Kb / 2P
   GLASS PASSIVATED
logo
First Components Intern...
GBL400G FCI-GBL400G Datasheet
235Kb / 2P
   4.0Amp GLASS PASSIVATED BRIGGE Rectifiers GLASS PASSIVATED
logo
HY ELECTRONIC CORP.
MSB20A HY-MSB20A Datasheet
154Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Littelfuse
T10A LITTELFUSE-T10A Datasheet
68Kb / 1P
   Glass passivated junction
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com