Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GF1K Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # GF1K
Description  GLASS PASSIVATED JUNCTION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

GF1K Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  GF1K Datasheet HTML 1Page - EIC discrete Semiconductors GF1K Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 03 : October 14, 2005
RATING AND CHARACTERISTIC CURVES ( GF1A - GF1M )
0.8
0.6
0.4
0.2
1.0
10
1.0
24
0
30
0
18
12
6
1.0
80
0.1
0.01
10
0.1
100
140
020
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
Ta = 25
°C
Ta = 100
°C
TJ = 25
°C
Ta = 25
°C
Pulse Width = 300
μs
2% Duty Cycle
0.01


Similar Part No. - GF1K

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GF1K GE-GF1K Datasheet
90Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Zibo Seno Electronic En...
GF1K ZSELEC-GF1K Datasheet
111Kb / 2P
   1.0A SURFACE MOUNT RECTIFIER
logo
Vishay Siliconix
GF1K VISHAY-GF1K Datasheet
42Kb / 2P
   Surface Mount Glass Passivated Rectifier
Revision: 15-Mar-11
GF1K VISHAY-GF1K Datasheet
88Kb / 4P
   Surface-Mount Glass Passivated Rectifier
01-Jan-2022
logo
Fairchild Semiconductor
GF1K FAIRCHILD-GF1K Datasheet
49Kb / 3P
   General Purpose Rectifiers (Glass Passivated)
More results

Similar Description - GF1K

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
Taiwan Semiconductor Co...
ABS6-T TSC-ABS6-T Datasheet
240Kb / 4P
   Glass passivated junction
logo
Leshan Radio Company
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
   Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com