Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1318 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1318
Description  Parallel-Interface Elapsed Time Counter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1318 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1318_10 Datasheet HTML 5Page - Maxim Integrated Products DS1318_10 Datasheet HTML 6Page - Maxim Integrated Products DS1318_10 Datasheet HTML 7Page - Maxim Integrated Products DS1318_10 Datasheet HTML 8Page - Maxim Integrated Products DS1318_10 Datasheet HTML 9Page - Maxim Integrated Products DS1318_10 Datasheet HTML 10Page - Maxim Integrated Products DS1318_10 Datasheet HTML 11Page - Maxim Integrated Products DS1318_10 Datasheet HTML 12Page - Maxim Integrated Products DS1318_10 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Parallel-Interface Elapsed Time Counter
_____________________________________________________________________
9
input current is IBAT. The oscillator consumes most of
the current. If the oscillator is disabled, the data in the
registers remain static, and the battery input current is
IBATDR, which is primarily due to the leakage of the sta-
tic memory cells.
The DS1318 uses a standard parallel byte-wide interface
to access the register map. Table 1 summarizes the
modes of operation at various power-supply conditions.
Oscillator Circuit
The DS1318 uses an external 32.768kHz crystal. The
oscillator circuit does not require any external resistors
or capacitors to operate. Table 2 specifies several crys-
tal parameters for the external crystal, and Figure 1
shows a functional schematic of the oscillator circuit.
An enable bit in the control register controls the oscilla-
tor. Oscillator startup times are highly dependent upon
crystal characteristics, PC board leakage, and layout.
High ESR and excessive capacitive loads are the major
contributors to long startup times. A circuit using a
crystal with the recommended characteristics and
proper layout usually starts within one second.
An external 32.768kHz oscillator can also drive the
DS1318. In this configuration, the X1 pin is connected
to the external oscillator signal and the X2 pin is left
unconnected.
Clock Accuracy
The accuracy of the clock is dependent upon the accu-
racy of the crystal and the accuracy of the match
between the capacitive load of the oscillator circuit and
the capacitive load for which the crystal was trimmed.
Additional error is added by crystal frequency drift
caused by temperature shifts. External circuit noise
coupled into the oscillator circuit can result in the clock
running fast. Figure 2 shows a typical PC board layout
for isolation of the crystal and oscillator from noise. Refer
to
Application Note 58: Crystal Considerations with
Dallas Real-Time Clocks for more detailed information.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Nominal Frequency
f
O
32.768
kHz
Series Resistance
ESR
50
k
Ω
Load Capacitance
C
L
12.5
pF
Table 2. Crystal Specifications*
*
The crystal, traces, and crystal input pins should be isolated from RF generating signals. Refer to Application Note 58: Crystal
Considerations for Dallas Real-Time Clocks
for additional specifications.
COUNTDOWN CHAIN
RTC
X1
X2
CRYSTAL
CL1CL2
RTC REGISTERS
LOCAL GROUND PLANE (LAYER 2)
CRYSTAL
GND
X2
X1
NOTE: AVOID ROUTING SIGNAL LINES
IN THE CROSSHATCHED AREA
(UPPER LEFT QUADRANT) OF
THE PACKAGE UNLESS THERE IS
A GROUND PLANE BETWEEN THE
SIGNAL LINE AND THE DEVICE PACKAGE.
Figure 1. Oscillator Circuit Showing Internal Bias Network
Figure 2. Layout Example


Similar Part No. - DS1318_10

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1318 DALLAS-DS1318 Datasheet
158Kb / 14P
   Parallel-Interface Elapsed Time Counter
More results

Similar Description - DS1318_10

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1318 DALLAS-DS1318 Datasheet
158Kb / 14P
   Parallel-Interface Elapsed Time Counter
logo
Maxim Integrated Produc...
DS1602 MAXIM-DS1602 Datasheet
187Kb / 8P
   Elapsed Time Counter
093002
logo
Dallas Semiconductor
DS1602 DALLAS-DS1602 Datasheet
123Kb / 10P
   Elapsed Time Counter
DS1603 DALLAS-DS1603 Datasheet
104Kb / 8P
   Elapsed Time Counter Module
logo
Maxim Integrated Produc...
DS1603 MAXIM-DS1603 Datasheet
229Kb / 9P
   Elapsed Time Counter Module
093002
logo
AMI SEMICONDUCTOR
AMIS-70020 AMI-AMIS-70020 Datasheet
331Kb / 7P
   Power Failure Elapsed Time Counter
logo
List of Unclassifed Man...
240211ACAB ETC2-240211ACAB Datasheet
1Mb / 4P
   Elapsed Time Meters
logo
Dallas Semiconductor
DS1682 DALLAS-DS1682 Datasheet
77Kb / 13P
   Total Elapsed Time Recorder with Alarm
DS1682 DALLAS-DS1682_13 Datasheet
208Kb / 14P
   Total-Elapsed-Time Recorder with Alarm
logo
Maxim Integrated Produc...
DS1682 MAXIM-DS1682_V01 Datasheet
804Kb / 14P
   Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com