Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1708 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1708
Description  High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1708 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1708 Datasheet HTML 1Page - Maxim Integrated Products MAX1708 Datasheet HTML 2Page - Maxim Integrated Products MAX1708 Datasheet HTML 3Page - Maxim Integrated Products MAX1708 Datasheet HTML 4Page - Maxim Integrated Products MAX1708 Datasheet HTML 5Page - Maxim Integrated Products MAX1708 Datasheet HTML 6Page - Maxim Integrated Products MAX1708 Datasheet HTML 7Page - Maxim Integrated Products MAX1708 Datasheet HTML 8Page - Maxim Integrated Products MAX1708 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
High-Frequency, High-Power, Low-Noise,
Step-Up DC-DC Converter
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VOUT = VCLK = 3.6V, ONA = ONB = FB = GND, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ONA, ONB, OUT, SS/LIM, 3.3/5 to GND ...............-0.3V to +6.0V
LX to PGND ...........................................................-0.3V to +6.0V
FB, CLK, REF to GND.............................. -0.3V to (VOUT + 0.3V)
PGND to GND .......................................................-0.3V to +0.3V
Continuous Power Dissipation (TA = +70°C)
QSOP (derate 8.30mW/°C above +70°C). ..................667mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
3.3/5 = GND, ISW = 0.5A
3.26
3.34
3.42
Output Voltage
VFB < 0.1V (Note 1)
3.3/5 = OUT, ISW = 0.5A
4.90
5.05
5.20
V
Load Regulation
Measured between 0.5A < ISW < 1.5A (Note 2)
-0.40
-0.60
%/A
FB Regulation Voltage (VFB)
ISW = 0.5A
1.215
1.240
1.265
V
FB Input Current
VFB = 1.5V
1
200
nA
Output Voltage Adjust Range
2.5
5.5
V
Output Undervoltage Lockout
Rising and falling (Note 3)
2.0
2.3
V
Frequency in Startup Mode
VOUT =1.5V
40
400
kHz
Minimum Startup Voltage
IOUT < 1mA, TA = +25°C (Note 4)
0.9
1.1
V
Minimum Operating Voltage
(Note 5)
0.7
V
Soft-Start Pin Current
VSS/LIM = 1V
3.2
4
5.0
μA
OUT Supply Current
VFB = 1.5V (Note 6)
200
300
μA
OUT Leakage Current In
Shutdown
V ONB = 3.6V
0.1
2
μA
LX Leakage Current
VLX = V ONB = VOUT = 5.5V
1
25
μA
N-Channel Switch
On-Resistance
30
80
m
SS/LIM = open
4.5
5.3
7.0
N-Channel Current Limit
SS/LIM = 150k
to GND
1.80
3.00
3.85
A
RMS Switch Current
5
ARMS
Reference Voltage
IREF = 0mA
1.245
1.260
1.275
V
Reference Load Regulation
-1μA
IREF
50μA
4
10
mV
Reference Supply Rejection
2.5V
VOUT
5.5V
0.2
5
mV
ONA,
ONB, 3.3/5, 1.2V < VOUT < 5.5V
0.2
VOUT
Input Low Level (Note 7)
CLK, 2.7V < VOUT < 5.5V
0.2
VOUT
V


Similar Part No. - MAX1708

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1708 MAXIM-MAX1708 Datasheet
332Kb / 13P
   High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 0; 7/01
MAX17080 MAXIM-MAX17080 Datasheet
983Kb / 48P
   AMD 2-/3-Output Mobile Serial VID Controller
Rev 1; 5/09
MAX17080GTL++ MAXIM-MAX17080GTL+ Datasheet
983Kb / 48P
   AMD 2-/3-Output Mobile Serial VID Controller
Rev 1; 5/09
MAX17082 MAXIM-MAX17082 Datasheet
884Kb / 48P
   Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
MAX17082GTL++ MAXIM-MAX17082GTL+ Datasheet
884Kb / 48P
   Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
More results

Similar Description - MAX1708

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1708EEE-T MAXIM-MAX1708EEE-T Datasheet
350Kb / 14P
   High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 1; 11/10
MAX1708 MAXIM-MAX1708 Datasheet
332Kb / 13P
   High-Frequency, High-Power, Low-Noise, Step-Up DC-DC Converter
Rev 0; 7/01
MAX1709 MAXIM-MAX1709_07 Datasheet
315Kb / 14P
   4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
Rev 2; 4/07
MAX1709 MAXIM-MAX1709 Datasheet
502Kb / 12P
   4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
19-1724; Rev 0; 5/00
MAX1709 MAXIM-MAX1709_V01 Datasheet
318Kb / 13P
   4A, Low-Noise, High-Frequency, Step-Up DC-DC Converter
2015
MAX17067 MAXIM-MAX17067 Datasheet
302Kb / 13P
   Low-Noise Step-Up DC-DC Converter
Rev 0; 1/08
logo
Global Mixed-mode Techn...
G5105 GMT-G5105 Datasheet
693Kb / 11P
   Low-Noise Step-up DC-DC Converter
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790 Datasheet
324Kb / 12P
   Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
logo
List of Unclassifed Man...
RT9264 ETC-RT9264 Datasheet
170Kb / 8P
   HIGH FREQUENCY HIGH EFFICIENCY STEP UP DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com