Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2674EWT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2674EWT
Description  GPS/GNSS LNAs with Antenna Switch and Bias
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2674EWT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2674EWT Datasheet HTML 1Page - Maxim Integrated Products MAX2674EWT Datasheet HTML 2Page - Maxim Integrated Products MAX2674EWT Datasheet HTML 3Page - Maxim Integrated Products MAX2674EWT Datasheet HTML 4Page - Maxim Integrated Products MAX2674EWT Datasheet HTML 5Page - Maxim Integrated Products MAX2674EWT Datasheet HTML 6Page - Maxim Integrated Products MAX2674EWT Datasheet HTML 7Page - Maxim Integrated Products MAX2674EWT Datasheet HTML 8Page - Maxim Integrated Products MAX2674EWT Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
GPS/GNSS LNAs with Antenna Switch and Bias
2
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
VCC to GND_........................................................-0.3V to +3.9V
Other Pins to GND_.................................. -0.3V to (VCC + 0.3V)
Maximum Input Power..................................................... +5dBm
Continuous Power Dissipation (TA = +70NC)
WLP (derate 10.5mW/NC above +70NC)......................840mW
Operating Temperature Range.......................... -40NC to +85NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +160NC
Soldering Temperature (reflow, Note 1)..........................+260NC
DC ELECTRICAL CHARACTERISTICS
(VCC = 1.6V to 3.6V, no RF signal applied, TA = -40NC to +85NC. Typical values are at VCC = 3.3V, TA = +25NC, unless otherwise
noted.) (Note 2)
ABSOLUTE MAXIMUM RATINGS
CAUTION! ESD SENSITIVE DEVICE
Note 1: Refer to Application Note 1891: Wafer-Level Packaging (WLP) and its Applications.
AC ELECTRICAL CHARACTERISTICS
(VCC = 1.6V to 3.6V, fRFIN = 1575.42MHz, TA = -40NC to +85NC. Typical values are at VCC = 3.3V, TA = +25NC, unless otherwise
noted.) (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
1.6
3.3
3.6
V
Supply Current
4.5
7
mA
Shutdown Current
VSHDN = 0V
10
F
A
Shutdown Logic-Low
0.45
V
Shutdown Logic-High
1.2
V
ANT Sense Threshold
Causes autosense to switch to ANT
75
200
850
F
A
ANT Current Limit
ANT connected to GND_
20
30
45
mA
ANT Port Supply Drop
Voltage drop from VCC with 10mA load on ANT
75
mV
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum RF Input
Frequency
1575.42
MHz
Maximum RF Input
Frequency
1610
MHz
Power Gain
MAX2674
13
18
dB
MAX2676
11
15
Noise Figure
0.75
dB
In-Band Input IP3
MAX2674, RF input = fO Q2.5MHz at -40dBm each
-2
dBm
MAX2676, RF input = fO Q2.5MHz at -40dBm each
+5
ANT In-Band Input IP3
RF input = fO Q2.5MHz at -25dBm each
+30
dBm


Similar Part No. - MAX2674EWT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2674EWT+T MAXIM-MAX2674EWT+T Datasheet
1Mb / 9P
   GPS/GNSS LNAs with Antenna Switch and Bias
2015
More results

Similar Description - MAX2674EWT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2674 MAXIM-MAX2674_V01 Datasheet
1Mb / 9P
   GPS/GNSS LNAs with Antenna Switch and Bias
2015
MAX2667 MAXIM-MAX2667_12 Datasheet
1Mb / 9P
   GPS/GNSS Ultra-Low-Noise-Figure LNAs
Rev 1; 9/12
MAX2667 MAXIM-MAX2667 Datasheet
869Kb / 8P
   GPS/GNSS Ultra-Low-Noise-Figure LNAs
Rev 0; 9/10
logo
Yuechung International ...
YIC51818GM-37 YIC-YIC51818GM-37 Datasheet
505Kb / 12P
   GPS/GNSS Antenna Module
logo
American Accurate Compo...
JXTXGPS-GN-AV AAC-JXTXGPS-GN-AV Datasheet
130Kb / 1P
   GPS/GNSS Aviation Antenna
logo
Yuechung International ...
YIC51616GMS-37 YIC-YIC51616GMS-37 Datasheet
781Kb / 13P
   GPS/GNSS Antenna Module
YIC51513PGM-37 YIC-YIC51513PGM-37 Datasheet
189Kb / 10P
   GPS/GNSS Antenna Module
logo
American Accurate Compo...
JXTXGPS-L1L2-GN AAC-JXTXGPS-L1L2-GN Datasheet
111Kb / 1P
   GPS & GNSS L1/L2 Antenna
logo
Abracon Corporation
ACA-106-T ABRACON-ACA-106-T Datasheet
1Mb / 4P
   BEIDOU / GPS / GNSS Chip Antenna
10.06.14
logo
TE Connectivity Ltd
602-442-XXX TEC-602-442-XXX Datasheet
662Kb / 2P
   GNSS (GPS/GLONASS) Screw Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com