Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5214GUA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5214GUA
Description  14-/16-Bit, Low-Power, High-Performance, Buffered Single DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5214GUA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5214GUA Datasheet HTML 7Page - Maxim Integrated Products MAX5214GUA Datasheet HTML 8Page - Maxim Integrated Products MAX5214GUA Datasheet HTML 9Page - Maxim Integrated Products MAX5214GUA Datasheet HTML 10Page - Maxim Integrated Products MAX5214GUA Datasheet HTML 11Page - Maxim Integrated Products MAX5214GUA Datasheet HTML 12Page - Maxim Integrated Products MAX5214GUA Datasheet HTML 13Page - Maxim Integrated Products MAX5214GUA Datasheet HTML 14Page - Maxim Integrated Products MAX5214GUA Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
______________________________________________________________________________________ 11
14-/16-Bit, Low-Power,
High-Performance, Buffered Single DACs
Pin Description
Pin Configuration
Detailed Description
The MAX5214/MAX5216 are pin-compatible and soft-
ware-compatible 14-bit and 16-bit DACs. The MAX5214/
MAX5216 are single-channel, low-power, high-refer-
ence input resistance, and buffered voltage-output
DACs. The MAX5214/MAX5216 minimize the digital
noise feedthrough from their inputs to their outputs by
powering down the SCLK and DIN input buffers after
completion of each data frame. The data frames are
16-bit for the MAX5214 and 24-bit for the MAX5216. On
power-up, the MAX5214/MAX5216 reset the DAC output
to zero, providing additional safety for applications that
drive valves or other transducers which need to be off on
power-up. The MAX5214/MAX5216 contain a segmented
resistor string-type DAC, a serial-in/parallel-out shift reg-
ister, a DAC register, power-on-reset (POR) circuit, CLR
to asynchronously clear the device independent of the
serial interface, and control logic. On the falling edge
of the clock (SCLK) pulse, the serial input (DIN) data is
shifted into the device, MSB first.
Output Amplifier (OUT)
The MAX5214/MAX5216 include an internal buffer on the
DAC output. The internal buffer provides improved load
regulation and transition glitch suppression for the DAC
output. The output buffer slews at 0.5V/Fs and drives
up to 10kI in parallel with 100pF. The analog supply
voltage (VDD) determines the maximum output voltage
range of the device as VDD powers the output buffer.
DAC Reference (REF)
The external reference input features a typical input
impedance of 256kI and accepts an input voltage
from +2V to VDD. Connect an external voltage supply
between REF and GND to apply an external reference.
Visit www.maxim-ic.com/products/references for a list
of available voltage-reference devices.
OUT
CLR
DIN
1
2
8
7
GND
VDD
CS
SCLK
REF
µMAX
TOP VIEW
3
4
6
5
MAX5214
MAX5216
PIN
NAME
FUNCTION
1
REF
Reference Voltage Input. Bypass REF with a 0.1FF capacitor to GND.
2
CS
Active-Low Chip-Select Input
3
SCLK
Serial-Clock Input
4
DIN
Data In
5
CLR
Active-Low Asynchronous Digital-Clear Input. Drive CLR low to clear the contents of the input and
DAC registers and set the DAC output to zero.
6
OUT
Buffered DAC Output
7
VDD
Supply Voltage. Bypass VDD with a 0.1FF capacitor to GND.
8
GND
Ground


Similar Part No. - MAX5214GUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX521 MAXIM-MAX521 Datasheet
274Kb / 20P
   Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX5215 MAXIM-MAX5215 Datasheet
7Mb / 27P
   14-/16-Bit, Low-Power, Buffered Output,Rail-to-Rail DACs with I2C Interface
Rev 0; 11/12
MAX5215GUA MAXIM-MAX5215GUA Datasheet
7Mb / 27P
   14-/16-Bit, Low-Power, Buffered Output,Rail-to-Rail DACs with I2C Interface
Rev 0; 11/12
MAX5216 MAXIM-MAX5216 Datasheet
1Mb / 12P
   MAX5216 Evaluation Kit
Rev 0; 6/11
MAX5216 MAXIM-MAX5216 Datasheet
1Mb / 12P
   MAX5216 Evaluation Kit
Rev 0; 6/11
More results

Similar Description - MAX5214GUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5138 MAXIM-MAX5138_12 Datasheet
483Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
MAX5138 MAXIM-MAX5138 Datasheet
360Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 1; 4/09
MAX5215 MAXIM-MAX5215 Datasheet
7Mb / 27P
   14-/16-Bit, Low-Power, Buffered Output,Rail-to-Rail DACs with I2C Interface
Rev 0; 11/12
logo
Linear Technology
LTC2642 LINER-LTC2642_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
LTC2000A LINER-LTC2000A_15 Datasheet
1Mb / 52P
   16-/14-/11-Bit 2.7Gsps DACs
LTC2641 LINER-LTC2641_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
LTC2000 LINER-LTC2000_15 Datasheet
1Mb / 52P
   16-/14-/11-Bit 2.5Gsps DACs
logo
Analog Devices
LTC2000 AD-LTC2000 Datasheet
1Mb / 54P
   16-/14-/11-Bit 2.5Gsps DACs
logo
Linear Technology
LTC2000A LINER-LTC2000A Datasheet
1Mb / 54P
   16-/14-/11-Bit 2.7Gsps DACs
LTC1666 LINER-LTC1666_15 Datasheet
887Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com