Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6613MXV Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6613MXV
Description  Low-Voltage Analog Temperature Sensor in an SC70 Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6613MXV Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6613MXV Datasheet HTML 1Page - Maxim Integrated Products MAX6613MXV Datasheet HTML 2Page - Maxim Integrated Products MAX6613MXV Datasheet HTML 3Page - Maxim Integrated Products MAX6613MXV Datasheet HTML 4Page - Maxim Integrated Products MAX6613MXV Datasheet HTML 5Page - Maxim Integrated Products MAX6613MXV Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Detailed Description
The MAX6613 analog output temperature sensor’s out-
put voltage is a discrete function of its die temperature.
The maximum supply current is 13µA, and the supply
voltage range is from 2.5V to 5.5V for the -55°C to
+130°C temperature range, or 1.8V to 5.5V for the
+25°C to +130°C temperature range.
Transfer Function
The temperature-to-voltage transfer function is approxi-
mately linear and can be described by the quadratic
equation:
VOUT = -0.0000022 T2 - 0.01105 T + 1.8455V
In many cases, a linear approximation can be applied:
VOUT = -0.01123 T + 1.8455V
where T is the die temperature of the MAX6613 in °C.
Therefore:
T = (1.8455 - VOUT) / 0.01123V
Compatibility with Other Temperature
Sensors
The MAX6613 can be used to replace temperature sen-
sors using other output algorithms. Table 1 provides
information for a linear and quadratic output equation.
Contact the factory for performance information about
another equation.
Low-Voltage Analog Temperature
Sensor in an SC70 Package
4
_______________________________________________________________________________________
Table 1. Linear and Quadratic Output Equation
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 2.7V, TA = -55°C
0.6
7.9
VCC = 2.7V, TA = -20°C
-0.4
+5.8
VCC = 2.7V, TA = 0°C
-0.9
+4.5
VCC = 2.7V, TA = +50°C
-2.6
+3.0
VCC = 2.7V, TA = +85°C
-3.6
+3.5
VCC = 2.7V, TA = +100°C
-4.0
+3.7
VCC = 2.7V, TA = +125°C
-4.8
+4.2
Temperature Error
Based on:
OUT = 1.8639 - 0.0115 x Temp
(Note 4)
VCC = 2.7V, TA = +130°C
-5.1
+4.2
°C
VCC = 2.7V, TA = -55°C
-0.4
+6.9
VCC = 2.7V, TA = -20°C
-0.6
+5.7
VCC = 2.7V, TA = 0°C
-0.9
+4.5
VCC = 2.7V, TA = +50°C
-3.5
+2.1
VCC = 2.7V, TA = +85°C
-6.1
+1.0
VCC = 2.7V, TA = +100°C
-7.4
+0.4
VCC = 2.7V, TA = +125°C
-10.1
-1.0
Temperature Error
Based on:
OUT = 1.8639 - 0.0115 x Temp -
0.00000388 x Temp2 (Note 4)
VCC = 2.7V, TA = +130°C
-10.8
-1.5
°C


Similar Part No. - MAX6613MXV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6613MXK+T MAXIM-MAX6613MXK+T Datasheet
641Kb / 6P
   Low-Voltage Analog Temperature Sensor in an SC70 Package
2015
MAX6613MXK-T MAXIM-MAX6613MXK-T Datasheet
114Kb / 6P
   Low-Voltage Analog Temperature Sensor in an SC70 Package
Rev 1; 11/03
MAX6613MXK/V+T MAXIM-MAX6613MXK/V+T Datasheet
641Kb / 6P
   Low-Voltage Analog Temperature Sensor in an SC70 Package
2015
More results

Similar Description - MAX6613MXV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6613 MAXIM-MAX6613_V01 Datasheet
641Kb / 6P
   Low-Voltage Analog Temperature Sensor in an SC70 Package
2015
MAX6613 MAXIM-MAX6613 Datasheet
114Kb / 6P
   Low-Voltage Analog Temperature Sensor in an SC70 Package
Rev 1; 11/03
MAX6612 MAXIM-MAX6612 Datasheet
124Kb / 5P
   High-Slope, Low-Power, Analog Temperature Sensor in an SC70 Package
Rev 0; 7/02
MAX6605 MAXIM-MAX6605_09 Datasheet
125Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 3; 12/09
MAX6605 MAXIM-MAX6605_08 Datasheet
97Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 2; 11/08
MAX6605 MAXIM-MAX6605 Datasheet
130Kb / 5P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 0; 10/00
logo
Global Mixed-mode Techn...
G711 GMT-G711 Datasheet
45Kb / 1P
   Low-Voltage Analog Temperature Sensor in Tiny Package
logo
Maxim Integrated Produc...
MAX9155 MAXIM-MAX9155 Datasheet
147Kb / 9P
   Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
19-2213; Rev 0; 10/01
MAX9155EXT MAXIM-MAX9155EXT Datasheet
149Kb / 9P
   Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
Rev 0; 10/01
MAX6607 MAXIM-MAX6607 Datasheet
135Kb / 6P
   Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
Rev 1; 6/01
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com